Part Number Hot Search : 
15530 C16LF MX929B 5ETTT EL7182CS G525A1 C16LF BT390
Product Description
Full Text Search
 

To Download 2SC4159 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC4159
DESCRIPTION *High Collector-Emitter Breakdown VoltageV(BR)CEO= 160V (Min) *Large Current Capacity *Complement to Type 2SA1606
APPLICATIONS *Designed for high-voltage switching, AF power amplifier, 100W output predrivers.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
w
ww
VALUE
scs .i
UNIT 180 V 160 V 6.0 V 1.5 A 3 A
.cn mi e
IC
Collector Current-Continuous
ICM
Collector Current-Peak Total Power Dissipation @ TC=25 Junction Temperature
PC
15
W
TJ
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCE(sat) VBE(on) ICBO IEBO hFE fT COB PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter On Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain Current-Gain--Bandwidth Product Output Capacitance CONDITIONS IC= 1mA; IE= 0 IC= 1mA; RBE= IE= 1mA; IC= 0 IC= 500mA; IB= 50mA IC= 10mA; VCE= 5V VCB= 120V; IE= 0 VEB= 4V; IC= 0 MIN 180 160 6 0.3
2SC4159
TYP.
MAX
UNIT V V V V
1.5 10 10 200 100 23
V A A
Switching Times ton tstg tf
Turn-on Time Storage Time Fall Time
ww w
scs .i
IC= 300mA; VCE= 5V
IC= 50mA; VCE= 10V
IE= 0; VCB= 10V; f= 1.0MHz
.cn mi e
60
MHz pF
0.15 IC= 0.5A, RL= 40, IB1= -IB2= 50mA, VCC= -20V; PW= 20s 0.81 0.48
s s s
hFE Classifications D 60-120 E 100-200
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC4159

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X