Part Number Hot Search : 
A0934 A0934 09VL1 LCFS1055 BAV16W06 ISPLSI L45GB DTC143
Product Description
Full Text Search
 

To Download 2SC4153 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
2SC4153
DESCRIPTION With TO-220F package Switching transistor APPLICATIONS For humidifier ,DC-DC converter and general purpose applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-peak Base current (DC) Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 200 120 8 7 14 3 30 150 -55~150 ae ae UNIT V V V A A A W
JMnic
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=50mA ;IB=0 IC=3A ;IB=0.3A IC=3A; IB=0.3A VCB=200V; IE=0 VEB=8V; IC=0 IC=0.6A ; VCE=4V IC=3A ; VCE=4V IE=-0.5A ; VCE=12V f=1MHz;VCB=10V 70 70 MIN 120
2SC4153
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V
0.5 1.2 0.1 0.1 250 220 30 110
V V mA mA
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=3A IB1=0.3A ,IB2=-0.6A VCC=50V, RL=16.7| 0.5 3.0 0.5 |I |I |I s s s
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4153
Fig.2 outline dimensions
3
JMnic
Product Specification
Silicon NPN Power Transistors
2SC4153
4


▲Up To Search▲   

 
Price & Availability of 2SC4153

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X