Part Number Hot Search : 
PE6808 BFC45 78L24A FRK9160R AME9172 C3150 1F155APF C3149
Product Description
Full Text Search
 

To Download 2SC2371 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
2SC2371
DESCRIPTION With TO-126 package High Voltage High frequency APPLICATIONS For TV chroma output and vertical output applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Ta=25ae PC Collector power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature 10 150 -40~150 ae ae Open emitter Open base Open collector CONDITIONS VALUE 300 300 6 0.1 0.2 1.25 W UNIT V V V A A
JMnic
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SC2371
SYMBOL
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=30mA ;IB=3m A
1.5
V
VBE
Base-emitter on voltage
IC=10mA ; VCE=10V
1.2
V
V(BR)CBO
Collector-base breakdown voltage
IC=100|I
A;IE=0
300
V
V(BR)CEO
Collector-emitter breakdown voltage
IC=1mA; IB=0
300
V
V(BR)EBO
Emitter-base breakdown voltage
IE=100|I
A; IC=0
6
V
hFE
DC current gain
IC=10mA ; VCE=10V
40
250
ICBO
Collector cut-off current
VCB=200V; IE=0
0.1
|I
A
IEBO
Emitter cut-off current
VEB=4V; IC=0
0.1
|I
A
COB
Output capacitance
IE=0; VCB=30V;f=1MHz
3
pF
fT
Transition frequency
IE=10mA ; VCB=30V
50
MHz
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2371
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC2371

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X