Part Number Hot Search : 
D2412 9010D 3LP02M 2SK1192 DV2805 V5103 AVS1AC HG62E58
Product Description
Full Text Search
 

To Download 2SC2238A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2238 2SC2238A 2SC2238B
DESCRIPTION With TO-220 package Complement to type 2SA968 High breakdown votage APPLICATIONS Power amplifier applications Driver stage amplifier applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL PARAMETER

VCBO
CHA IN
Emitter-base voltage Collector current Emitter current
Collector-base voltage
GE S N
2SC2238A 2SC2238B 2SC2238 2SC2238A 2SC2238B
2SC2238
EMIC
Open emitter Open base
CONDITIONS
OND
TOR UC
VALUE 160 180 200 160 180 200
UNIT
V
VCEO
Collector-emitter voltage
V
VEBO IC IE PT Tj Tstg
Open collector
5 1.5 -1.5
V A A W ae ae
Total power dissipation Junction temperature Storage temperature
TC=25ae
25 150 -55~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SC2238 V(BR)CEO Collector-emitter breakdown voltage 2SC2238A 2SC2238B V(BR)EBO VCEsat VBE ICBO IEBO hFE Cob fT Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current
2SC2238 2SC2238A 2SC2238B
SYMBOL
CONDITIONS
MIN 160
TYP.
MAX
UNIT
IC=10mA; IB=0
180 200
V
IE=1mA; IC=0 IC=500A; IB=50mA IC=500mA ; VCE=5V VCB=160V ;IE=0 VEB=5V; IC=0 IC=100mA ; VCE=5V
5 1.5 1.0 1.0 1.0 |I |I
V V V A A
DC current gain

Output capacitance Transition frequency
hFE Classifications O 70-140 Y
HAN INC
120-240
SEM GE
IE=0 ; VCB=10V,f=1MHz
OND IC
70
TOR UC
240 25 100
pF MHz
IC=100mA ; VCE=10V
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2238 2SC2238A 2SC2238B
SEM GE
HAN INC
OND IC
0.10 mm)
TOR UC
Fig.2 Outline dimensions(unindicated tolerance:A
3


▲Up To Search▲   

 
Price & Availability of 2SC2238A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X