Part Number Hot Search : 
LM2575 BB510 16080 MAX809T AN79M00 A8337 10T08ACW 100C0
Product Description
Full Text Search
 

To Download 2SB1101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SB1101
DESCRIPTION With TO-220 package Complement to type 2SD1601 DARLINGTON High DC current gain APPLICATIONS For low frequency power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -60 -60 -7 -4 -8 40 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SB1101
SYMBOL
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-25mA ,IB=0
-60
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-50mA ,IC=0
-7
V
VCEsat -1
Collector-emitter saturation voltage
IC=-2A; IB=-4mA
-1.5
V
VCEsat -2
Collector-emitter saturation voltage
IC=-4A; IB=-40mA
-3.0
V
VBEsat-1
Base-emitter saturation voltage
IC=-2A; IB=-4mA
-2.0
V
VBEsat-2
Base-emitter saturation voltage
IC=-4A; IB=-40mA
-3.5
V
ICBO
Collector cut-off current
VCB=-60V; IE=0
-100
|I
A
ICEO
Collecto cut-off current
VCE=-50V; RBE=
-10
|I
A
hFE
DC current gain
IC=-2A ; VCE=-3V
1000
20000
VD
Diode forward voltage
ID=4A;
3.0
V
Switching times ton ts tf Turn-on time Storage time Fall time IC=-2A IB1=-IB2=-4mA 0.8 4.0 1.0 |I |I |I s s s
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1101
Fig.2 Outline dimensions(unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X