Part Number Hot Search : 
SF153 1N1616 MAZ4036 G12232 CE20V8H C1112 79L12 ASI10701
Product Description
Full Text Search
 

To Download 299-93-318-10-001000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DUAL-IN-LINE SOCKETS Right Angle Mount Closed Frame
2,79
Series 299
* For components to be mounted
perpendicularly to the PCB, such as LED displays.
3,71 2,39
* Horizontal mount solder tails are
available with either 7,62 (standard) or 2,54 row spacing.
* Series 299 use MM #1103/0903,
0,46 DIA. 3,2 0,46 DIA.
#1103/1610 or #1103/0904 pins. See pages 137 & 138 for details.
0,46 DIA.
* Hi-Rel, 4-finger BeCu #30 contact
E= 2,54
5,59
E=7,62
5,59
E=7,62
5,59
is rated at 3 amps. See page 218 for details.
* Insulators are high temperature
thermoplastic.
Total number of pins
Quantity per tube
Ordering Information
E=7,62
299-XX-306-10-001000 299-XX-308-10-001000 299-XX-310-10-001000 299-XX-312-10-001000 299-XX-314-10-001000 299-XX-316-10-001000 299-XX-318-10-001000 299-XX-320-10-001000 299-XX-324-10-001000 299-XX-608-10-002000 299-XX-610-10-002000 299-XX-612-10-002000 299-XX-614-10-002000 299-XX-616-10-002000 299-XX-618-10-002000 299-XX-620-10-002000 299-XX-622-10-002000 299-XX-624-10-002000 299-XX-626-10-002000 299-XX-628-10-002000 299-XX-630-10-002000 299-XX-632-10-002000 299-XX-636-10-002000 299-XX-640-10-002000
2,54
A 7,6 10,1 12,6 15,2 17,7 20,3 22,8 25,3 30,4 10,1 12,6 15,2 17,7 20,3 22,8 25,3 27,8 30,4 33,0 35,5 38,1 40,6 45,7 50,8
B 7,62 7,62 7,62 7,62 7,62 7,62 7,62 7,62 7,62 15,24 15,24 15,24 15,24 15,24 15,24 15,24 15,24 15,24 15,24 15,24 15,24 15,24 15,24 15,24
C 10,1 10,1 10,1 10,1 10,1 10,1 10,1 10,1 10,1 17,7 17,7 17,7 17,7 17,7 17,7 17,7 17,7 17,7 17,7 17,7 17,7 17,7 17,7 17,7
E=2,54
299-XX-306-11-001000 299-XX-308-11-001000 299-XX-310-11-001000 299-XX-312-11-001000 299-XX-314-11-001000 299-XX-316-11-001000 299-XX-318-11-001000 299-XX-320-11-001000 299-XX-324-11-001000
6 8 10 12 14 16 18 20 24 8 10 12 14 16 18 20 22 24 26 28 30 32 36 40
33 29 25 22 20 16 50 40 34 28 25 22 20 18 16 15 14 13 12 11 10
For Electrical, Mechanical & Enviromental Data, See pg. 4
XX=Plating Code See Below
For RoHS compliance select plating code.
2002/95/EC
RoHS
SPECIFY PLATING CODE XX=
13
91
93 5,08mSn/Pb 0,76m Au
99
41
43 5,08m Sn 0,76m Au
44
Sleeve (Pin) Contact (Clip)
w w w. m i l l - m a x . c o m
61
516-922-6000


▲Up To Search▲   

 
Price & Availability of 299-93-318-10-001000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X