Part Number Hot Search : 
2SK996 BF800 AT54C TP200 20030 BF800 20030 K2520
Product Description
Full Text Search
 

To Download 2730 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cord Sets www.schurter.com/pg07_2 Interconnection Cord with IEC Plug C, Straight
2730
C
70 C
Description Approvals
Interconnection Cord, Protection class II, Pin temperature 70 C, Cable - VDE License Number: 40005801 - UL License Number: E45116 - CSA License Number: 1020530
References Weblinks
General Product Information Approvals, RoHS, CHINA-RoHS, Mating Connectors, e-Store, Distributor-Stock-Check, Accessories
Technical Data
Ratings IEC Ratings UL/CSA Dielectric Strength 2.5 A / 250 VAC; 50 Hz 2.5 A / 250 VAC; 60 Hz > 2 kVDC between L-N > 2 kVAC between L/N-PE (1 min/50 Hz) -25 C to 70 C from front side IP 20 acc. to IEC 60529 Suitable for appliances with protection class 2 acc. to IEC 61140 moulded PVC, black or grey 23 mm Plug C acc. to IEC/EN 60320-1 UL 498, CSA C22.2 no. 42 (for cold conditions) pin-temperature 70 C, 2.5 A, Protection Class 2
Allowable Operation Temp. Degree of Protection Protection Class Terminal Material: Housing
Dimensions
10
14.8 11.7 66
Connectors
23
2730
www.schurter.com/pg07_2 Config. Code 2730|-|R|-|Type|-|D|-|Length|
The characters are placeholders for the correspondingly keys of selections from the key tables. Typ steht fur die Dose bzw. 2. Seite, Lange ist die Leitungslange in mm.
Cord Sets
Product Configurator
2730|-| R |-|Type|-|D|-|Length| = cord type
cord type H03VV-F 2x0,75mm2 H03VVH2-F 2x0,75mm2 H05VV-F 2x0,75mm2 H05VVH2-F 2x0,75mm2 SVT 2x18AWG special cord Cord definition is detailed in general product information XXX Configuration key A B D E M Z
2730|-|R|-|Type|-| D |-|Length| = Color
Color jet black; RAL9005 silver grey; RAL7001 standard color: black Configuration key A B
2730|-|R|-|Type|-|D|-| Length | = Cord length
Cord length zzzz, 000500, 001000, 001500, 002000, 002500, 003000, 005000 Cord length in mm
2730|-|R|-| Type |-|D|-|Length| = Cord end 2
Cord end 2 zzzz, 2510, 2511, 4810
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete IEC Appliance Outlet D, Snap-in Mounting, Front Side, Solder Terminal IEC Appliance Outlet D, Screw-on Mounting, Front Side, Solder Terminal Appliance Outlet further types to 2730 5083 5088
Connector Overview complete IEC Appliance Outlet D, Screw-on Mounting, Front Side, Solder Terminal IEC Appliance Outlet D, insert Mounting, Solder Terminal Connector further types to 2730 5084 5086
Power Cord Overview complete Power Cord with IEC Connector C7, Straight 70C Power Cord with IEC Connector C7, Angled Power Cord with IEC Plug C7, Angled Power Cord with IEC Connector C7, Straight 70C Power Cord further types to 2730 2510 2511 2514 4810
2
The specifications, descriptions and illustrations indicated in this document are based on Connectors current information. All content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 2730

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X