Part Number Hot Search : 
QH1N1R2 DUG12C SB840FCT 73600 TEA2021 TMR4810 ZMY160 2SD866AP
Product Description
Full Text Search
 

To Download 2562-H-ABC0-D-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Connectors (Inlets/Outlets) www.schurter.com/pg07 IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2562
C6
70 C
Description
-PanelMount: Screw-onmounting,FrontsideApplianceInlet,Pintemperature70C ProtectionclassI
References Weblinks
GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,Distributor-StockCheck,Accessories
Approvals
-VDELicenseNumber:40002273 -ULLicenseNumber:E96454 -CSALicenseNumber:27324
Technical Data
RatingsIEC RatingsUL/CSA DielectricStrength 2.5A/250VAC;50Hz 2.5A/250VAC;60Hz >4kVACbetweenL-N >2kVACbetweenL/N-PE (1min/50Hz) -25Cto70C fromfrontsideIP20acc.toIEC60529 Suitableforapplianceswithprotection class1acc.toIEC61140 UL94V-0 ApplianceInlet C6acc.toIEC/EN60320-1 UL498,CSAC22.2no.42(forcold conditions)pin-temperature70C, 2.5A,ProtectionClass1
AllowableOperationTemp. DegreeofProtection ProtectionClass Material:Housing
Dimensions
39
R o 2. 8 3
39mm
17 30
15.7 - 0
15.5
17.5
19
+0.2
R 4
R
22.5 30 20.6
3.5 1
20.8 - 0
+0.2
<4
Lenght of the terminal please find at the order code configuration table
Connectors
2562
www.schurter.com/pg07 Config. Code
Connectors (Inlets/Outlets)
ProductConfigurator
2562|-|H|-|A|B|C|0-|D|-|E|
Thecharactersareplaceholdersforthecorrespondinglykeysofselectionsfromthekeytables.
2562|-| H |-|A|B|C|0-|D|-|E| = Type
Type protection class 1
2562|-|H|-|A|B| C |0-|D|-|E| = Terminals
Configuration key X Terminal Ground PCB-terminal (standard) blade terminal (2,8x0,8mm) SymbolssimilarasintableA
Configuration key 4 7
2562|-|H|-| A |B|C|0-|D|-|E| = Terminals
Terminal L short solder terminal (L=4,8mm) long solder terminal (L=8,5mm) PCB-terminal (standard) blade terminal (2,8x0,8mm)
Configuration key 2 3
2562|-|H|-|A|B|C|0-| D |-|E| = Color
Color jet black; RAL9005 Configuration key A B D
4 7
silver grey; RAL7001 pure white; RAL9010 standardcolor:black
2562|-|H|-|A| B |C|0-|D|-|E| = Terminals
Terminal N short solder terminal (L=4,8mm) long solder terminal (L=8,5mm) PCB-terminal (standard) blade terminal (2,8x0,8mm) SymbolssimilarasintableA
2562|-|H|-|A|B|C|0-|D|-| E | = Style
Configuration key 2 3 4 7
Style flange with through holes
Configuration key 2
Variants
Config. Code 2562--4440-A-2 Description Order Number
2562, IEC Appliance Inlet C6, 70C, version: 1, L: PCB-terminal (standard), N: PCB-terminal (standard), ground: PCB-terminal (stan- 6160.0002 dard), color: jet black; RAL9005, design: flange with through holes
ThelistetvariantsshouldbeavailablefromstockOtherversionsonrequestwww.schurter.com/contact
Packaging unit
50Pcs
Mating Outlets/Connectors
Category / Description
Power Cord Overview complete Power Cord with IEC Connector C5, Angled Power Cord with IEC Connector C5, Straight Power Cord further types to 2562 2512 2530
2
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Connectors currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of 2562-H-ABC0-D-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X