Part Number Hot Search : 
GS881E36 AD9944 100JP GS881E36 X28C256D 1N4370 1SMB13 FMMTA12
Product Description
Full Text Search
 

To Download 2561-H-ABC0-D-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Connectors (Inlets/Outlets) www.schurter.com/pg07 IEC Appliance Inlet C6, Screw-on Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
256
C6
70 C
Description
-PanelMount: -Screw-onmounting,fromfrontorrear-side -ApplianceInlet,Pintemperature70CProtectionclassI,
References Weblinks
GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,Distributor-StockCheck,Accessories
Approvals
-VDELicenseNumber:40002273 -ULLicenseNumber:E96454 -CSALicenseNumber:27324
Technical Data
RatingsIEC RatingsUL/CSA DielectricStrength 2.5A/250VAC;50Hz 2.5A/250VAC;60Hz >4kVACbetweenL-N >2kVACbetweenL/N-PE (1min/50Hz) -25Cto70C fromfrontsideIP20acc.toIEC60529 Suitableforapplianceswithprotection class1acc.toIEC61140 UL94V-0 ApplianceInlet C6acc.toIEC/EN60320-1 UL498,CSAC22.2no.42(forcold conditions)pin-temperature70C, 2.5A,ProtectionClass1
AllowableOperationTemp. DegreeofProtection ProtectionClass Material:Housing
Dimensions
37
o 3. 2
37mm
18
28
15.7 - 0
15.5
19
+0.2
28 20.6
2.5
20.8 - 0
+0.2
R <4
Lenght of the terminal please find at the order code configuration table
Connectors
256
www.schurter.com/pg07 Config. Code
Connectors (Inlets/Outlets)
ProductConfigurator
2561|-|H|-|A|B|C|0-|D|-|E|
Thecharactersareplaceholdersforthecorrespondinglykeysofselectionsfromthekeytables.
2561|-| H |-|A|B|C|0-|D|-|E| = Type
Type protection class 1
2561|-|H|-|A|B| C |0-|D|-|E| = Terminals
Configuration key X Terminal Ground short solder terminal (L=4,8mm) long solder terminal (L=8,5mm) PCB-terminal (standard) Configuration key 2 3 4 jet black; RAL9005 7 blade terminal (2,8x0,8mm) SymbolssimilarasintableA
Configuration key 2 3 4 7
2561|-|H|-| A |B|C|0-|D|-|E| = Terminals
Terminal L short solder terminal (L=4,8mm) long solder terminal (L=8,5mm) PCB-terminal (standard) blade terminal (2,8x0,8mm)
2561|-|H|-|A|B|C|0-| D |-|E| = Color
Color Configuration key A B D
silver grey; RAL7001 pure white; RAL9010 standardcolor:black
2561|-|H|-|A| B |C|0-|D|-|E| = Terminals
Terminal N short solder terminal (L=4,8mm) long solder terminal (L=8,5mm) PCB-terminal (standard) blade terminal (2,8x0,8mm) SymbolssimilarasintableA
Configuration key 2 3 4 7
2561|-|H|-|A|B|C|0-|D|-| E | = Style
Style flange with countersunk holes flange with through holes Configuration key 1 2
Variants
Config. Code 2561-X-2220-A-1 Description 2561, IEC Appliance Inlet C6, 70C, Schutzklasse 1, L: short solder terminal (L=4,8mm), N: short solder terminal (L=4,8mm), Erde: short solder terminal (L=4,8mm), Farbe jet black; RAL9005, Bauform: flange with countersunk holes, Mass X: Order Number 6160.0001
ThelistetvariantsshouldbeavailablefromstockOtherversionsonrequestwww.schurter.com/contact
Packaging unit
50Pcs
Mating Outlets/Connectors
Category / Description
Power Cord Overview complete Power Cord with IEC Connector C5, Angled Power Cord with IEC Connector C5, Straight Power Cord further types to 2561 2512 2530
2
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Connectors currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of 2561-H-ABC0-D-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X