![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
"High Frequency Ceramic Solutions" 2.45 GHz Band Pass Filter Detail Specification: 03/30/06 P/N 2450BP14C0100 Page 1 of 2 General Specifications Part Number Frequency (MHz) Insertion Loss Return Loss Attenuation (min.) Attenuation (min.) Attenuation (min.) Attenuation (min.) Attenuation (min.) 2450BP14C0100 2400 - 2500 2.0 dB max. 9.5 dB min. 30 dB @ 880 -915 MHz 25 dB @ 1710 - 1785 MHz 20 dB @ 1850 - 1910 MHz 30 dB @ 4800 - 5000 MHz 20 dB @ 7200 - 7500 MHz Bulk T&R 100% Tin Tin / Lead Suffix = S Suffix = E Suffix = None Suffix = /Pb Eg. 2450BP14C0100S Eg. 2450BP14C0100E Eg. 2450BP14C0100(E or S) Eg. 2450BP14C0100(E or S)00P Terminal Configuration No. 1 Impedance Input Power Operating Temperature Storage Temperature Reel Quantity MSL 50 500 mW max. -40 to +85C -40 to +85C 4,000 2* * - 1 yr shelf life in bag; 1 week shelf life out of bag; Vacuum reseal unused reel Packaging Style P/N Suffix Termination Style Function GND OUT GND IN 1 Mechanical Dimensions In L W T a b c d 2 mm 1.60 0.10 0.80 0.10 0.60 0.10 0.70 0.15 0.30 0.10 0.15 0.10 0.45 0.15 3 0.063 0.004 0.031 0.004 0.024 0.004 0.028 0.006 0.012 0.004 0.006 0.004 0.018 0.006 d W a b c L T 4 4 3 2 Mounting Considerations Mount these devices with brown mark facing up. * Line width should be designed to provide 50 ohm impedance, depending on PCB material and thickness Solder Land Through-hole (0.35) Units: mm Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 4001 Calle Tecate * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2007 Johanson Technology, Inc. All Rights Reserved "High Frequency Ceramic Solutions" 2.45 GHz Band Pass Filter Detail Specification: 03/30/06 P/N 2450BP14C0100 Page 2 of 2 Typical Electrical Performance (T=25C) ) ) ) ) S(2,2) ) ) ) ) ) ) ) S(1,1) ) ) ) ) S(2,1) ) ) dB ) ) Frequency, GHz Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 4001 Calle Tecate * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2007 Johanson Technology, Inc. All Rights Reserved |
Price & Availability of 2450BP14C0100
![]() |