Part Number Hot Search : 
SELM317 0N65F ST72C2 CXA1929M 2405E BUZ11AL K2412 PCA9536
Product Description
Full Text Search
 

To Download 1N5711 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5711 and 1N6263
VRRM : 70V , 60V
FEATURES :
* For general purpose applications * Metal-on-silicon Schottky barrier device which is protected by a PN junction guard ring. The low forward voltage drop and fast switching make it ideal for protection of MOS devices, steering, biasing and coupling diodes for fast switching and low logic level applications. * This diode is also available in the MiniMELF case with type designation LL5711 and LL6263. * Pb / RoHS Free
SCHOTTKY BARRIER DIODES
DO - 35 Glass (DO-204AH)
0.079(2.0 )max.
1.00 (25.4) min.
Cathode Mark
0.150 (3.8) max.
0.020 (0.52)max.
1.00 (25.4) min.
MECHANICAL DATA :
Case: DO-35 Glass Case Weight: approx. 0.13g Dimensions in inches and ( millimeters )
Maximum Ratings and Thermal Characteristics (Rating at
Parameter
Repetitive Peak Reverse Voltage Power Dissipation (Infinite Heatsink) Maximum Single Cycle Surge 10 s Square Wave Thermal Resistance Junction to Ambient Air Junction Temperature Storage temperature range 1N5711 1N6263
25 C ambient temperature unless otherwise specified.
Symbol
VRRM PD IFSM RJA TJ TS
Value
70 60 400(1) 2 0.3(1) 125(1) -55 to + 150
(1)
Unit
V mW A C/mW C C
Electrical Characteristics (TJ = 25C unless otherwise noted)
Parameter
Reverse Breakdown Voltage Reverse Current Forward Voltage Drop Diode Capacitance Reverse Recovery Time
Note: (1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature..
Symbol
1N5711 1N6263 V(BR)R IR VF 1N5711 1N6263 Cd Trr
Test Condition
IR = 10 A VR = 50 V IF = 1mA IF = 15mA VR = 0 V, f = 1MHz IF = IR = 5mA, recover to 0.1IR
Min 70 60 -
Typ -
Max 200 0.41 1.0 2.0 2.2 1
Unit V nA V pF ns
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( 1N5711 and 1N6263 )
Typical variation of forward current and forward voltage for primary conduction through the schottky barrier 10 5 Forward Current , IF (mA) 2 1 0.5 0.2 0.1 0.05 0.02 0.01 0 0.5 Forward Voltage , VF (V) 1 0 0 0.5 Forward Voltage , VF (V) 1 Forward Current , IF (mA) 80 100 Typical forward conduction curve of combination schottky barrier and PN junction guard ring
60
40
20
Typical capacitance curve as a function of reverse voltage
Typical variation of reverse current at various temperatures
2
Tj = 25C
100 50 20
Reverse Current , IR (A)
10 5 2 1 0.5 0.2 0.1 0.05 0.02
Ta = 125C
Capacitance , Cd (pF)
1
Ta = 25C
0 0 10 20 30 40 50 Reverse Voltage , VR (V)
0.01 0 10 20 30 40 50
Reverse Voltage , VR (V)
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of 1N5711

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X