Part Number Hot Search : 
MTM8N20 5GR15S DD2521S FR307 402C2293 FU024 N74AC SA2111C
Product Description
Full Text Search
 

To Download 1N4148WT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148WT
SURFACE MOUNT FAST SWITCHING DIODE
PINNING
Features * Fast switching speed * Ultra-small surface mount package * For general purpose switching applications * High conductance
PIN 1 2
1
DESCRIPTION Cathode Anode
2
A Top View Marking Code: "A" Simplified outline SOD-523 and symbol
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Non-Repetitive Peak Reverse Voltage Reverse Voltage Average Rectified Output Current Forward Continuous Current Non-Repetitive Peak Forward Surge Current at t = 1 s at t = 100 ms Power Dissipation Thermal Resistance Junction to Ambient Air Operating Temperature Range Storage Temperature Range
Symbol VRM VR IO IFM IFSM Ptot RJA TJ Ts
Value 100 75 125 250 2 1 150 833 - 65 to + 150 - 65 to + 150
Unit V V mA mA A mW
O
C/W
O
C C
O
Characteristics at Ta = 25 OC
Parameter Reverse Breakdown Voltage at IR = 1 A Forward Voltage at IF = 1 mA at IF = 10 mA at IF = 50 mA at IF = 150 mA Peak Reverse Current at VR = 75 V at VR = 20 V at VR = 75 V, TJ = 150 OC at VR = 25 V, TJ = 150 OC Total Capacitance at VR = 0 V, f = 1 MHz Reverse Recovery Time at Irr = 0.1 X IR, IF = IR = 10 mA, RL = 100 Symbol V(BR)R Min. 75 Max. 0.715 0.855 1 1.25 1 25 50 30 2 4 Unit V
VF
V
IR
A nA A A pF ns
CT trr
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 23/11/2006
1N4148WT
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 23/11/2006
1N4148WT
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads SOD-523
ALL ROUND
A C
HE
D
A
E
bp
UNIT
mm
A
0.70 0.60
bp
0.4 0.3
C
0.135 0.127
D
1.25 1.15
E
0.85 0.75
HE
1.7 1.5
V
0.1
5
O
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 23/11/2006


▲Up To Search▲   

 
Price & Availability of 1N4148WT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X