Part Number Hot Search : 
JANTX1N F1640 CHIPS LTC10 X5643S14 GP120 ZMC5273 HL6364DG
Product Description
Full Text Search
 

To Download 1793460000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors, solder connection, pitch 3.81 | SC 3.81/90 | SC 3.81/90F
General ordering data Order No. Part designation Version EAN Qty. System parameters Fitted to PCB Outgoing elbow Pitch Pitch in inch No. of poles Solder pin length Can be coded No. of rows No. of solder pins per pole Dia. of fitting hole Fitting hole tolerance L1 in mm L1 in inch Insulation resistance Electric shock protection to DIN VDE 0470 Electric shock protection to DIN VDE 0470 Material data Insulating material Colour colour chart Insulating material group Flammability class UL 94 CTI Contact base material
1793460000 SC 3.81/6/90F3.2SN GN PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 6, 90, Box 4032248228737 50 pc(s). Soldered connection 90 3.81 mm 0.15 inch 6 3.2 mm Yes 1 1 1.2 mm + 0.1 mm 19.05 mm 0.75 inch 1,000 M IP 20 Safe from finger touch PA GF Pale green Similar to RAL 6021 II V-0 >= 475 Copper alloy
-1-
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors, solder connection, pitch 3.81 | SC 3.81/90 | SC 3.81/90F
Material data Contact surface Constant operating temp., min. Constant operating temp., max. Storage temperature, min. Storage temperature, max. Max. relative humidity during storage DIN IEC rating data Rated current, min. No. pins (Tu=20C) Rated current, min. No. pins(Tu=40C) Rated voltage for overvoltage class/pollution severity III/3 Rated impulse withstand voltage for overvoltage class/pollution severity III/3 Rated voltage for overvoltage class/pollution severity III/2 Rated impulse withstand voltage for overvoltage class/pollution severity III/2 Rated voltage for overvoltage class/pollution severity II/2 Rated impulse withstand voltage for overvoltage class/pollution severity II/2 Short-time withstand current resistance CSA rating data Rated voltage (Use group D) Rated current (Use group D) UL 1059 rating data Rated voltage (Use group D) Rated current (Use group D) Approvals Approvals institutes
tinned -25 C 120 C -25 C 55 C 93 % 17.5 A 17.5 A 160 V 2.5 kV 160 V 2.5 kV 320 V 2.5 kV 3 x 1s with 76 A 300 V 10 A 300 V 10 A
Classifications ETIM 2.0 ETIM 3.0 eClass 4.1 eClass 5.0 eClass 5.1
NK EC001284 27-26-07-01 27-26-07-01 27-26-07-04
Similar products Order No. Part designation Version
-2-
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors, solder connection, pitch 3.81 | SC 3.81/90 | SC 3.81/90F
1942450000 1793330000 1793420000 1942460000 1793340000 1793430000 1942470000 1793350000 1793440000 1942480000 1793360000 1793450000 1942490000 1793370000 1942500000 1942740000 1942640000 1942510000 1793380000 1793470000 1942520000 1942750000 1942650000 1942530000 1793390000 1793480000
SC 3.81/2/90F3.2SN OR SC 3.81/2/90F3.2SN SW SC 3.81/2/90F3.2SN GN SC 3.81/3/90F3.2SN OR SC 3.81/3/90F3.2SN SW SC 3.81/3/90F3.2SN GN SC 3.81/4/90F3.2SN OR SC 3.81/4/90F3.2SN SW SC 3.81/4/90F3.2SN GN SC 3.81/5/90F3.2SN OR SC 3.81/5/90F3.2SN SW SC 3.81/5/90F3.2SN GN SC 3.81/6/90F3.2SN OR SC 3.81/6/90F3.2SN SW SC 3.81/7/90F3.2SN OR SC 3.81/7/90F3.2SN SW SC 3.81/7/90F3.2SN GN SC 3.81/8/90F3.2SN OR SC 3.81/8/90F3.2SN SW SC 3.81/8/90F3.2SN GN SC 3.81/9/90F3.2SN OR SC 3.81/9/90F3.2SN SW SC 3.81/9/90F3.2SN GN SC 3.81/10/90F3.2SN OR SC 3.81/10/90F3.2SN SW SC 3.81/10/90F3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 2, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 2, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 2, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 3, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 3, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 3, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 4, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 4, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 4, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 5, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 5, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 5, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 6, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 6, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 7, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 7, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 7, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 8, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 8, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 8, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 9, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 9, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 9, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 10, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 10, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 10, 90, Box
-3-
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors, solder connection, pitch 3.81 | SC 3.81/90 | SC 3.81/90F
1942540000 1942760000 1942660000 1942550000 1793400000 1793490000 1942560000 1942770000 1942670000 1942570000 1942780000 1942680000 1942580000 1942790000 1942690000 1942590000 1793410000 1793500000 1942600000 1942800000 1942700000 1942610000 1942810000 1942710000 1942620000 1942820000
SC 3.81/11/90F3.2SN OR SC 3.81/11/90F3.2SN SW SC 3.81/11/90F3.2SN GN SC 3.81/12/90F3.2SN OR SC 3.81/12/90F3.2SN SW SC 3.81/12/90F3.2SN GN SC 3.81/13/90F3.2SN OR SC 3.81/13/90F3.2SN SW SC 3.81/13/90F3.2SN GN SC 3.81/14/90F3.2SN OR SC 3.81/14/90F3.2SN SW SC 3.81/14/90F3.2SN GN SC 3.81/15/90F3.2SN OR SC 3.81/15/90F3.2SN SW SC 3.81/15/90F3.2SN GN SC 3.81/16/90F3.2SN OR SC 3.81/16/90F3.2SN SW SC 3.81/16/90F3.2SN GN SC 3.81/17/90F3.2SN OR SC 3.81/17/90F3.2SN SW SC 3.81/17/90F3.2SN GN SC 3.81/18/90F3.2SN OR SC 3.81/18/90F3.2SN SW SC 3.81/18/90F3.2SN GN SC 3.81/19/90F3.2SN OR SC 3.81/19/90F3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 11, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 11, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 11, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 12, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 12, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 12, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 13, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 13, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 13, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 14, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 14, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 14, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 15, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 15, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 15, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 16, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 16, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 16, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 17, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 17, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 17, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 18, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 18, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 18, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 19, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 19, 90, Box
-4-
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors, solder connection, pitch 3.81 | SC 3.81/90 | SC 3.81/90F
1942720000 1942630000 1942830000 1942730000
SC 3.81/19/90F3.2SN GN SC 3.81/20/90F3.2SN OR SC 3.81/20/90F3.2SN SW SC 3.81/20/90F3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 19, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 20, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 20, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 20, 90, Box
-5-


▲Up To Search▲   

 
Price & Availability of 1793460000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X