Part Number Hot Search : 
D1857L IL2595Q ICX207AL HVU300A FM130 SPM2001A 05D12 HCTS245T
Product Description
Full Text Search
 

To Download V375A48C500B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODULES
375V 2nd Generation
50-600 WATTS PCB MOUNTING COMPONENTS
Features
* * * * * Input Voltage: 250-425Vdc Output Voltage: 2-48Vdc Output Power (per module):Maxi: 600W Mini: 300W Micro: 150W Efficiency: Up to 90% Agency Approvals: UL, CSA, TUV, VDE, BABT, CE Marked, C-Tick
Specifications
GENERAL Units Set point accuracy Line regulation Load regulation Temperature regulation Ripple and noise, p-p Remote sense compensation Overvoltage set point Current limit Efficiency: 5Vout 24Vout Programming range Short circuit current Isolation voltage 1% Vout nom. 0.02% Vout nom. 0.02% Vout nom. 0.002% Vout/C 100mV 0.5 Volts 115% Vout nom. 115% out max. 83% 88% 10-110% Vout nom. 115% out max. 3000Vrms Output Voltage <250mV Input to Output Vout 95% of nominal Nominal input; 80% load; 25C Nominal input; 80% load; 25C Notes Nominal input;full load; 25C Low line to high line; full load No load to full load; nominal input -20C to 100C Full load, 20MHz bandwidth
Selection Table
OUTPUT VOLTAGE (VDC) 2V 3.3V 5V 12V 15V 24V 28V 48V OUTPUT POWER (W) MAXI 160 264 400 600 600 600 600 600 MINI 100 150 200 300 300 300 300 300 MICRO 50 75 100 150 150 150 150 150
Product Grade Specifications
E C T H M Operating Temp. (C) -10 to 100 -20 to 100 -40 to 100 -40 to 100 -55 to 100 Storage Temp. (C) -20 to 125 -40 to 125 -40 to 125 -55 to 125 -65 to 125 Temp. Cycling (C) Burn-In Low Temp.Test (C) High Temp.Test (C) Final Test Data
none none none none none none none none none none none none none none none 24 hours 12 hours -40C 100C 24 hours 24 hours -55C 100C (-55 to 125) (-65 to 125)
(typical unless otherwise noted)
Mechanical Drawings refer to page 237-238 Other O/P voltages consult sales
STANDARDS AND APPROVALS C-Tick
AS/NZS CISPR11 Group 1 Class A
Part Numbering
375
236


▲Up To Search▲   

 
Price & Availability of V375A48C500B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X