Part Number Hot Search : 
FMM106HG CC1010NM 12C24S 000A0 ORD228VL ST8050 50150 FA5574
Product Description
Full Text Search
 

To Download UUA1H220MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
UA
6mmL Chip Type, Long Life Assurance
series
Chip type with load life of 3000~5000 hours at +105C. Designed for surface mounting on high density PC board. Adapted to the RoHS directive (2002/95/EC).
UL Long Life
UA
Long Life
UT
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 55 ~ +105C 6.3 ~ 50V 0.1 ~ 1000F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (A) , whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.28
10 0.24 6.3 4 10
16 0.20 10 3 7
25 0.16 16 2 5 25 2 3
35 0.13 35 2 3
50 0.12 50 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 55C / Z+20C
Endurance
After 3000 hours' (5000 hours for 8, 10) application of rated voltage at 105C , capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 30% of initial value 300% or less of initial specified value Initial specified value or less
Shelf Life Resistance to soldering heat Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance change Within 10% of initial value for 30 seconds. After removing from the hot plate and restored tan Initial specified value or less at room temperature, they meet the characteristic requirements Leakage current Initial specified value or less listed at right. Black print on the case top.
Chip Type
(4 ~ 6.3)
Voltage ( j : 6.3V) Series D0.5 Plastic platform 0.3MAX. C0.2 0.5MAX. Positive
Type numbering system (Example : 16V 10F)
1 2 3 4 5 6 7 8 9 10 11 12 13 14
UUA 1 C 1 0 0 MC L 1 GS
Taping code
A0.2 A0.2
Configuration Capacitance tolerance (-20%) Rated Capacitance (10 F) Rated voltage (16V) Series name Type
D 4 ~ 6.3 8 10
B0.2
L0.3 Lot No. Capacitance H
Code CL NL
X2 33 j UA
(8 x 10, 10 x 10 )
Voltage ( V : 35V) Trade mark Plastic platform Series D0.5 0.3MAX. C0.2 0.5MAX.
E
Negative
Positive
D
(mm) xL 4 x 5.8 1.8 4.3 4.3 1.0 5.8 0.5 ~ 0.8 5 x 5.8 2.1 5.3 5.3 1.3 5.8 0.5 ~ 0.8 6.3 x 5.8 2.4 6.6 6.6 2.2 5.8 0.5 ~ 0.8 6.3 x 7.7 2.4 6.6 6.6 2.2 7.7 0.5 ~ 0.8 8 x 10 2.9 8.3 8.3 3.1 10 0.8 ~ 1.1 10 x 10 3.2 10.3 10.3 4.5 10 0.8 ~ 1.1
A
A0.2 A0.2
B C E L H
X2 100V UA
B0.2
L0.5 Lot No. Capacitance H Pressure relief vent
Voltage V 6.3 Code j
10 A
16 C
25 E
35 V
50 H
Dimension table in next page.
E
Negative
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
UA
Cap.(F)
series
Dimensions
V Code
6.3 0J
10 1A
16 1C
25 1E
35 1V
50 1H
4 x 5.8 4 x 5.8 4 x 5.8 4 x 5.8 4 x 5.8 4 x 5.8 4 x 5.8
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102
4 x 5.8 5 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 10 10 x 10 10 x 10 4 x 5.8 4 x 5.8
1 2.6 3.2 5 8 12 17 22 32 58 140 170 310
16 27 44 57 92 151 375
5 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 10 8 x 10 10 x 10
18 30 48 50 81 216 290 320
5 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 10 10 x 10 10 x 10
27 44 50 63 116 320 450
5 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 10 10 x 10 10 x 10
22 35 38 69 120 290 320 410
5 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 10 10 x 10 10 x 10
30 35 50 81 141 290 320
5 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 10 x 10 10 x 10 10 x 10
Case size D x L (mm)
Rated ripple
Rated Ripple (mArms) at 105C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz~ 1.50
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UUA1H220MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X