Part Number Hot Search : 
MAX1740E 41500 FN4486 2SK3151 AN2115 ON1272 JCS4N60V L50QS250
Product Description
Full Text Search
 

To Download UGSP03J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UGSP03J Ultra fast Plastic Rectifiers
VOLTAGE600V CURRENT3.0A
FEATURE
* Plastic package has Underwriters Laboratories Flammability Classification 94V-0 * Ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes * Ultra fast recovery time for high efficiency * Excellent high temperature switching * Glass passivated junction * High voltage and high reliability * High speed switching * Low forward voltage
ITO-220AC
MECHANICAL DATA
Case: JEDEC ITO-220AC molded plastic body over passivated chip Terminals: Plated Insert leads, solderable per MIL-STD-750, Method 2026 Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated) Parameter
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current Maximum Reverse Recovery Time (Note 1) SYMBOL Vrrm Vrms Vdc If(av) Ifsm Vf Trr Rth(jc) Ir Tstg, Tj UGSP03J 600 420 600 3.0 65 1.70 25 5.0 10 800 -55 to +150 units V V V A A V nS C/W A
Typical thermal resistance junction to case Maximum DC Reverse Current at rated DC blocking voltage Ta =25C Ta =100C
Storage and Operating Temperature Range
C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES UGSP03J
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of UGSP03J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X