Part Number Hot Search : 
32F10 LN513 BPC5010 30PA60C E006945 TECHNO SMBJ22A BDY90S
Product Description
Full Text Search
 

To Download UGPP10D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UGPP10D THRU UGPP10J
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER
VOLTAGE200 TO 600V CURRENT 1.0A
FEATURE
Low power loss High surge capability Glass passivated chip junction Ultra-fast recovery time for high efficiency High temperature soldering guaranteed 250/10sec/0.375lead length at 5 lbs tension
DO -41\DO-204AL -
MECHANICAL DATA
TerminalPlated axial leads solderable per MIL-STD 202E, method 208C CaseMolded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polaritycolor band denotes cathode Mounting positionany Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25, unless otherwise stated)
SYMBOL
UGPP10D 200 140 200
UGPP10G 400 280 400 1.0 30.0
UGPP10J 600 420 600
units V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8lead length at Ta =55 Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at Forward current 1A Peak Maximum DC Reverse Current Ta =25 at rated DC blocking voltage Ta =125 Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Storage and Operating Junction Temperature
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Trr Cj R(ja) Tstg,Tj
1.0
1.0 10.0 100.0 35 17.0 50.0 -55 to +150
1.8
V A A nS pF /W
Note 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8lead length, P.C. Board Mounted Rev.1 www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES UGPP10D THRU UGPP10J
1
Rev.1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of UGPP10D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X