Part Number Hot Search : 
DB105 MAA4868K 1212S 278BZC 1012S 14490 T93C46 AC180
Product Description
Full Text Search
 

To Download UG4KB100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UG4KB05 THRU UG4KB100
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Voltage: 50 to 1000V Current: 4.0A
Features
Glass passivated chip junction High case dielectric strength High surge current capability Ideal for printed circuit board
D3K
Mechanical Data
Terminal: Plated leads solderable per MIL-STD 202E, Method 208C Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Polarity symbol marked on body Mounting position: any
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
Symbol Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified output current Tc 138 with heatsink Peak forward surge current single sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage drop per leg at 2.0A Rating for fusing (3ms t < 8.3ms) Maximum DC reverse current at rated DC blocking voltage per leg Thermal resistance Ta = 25 C Ta = 125 C without heatsink with heatsink without heatsink Vrrm Vrms Vdc If(av) Ifsm Vf I2t Ir Rth(ja) Rth(jc) Rth(jl) Tj, Tstg UG4K B05 50 35 50 UG4 KB10 100 70 100 UG4 KB20 200 140 200 UG4 KB40 400 280 400 4.0 135 1.00 75 10.0 500 55 1.5 15 -55 to +150 UG4K B60 600 420 600 UG4 KB80 800 560 800 UG4K B100 1000 700 1000
units V V V A A V A2Sec A
/W
Operating junction and storage temperature range Note:
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES UG4KB05 THRU UG4KB100
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of UG4KB100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X