Part Number Hot Search : 
BUK72 00BZXC MBR1535 D1853 2SC5006 1N3018B STA014B ID244H01
Product Description
Full Text Search
 

To Download UF5400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UF5400 THRU UF5408
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER
VOLTAGE50 TO 1000V CURRENT 3.0A
FEATURE
Low power loss High surge capability Ultra-fast recovery time for high efficiency High temperature soldering guaranteed 250/10sec/0.375lead length at 5 lbs tension
DO-201AD -
MECHANICAL DATA
TerminalPlated axial leads solderable per MIL-STD 202E, method 208C CaseMolded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polaritycolor band denotes cathode Mounting positionany Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25, unless otherwise stated)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8lead length at Ta =55 Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at Forward current 3A Peak Maximum DC Reverse Current Ta =25 at rated DC blocking voltage Ta =125 Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Storage and Operating Junction Temperature
Note
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Trr Cj Rth(ja) Tstg,Tj
UF5 400 50 35 50
UF5 401 100 70 100
UF5 402 200 140 200
UF5 403 300 210 300
UF5 404 400 280 400 3.0 150.0
UF5 405 500 350 500
UF5 406 600 420 600
UF5 407 800 560 800
UF54 08 1000 700 1000
units V V V A A
1.0 10.0 100.0 50 45.0 20.0 -55 to +150
1.7
V A
75 36.0
nS pF /W
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8lead length, P.C. Board Mounted
Rev.A4
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES UF5400 THRU UF5408
1
1
Rev.A4
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of UF5400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X