Part Number Hot Search : 
AC100 N5551 TVW7JR43 UDN2962 Z5221B 22200 SA211 BU42XXF
Product Description
Full Text Search
 

To Download UF4001E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UF4001E THRU UF4007E
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER
VOLTAGE50 TO 1000V CURRENT 1.0A
FEATURE
Low power loss High surge capability Glass passivated chip junction Ultra-fast recovery time for high efficiency High temperature soldering guaranteed 250/10sec/0.375lead length at 5 lbs tension
A-405
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25C Maximum DC Reverse Current at rated DC blocking voltage Typical Junction Capacitance Typical Thermal Resistance Ta =25C Ta =125C (Note 1) (Note 2) (Note 3)
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Trr Cj R(ja) Tstg, Tj
UF40 01E 50 35 50
UF40 02E 100 70 100
UF40 03E 200 140 200
UF40 04E 400 280 400 1.0 30.0
UF40 05E 600 420 600
UF40 06E 800 560 800
UF40 07E 1000 700 1000
units V V V A A
1.0 10.0 100.0 50 17.0 60.0 -55 to +150
1.7
V
Maximum Reverse Recovery Time
75
A A 75
pF
C
/W
Storage and Operating Temperature Range
C
Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted Rev.A2 www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES UF4001E THRU UF4007E
1
Rev.A2
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of UF4001E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X