Part Number Hot Search : 
ILX551 BR15005 42172AA1 744112 ES1DFL CD4032AF IP8080AB A5052
Product Description
Full Text Search
 

To Download UESA06J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UESA06J Ultra fast Plastic Power Rectifiers
VOLTAGE600V CURRENT6.0A
FEATURE
* Plastic package has Underwriters Laboratories Flammability Classification 94V-0 * Ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes * Ultra fast recovery time for high efficiency * Excellent high temperature switching * Glass passivated junction
TO-220AC
MECHANICAL DATA
Case: JEDEC TO-220AC molded plastic body over passivated chip Terminals: Plated Insert leads, solderable per MIL-STD-750, Method 2026 Mounting Position: 10 in-lbs maximum
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Recurrent Peak Reverse Voltage RMS Voltage DC blocking Voltage Average Forward Rectified at Tc =100C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current Maximum Reverse Recovery Time (Note 1) Typical thermal resistance junction to case Maximum DC Reverse Current Ta =25 at rated DC blocking voltage Ta =125 Storage and Operating Temperature Range Maximum Maximum Maximum Maximum Vrrm Vrms Vdc If(av) Ifsm Vf Trr Rth(jc) Ir Tstg, Tj UESA06J 600 420 600 6.0 90 1.6 35 4.0 10 100 -55 to +150 units V V V A A V nS /W A
Note:
Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES UESA06J
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of UESA06J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X