Part Number Hot Search : 
4747A BD7961FM M0001000 D1010 MMBT589 DM9301F TDA70 TDA70
Product Description
Full Text Search
 

To Download UERA10B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UERA10B Ultra fast Plastic Power Rectifiers
VOLTAGE: 100V CURRENT:10.0A
FEATURE
* Plastic package has Underwriters Laboratories Flammability Classification 94V-0 * Ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes * Ultra fast recovery time for high efficiency * Excellent high temperature switching * Glass passivated junction *High voltage and high reliability * High speed switching * Low forward voltage
TO-220AB
MECHANICAL DATA
Case: JEDEC TO-220 molded plastic body over passivated chip Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Recurrent Peak Reverse Voltage RMS Voltage DC blocking Voltage Average Forward Rectified at Tc =100C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at Forward Current and 25C at 5.0A Maximum Reverse Recovery Time (Note 1) Typical thermal resistance junction to case Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Storage and Operating Temperature Range Maximum Maximum Maximum Maximum Vrrm Vrms Vdc If(av) Ifsm Vf Trr RJc Ir Tstg, Tj UERA10B 100 70 100 10.0 150 0.95 35 5.0 10 100 -55 to +150 units V V V A A V nS C/W A A
C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
Rev.1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES
1
1Rev.1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of UERA10B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X