Part Number Hot Search : 
29SL800 P6KE18 TMP68301 VT8225 TIPP31C 330KL BZX84C PN356802
Product Description
Full Text Search
 

To Download U86-D2627-10121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
2
3
4
5
6
REVISIONS
REV D E A DESCRIPTION PROPOSAL PART NUMBER SYSTEM UPDATED DATE APPRD FEB24/09 AUG27/09 A
PART NUMBER (LAST DIGIT INDICATING PACKAGING TYPE, NOT PRINTED ON THE PART)
B
4 LIGHT PIPES PER 2X1
U86-DX627-10XX1
2 INNER LIGHT PIPES PER 2X1
U86-DX627-20XX1
2 OUTER LIGHT PIPES PER 2X1
U86-DX627-30XX1
DATE CODE
MATERIAL: (RoHS COMPLIANT) CAGE - PRESS FIT: COPPER ALLOY PLATING: SEE AMPHENOL PART NUMBER CONFIGURATION FOR OPTIONS. CONNECTOR - PRESS FIT: PLASTIC HOUSING: LCP, FLAMMABILITY RATING UL94-0. CONTACTS: PHOSPHOR BRONZE PLATING OPTION: NICKEL 2.54 m MIN. LIGHT PIPE: CLEAR POLYCABONATE, FLAMMABILITY RATING UL94-0. PACKAGING: TRAY PACKAGING. TEMPERATURE RANGE: -40C TO +85C
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS TOLERANCES ARE:
DECIMALS ANGLES
B
C
C
AMPHENOL PART NUMBER CONFIGURATION
U86 - D X 6 2 7 - X 0 X X 1 NUMBER OF PORTS 2 = 2X2 4 = 2X4 6 = 2X6 LIGHT PIPE CONFIGURATION 1 = 4 LIGHT PIPES PER 2X1 2 = 2 INNER LIGHT PIPES PER 2X1 3 = 2 OUTER LIGHT PIPES PER 2X1
D
PACKAGING 1 = TRAY CAGE PLATING 2 = NICKEL PRESS FIT CONNECTOR PLATING 1 = 0.76 m MIN. GOLD ON MATING AREA 3.81-7.62 m TIN/LEAD ON TERMINATION 4 = 0.38 m MIN. GOLD ON MATING AREA 3.81-7.62 m TIN/LEAD ON TERMINATION
APPROVALS
DRAWN DESIGNED CHECKED
DATE
AUG27/09 FEB23/09 X X X
SIZE TITLE
DO NOT SCALE DRAWING
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
1 2 3
X.X 0.25 X.XX 0.15
MATERIAL AND FINISH
1
H.SONG J.SI X X X
Amphenol Canada Corp.
2XN SFP+ EXPRESSPORTTM COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
N/A
REF.
QA APPD IE APP'D
X
03554
A4
DWG. NO.
P-U86-DX627-X0XX1
PROJECT SHEET
REV.
E
CODE IDENT. NO.
DWG APP'D
SCALE
1:1
1 OF 6
1
2
3
4
5
6
REVISIONS T20 T1 TOP PORT INNER LIGHT PIPE T11 T10 TOP PORT OUTER LIGHT PIPE BOTTOM PORT INNER LIGHT PIPE B1 B20 DIM C
REV D E DESCRIPTION PROPOSAL PART NUMBER SYSTEM UPDATED DATE APPRD FEB24/09 AUG27/09 A
A
(0.25)
BOTTOM PORT OUTER LIGHT PIPE B10 B11
SFP COMBO 2X2 SFP 2X4 SFP 2X6 SFP
DIM A 28.25 56.75 85.25
DIM B 30.50 59.00 87.50
DIM C 30.25 58.75 87.25
B
11.00 (TYP.)
B
DETAIL A SCALE 2 : 1
(1.15) 14.000.10 (TYP.) A
8.950.15 (TYP.)
C
A
25.45 25.20
B
C
B
DIM A -CDIM B 8.950.15 (TYP.) B 11.50 8.00 (TYP.) 42.10 51.63
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS TOLERANCES ARE:
DECIMALS ANGLES
2.70
3.43
DETAIL B SCALE 2 : 1
1.98
(1.25) (TYP.) 0.10 M C M A B
APPROVALS
DRAWN DESIGNED CHECKED
DATE
AUG27/09 FEB23/09 X X X
SIZE TITLE
D
DO NOT SCALE DRAWING
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
1 2 3
X.X 0.25 X.XX 0.15
MATERIAL AND FINISH
1
H.SONG J.SI X X X
Amphenol Canada Corp.
2XN SFP+ EXPRESSPORTTM COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
N/A
REF.
QA APPD IE APP'D
X
03554
A4
DWG. NO.
P-U86-DX627-X0XX1
PROJECT SHEET
REV.
E
CODE IDENT. NO.
DWG APP'D
SCALE
1:1
2 OF 6
1
2
3
4
5
6
REVISIONS
REV D E A DESCRIPTION PROPOSAL PART NUMBER SYSTEM UPDATED DATE APPRD FEB24/09 AUG27/09 A
DIM D 0.10
C
1.700.90
SFP COMBO 2X2 SFP 2X4 SFP 2X6 SFP
DIM D 29.70 58.20 86.70
DIM E 31.00 59.50 88.00
26.000.10
2.36
B
B
D C
(1.30) 0.150.10 (BEZEL CUTOUT ABOVE PCB) 3.500.30
SECTION C-C
C
C
DETAIL D SCALE 2 : 1
DIM E MIN.
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS TOLERANCES ARE:
DECIMALS ANGLES
APPROVALS
DRAWN DESIGNED CHECKED
DATE
AUG27/09 FEB23/09 X X X
SIZE TITLE
D
DO NOT SCALE DRAWING
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
1 2 3
X.X 0.25 X.XX 0.15
MATERIAL AND FINISH
1
H.SONG J.SI X X X
Amphenol Canada Corp.
2XN SFP+ EXPRESSPORTTM COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
N/A
REF.
QA APPD IE APP'D
X
03554
A4
DWG. NO.
P-U86-DX627-X0XX1
PROJECT SHEET
REV.
E
CODE IDENT. NO.
DWG APP'D
SCALE
1:1
3 OF 6
1
2
3
4
5
6
REVISIONS
REV D E DESCRIPTION PROPOSAL PART NUMBER SYSTEM UPDATED DATE APPRD FEB24/09 AUG27/09 A
11.13 12.63
15.88 17.38
21.38
1.63 3.13
7.13
A
25.38 26.88
E
11.15 -E1.60 (TYP.) 7.50 6.52 5.14
51.63 49.60 1.850.05 0.05 M X Y -D42.10
1.850.05 (TYP.) 0.05 M D M X 0.460.05 (TYP.) 0.05 M D M E M
B
3.59 32.00 2.20 0.65 0 24.00 0.73 2.28 3.67
3.93
B
2.50 (TYP.)
16.00
3.93
1.10 (TYP.)
C
8.00 1.050.05 0.05 S X Y -Z0 4.50 BSC (SEE NOTE 1) 0 14.25 Y 0 1.70 2.10 2.50 2.90
F
NOTES:
DETAIL F SCALE 10 : 1
1. DATUM AND BASIC DIMENSIONS ESTABLISHED BY CUSTOMER. 2. 1.05 mm DIAMETER HOLES ARE CHASSIS GROUND (21 HOLES).
DATE
AUG27/09 FEB23/09 X X X
SIZE TITLE
C
1.050.05 (TYP.) 0.05 S Z S X Y X 28.50
DETAIL E SCALE 5 : 1
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS TOLERANCES ARE:
DECIMALS ANGLES
APPROVALS
DRAWN DESIGNED CHECKED
D
DO NOT SCALE DRAWING
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
1 2 3
X.X 0.25 X.XX 0.15
MATERIAL AND FINISH
1
H.SONG J.SI X X X
Amphenol Canada Corp.
2XN SFP+ EXPRESSPORTTM COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
N/A
REF.
QA APPD IE APP'D
X
03554
A4
DWG. NO.
P-U86-DX627-X0XX1
PROJECT SHEET
REV.
E
CODE IDENT. NO.
DWG APP'D
SCALE
2:1
4 OF 6
1
2
3
4
5
6
REVISIONS
REV D E DESCRIPTION PROPOSAL PART NUMBER SYSTEM UPDATED DATE APPRD FEB24/09 AUG27/09 A
11.13 12.63
15.88 17.38
21.38
25.38 26.88
30.13 31.63
35.63
39.63 41.13
44.38 45.88
49.88
53.88 55.38
1.63 3.13
7.13
A
G
51.63 49.60 1.850.05 0.05 M Z S X Y -D42.10 -E0.460.05 (TYP.) 0.05 M D M E M 32.00 NOTES: 1.850.05 (TYP.) 0.05 M D M X 1. DATUM AND BASIC DIMENSIONS ESTABLISHED BY CUSTOMER. 2. 1.05 mm DIAMETER HOLES ARE CHASSIS GROUND (37 HOLES).
B
T20 T19 24.00 INNER LIGHT PIPE (TOP)
T12 T11 INNER LIGHT PIPE (BOTTOM) T9 T10 OUTER LIGHT PIPE (TOP) B2 B1 B19 B20
C B
16.00
T1 T2 OUTER LIGHT PIPE (BOTTOM) B10 B9 B11 B12
8.00
C
1.050.05 0.05 S X Y -Z0 4.50 BSC (SEE NOTE 1) 0 14.25 28.50 42.75 Y
DETAIL G SCALE 3 : 1
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS TOLERANCES ARE:
DECIMALS ANGLES
57.00
X
1.050.05 (TYP.) 0.05 S Z S X Y
APPROVALS
DRAWN
DATE
AUG27/09 FEB23/09 X X X
SIZE TITLE
D
DO NOT SCALE DRAWING
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
1 2 3
X.X 0.25 X.XX 0.15
MATERIAL AND FINISH
1
H.SOMNG J.SI X X X
Amphenol Canada Corp.
2XN SFP+ EXPRESSPORTTM COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
DESIGNED CHECKED
N/A
REF.
QA APPD IE APP'D
X
03554
A4
DWG. NO.
P-U86-DX627-X0XX1
PROJECT SHEET
REV.
E
CODE IDENT. NO.
DWG APP'D
SCALE
2:1
5 OF 6
1
2
3
4
5
6
REVISIONS NOTES: 1. DATUM AND BASIC DIMENSIONS ESTABLISHED BY CUSTOMER. 2. 1.05 mm DIAMETER HOLES ARE CHASSIS GROUND (53 HOLES). 7.13 11.13 12.63 15.88 17.38 21.38 25.38 26.88 30.13 31.63 35.63 39.63 41.13 44.38 45.88 49.88 53.88 55.38 58.63 60.13 64.13 68.13 69.63 72.88 74.38 78.38 82.38 83.88 1.63 3.13
REV D E DESCRIPTION PROPOSAL PART NUMBER SYSTEM UPDATED DATE APPRD FEB24/09 AUG27/09 A
A
51.63 49.60 42.10
B
1.850.05 (TYP.) 0.05 M D M X -EB
32.00
0.460.05 (TYP.) 0.05 M D M E M
24.00
16.00 8.00 1.050.05 0.05 S X Y -Z0 4.50 BSC (SEE NOTE 1) 0 14.25 28.50 42.75 57.00 71.25 Y 85.50 X
C
1.050.05 (TYP.) 0.05 S Z S X
C
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS TOLERANCES ARE:
DECIMALS ANGLES
APPROVALS
DRAWN DESIGNED CHECKED
DATE
AUG27/09 FEB23/09 X X X
SIZE TITLE
D
DO NOT SCALE DRAWING
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
1 2 3
X.X 0.25 X.XX 0.15
MATERIAL AND FINISH
1
H.SONG J.SI X X X
Amphenol Canada Corp.
2XN SFP+ EXPRESSPORTTM COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
N/A
REF.
QA APPD IE APP'D
X
03554
A4
DWG. NO.
P-U86-DX627-X0XX1
PROJECT SHEET
REV.
E
CODE IDENT. NO.
DWG APP'D
SCALE
3:2
6 OF 6


▲Up To Search▲   

 
Price & Availability of U86-D2627-10121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X