Part Number Hot Search : 
178L05 CLE132W LSH20 WT613 AM8228XC SP486EE C700028 P2504BD
Product Description
Full Text Search
 

To Download TS25P01G09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pb
Features
RoHS
COMPLIANCE
Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers TS6P
TS25P01G - TS25P07G
UL Recoganized File # E-326243 Glass passivated junction Ideal for printed circuit board High case dielectric strength of 2500VRMS Plastic material has Underwriters laboratory flammability Classification 94V-0 Typical IR less than 0.1uA High surge current capability to 200A High temperature soldering guaranteed: 260 / 10 seconds at 5 lbs., ( 2.3 kg ) tension Green compound with suffix "G" on packing code & prefix "G" on datecode.
Mechanical Data
Dimension in inches and (millimeter)
Case : Molded plastic body Terminal : Pure tin plated , Lead free. Leads solderable per MIL-STD-202 Method 208 Weight : 7.15 grams (0.252 ounce) Mounting Torque : 8.17 in-lbs Max.
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @ T c = 100oC Peak Forward Surge Current, 8.3 ms Single Half Sinewave Superimposed on Rated Load (JEDEC method ) Rating of fusing ( t < 8.3mS ) Maximum Instantaneous Forward Voltage @ 12.5A @ 25.0A Maximum DC Reverse Current @ TA=25 Symbol VRRM VRMS VDC I(AV) IFSM I2t VF IR Cj RJC TJ TSTG TS25P TS25P TS25P TS25P TS25P TS25P TS25P 01G 50 35 50 02G 100 70 100 03G 200 140 200 04G 400 280 400 25.0 300 373 1.0 1.1 10 500 140 0.6 -55 to +150 -55 to +150 05G 600 420 600 06G 800 560 800 07G 1000 700 1000 Units V V V A A A2S V uA pF oC/W
O O
at Rated DC Blocking Voltage @ TA=125 Typical Junction Capacitance per leg (Note 1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range
Note 1 : Measured at 1MHz and applied Reverse bias of 4.0V DC. 2. Device mounted on 4" x 5" x 0.25" Al-plate heat sink,
C C
1 of 2
Version : D09
Rating and Sharacteristic Curves (TS25P01G Thru TS25P07G)
FIG 1 Maximum Derating Curve for Output
Peak Forward Surge Current
30
Current
FIG 2 Maximum Forward Surge Current per Leg
300 250 200
Average Forward Current (A)
25 20 15 10 5 0
0 20 40
8.3mS Single Half Sin-wave (Jedec Method)
Heat-sink Mounting 4.0"x5.0"x0.25 " Aluminum plate
(A)
150 100 50 0
Case Temperature (oC)
60
80
100
120
140
160
1
Number of cycles at 60 Hz
10
100
FIG 3 Typical Reverse Characteristics per Leg
100
100
FIG 4 Typical Forward Characteristics per Leg.
Instantaneous Reverse Current (uA)
10
Ta=125oC
1
Ta=25oC
0.1
Instantaneous Forward Current (A)
10
1
0.1 0.6 0 20 40 60 80 100 120 140 0.8 1 1.2 1.4
0.01
Percent of Rated Peak Reverse Volatge (%)
Instantaneous Forward Voltage (V)
FIG 5 Typical Junction Capacitance
1000
Junction Capacitance (pF)
100
10
0.1
1
10 Reverse Voltage (V)
100
2 of 2
Version : D09


▲Up To Search▲   

 
Price & Availability of TS25P01G09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X