Part Number Hot Search : 
MAX6337 12XXX ECH8667 UPA1874 TFS208B 8131A 24LC102 SMCJ75
Product Description
Full Text Search
 

To Download TS128MSDM80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS128M~2GSDM80
Description
miniSD Card is a compact, slim and high capacity storage media with copyright protection. Designed in advanced SD specification Ver.1.1, TS2GSDM80 now reaches a new performance milestone. Based on 0.18um process controller and high quality SLC (Single-Level-Cell) NAND Flash chip, TS128M~ 2GSDM80 can provide high performance ,low power consumption yet excellent reliability.
128M~2GB miniSD Memory Card Features
* Storage Capacity: 2GB(2GX8bit,2KB/page ) * Operating Voltage: 2.7 ~ 3.6V * Operating Temperature: -25 ~ 85C * Maximum Data Transfer Rate: Read:12MB/sec,Write:11MB/sec * Insertion/removal durability: 10,000 cycles * Fully compatible with SD card spec. v1.1 * Forward compatibility to MultiMediaCard Version 2.11 * Supports Copy Protection for Recorded Media(CPRM) for music and other commercial media * Form Factor: 21.5mm x 20mm x 1.4mm
Placement
9 1 2 3 10 11 4 5 6 7 8
Pin Definition
Front
Back
Pin Name Type Description No. 1 CD/DAT3 I/O/PP3 Card Detect/Data Line [Bit3] 2 3 4 5 6 7 8 9 10 11
CMD VSS1 VDD CLK VSS2 DAT0 DAT1 DAT2 NC4 NC4 PP S S I S Command/Response Supply voltage ground Supply voltage Clock Supply voltage ground
I/O/PP Data Line [Bit0] I/O/PP Data Line [Bit1] I/O/PP Data Line [Bit2] I/O/PP For Future Use I/O/PP For Future Use
Transcend Information Inc.
1
TS128M~2GSDM80
Architecture
128M~2GB miniSD Memory Card
Transcend Information Inc.
2
TS128M~2GSDM80
Bus Operating Conditions * General
Parameter
Peak voltage on all lines All Inputs Input Leakage Current All Outputs Output Leakage Current -10 10 -10 10
128M~2GB miniSD Memory Card
Symbol
Min.
-0.3
Max.
VDD+0.3
Unit
V A A
Remark
* Power Supply Voltage
Parameter
Supply voltage Supply voltage specified in OCR register Supply voltage differentials (VSS1, VSS2) Power up time
Symbol
VDD
Min.
2.0 2.7 -0.3
Max.
3.6 3.6 0.3 250
Unit
V V V ms
Remark
CMD0, 15,55,ACMD41 commands Except CMD0, 15,55, ACMD41 commands From 0v to VDD Min.
Note. The current consumption of any card during the power-up procedure must not exceed 10 mA.
* Bus Signal Line Load
The total capacitance CL the CLK line of the SD Memory Card bus is the sum of the bus master capacitance CHOST, the bus capacitance CBUS itself and the capacitance CCARD of each card connected to this line: CL = CHOST + CBUS + *CCARD Where N is the number of connected cards. Requiring the sum of the host and bus capacitances not to exceed 30 pF for up to 10 cards, and 40 pF for up to 30 cards, the following values must not be exceeded:
Parameter
Bus signal line capacitance Single card capacitance Maximum signal line inductance Pull-up resistance inside card (pin1)
Symbol
CL CCARD RDAT3
Min.
Max.
100 10 16
Unit
pF pF nH k
Remark
fPP 20 MHz, 7 cards fPP 20 MHz May be used for card detection
10
90
Note that the total capacitance of CMD and DAT lines will be consist of CHOST, CBUS and one CCARD only since they are connected separately to the SD Memory Card host.
Parameter
Pull-up resistance Bus signal line capacitance
Symbol
RCMD, RDAT CL
Min.
10
Max.
100 250
Unit
k pF
Remark
To prevent bus floating fPP 5 MHz, 21 cards
Transcend Information Inc.
3
TS128M~2GSDM80
* Bus Signal Levels
128M~2GB miniSD Memory Card
As the bus can be supplied with a variable supply voltage, all signal levels are related to the supply voltage.
To meet the requirements of the JEDEC specification JESD8-1A, the card input and output voltages shall be within the following specified ranges for any VDD of the allowed voltage range:
Parameter
Output HIGH voltage Output LOW voltage Input HIGH voltage Input LOW voltage
Symbol
VOH VOL VIH VIL
Min.
0.75* VDD
Max.
0.125* VDD
Unit
V V V V
Remark
IOH = -100 A @VDD min IOL = -100 A @VDD min
0.625* VDD VSS - 0.3
VDD + 0.3 0.25* VDD
Transcend Information Inc.
4
TS128M~2GSDM80
* Bus Timing (Default)
128M~2GB miniSD Memory Card
Parameter
Clock frequency Data Transfer Mode Clock frequency Identification Mode (The low freq. is required for MultiMediaCard compatibility.) Clock low time Clock high time Clock rise time
Symbol
fPP fOD
Min
0 0
Max.
25 400
Unit
MHz KHz
Remark
CL 100 pF, (7 cards) CL 250 pF, (21 cards)
Clock CLK (All values are referred to min (VIH) and max (VIL)
tWL tWH tTLH 5
10 50 10 50 10
ns ns ns ns ns
CL 100 pF, (7 cards) CL 250 pF, (21 cards) CL 100 pF, (7 cards) CL 250 pF, (21 cards) CL 100 pF, (7 cards)
Transcend Information Inc.
TS128M~2GSDM80
50 Clock fall time Inputs CMD, DAT (referenced to CLK) Input set-up time Input hold time Outputs CMD, DAT (referenced to CLK) Output Delay time during Data Transfer Mode Output Delay time during Identification Mode tODLY tODLY 0 0 14 50 tISU tIH 5 5 tTHL 10 50
128M~2GB miniSD Memory Card
ns ns ns ns ns ns ns CL 250 pF, (21 cards) CL 100 pF, (7 cards) CL 250 pF, (21 cards) CL 25 pF, (1 cards) CL 25 pF, (1 cards) CL 25 pF, (1 cards) CL 25 pF, (1 cards)
Transcend Information Inc.
6
TS128M~2GSDM80
* Bus Timing (High Speed Mode)
128M~2GB miniSD Memory Card
Parameter
Clock frequency Data Transfer Mode Clock low time Clock high time Clock rise time Clock fall time Inputs CMD, DAT (referenced to CLK) Input set-up time Input hold time Outputs CMD, DAT (referenced to CLK)
Symbol
fPP tWL tWH tTLH tTHL tISU tIH
Min
0 7 7
Max.
50
Unit
MHz ns ns
Remark
Clock CLK (All values are referred to min (VIH) and max (VIL)
3 3 6 2
ns ns ns ns
Transcend Information Inc.
7
TS128M~2GSDM80
Output Delay time during Data Transfer Mode Output Hold time Total System capacitance for each line tODLY tOH CL 2.5 40 14
128M~2GB miniSD Memory Card
ns ns pF
Reliability and Durability
Temperature Operation: -25C / 85C (Target spec) Storage: -40C (168h) / 85C (500h) Junction temperature: max. 95C Operation: 25C / 95% rel. humidity Storage: 40C / 93% rel. hum./500h Salt Water Spray: 3% NaCl/35C; 24h acc. MIL STD Method 1009 10.000 mating cycles; 10N 0.15N.m or +/-2.5 deg 1.5m free fall UV: 254nm, 15Ws/cm according to ISO 7816-1 No warp page; no mold skin; complete form; no cavities surface smoothness <= -0.1 mm/cm within contour; no cracks; no pollution (fat, oil dust, etc.)
Moisture and corrosion
Durability Bending Torque Drop test UV light exposure Visual inspection Shape and form
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product. Transcend reserves the right to make changes in specifications at any time without prior notice.
Transcend Information Inc.
8


▲Up To Search▲   

 
Price & Availability of TS128MSDM80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X