|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TPD4124K TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC TPD4124K The TPD4124K is a DC brush less motor driver using high voltage PWM control. It is fabricated by high voltage SOI process. It is three-shunt resistor circuit for current sensing. It contains level shift high-side driver, low-side driver, IGBT outputs, FRDs and protective functions for under voltage protection circuits and thermal shutdown circuit. It is easy to control a DC brush less motor by just putting logic inputs from a MPU or motor controller to the TPD4124K. HDIP26-P-1332-2.00 Weight: 3.8 g (typ.) Features * * * * * * * * * * High voltage power side and low voltage signal side terminal are separated. It is the best for current sensing in three shunt resistance. Bootstrap circuit gives simple high-side supply. Bootstrap diodes are built in. A dead time can be set as a minimum of 1.4 s, and it is suitable for a Sine-wave from drive. 3-phase bridge output using IGBTs. FRDs are built in. Included over-current and under-voltage protection, and thermal shutdown. The regulator of 7 V (typ.) is built in. Package: 26-pin DIP. This product has a MOS structure and is sensitive to electrostatic discharge. When handling this product, ensure that the environment is protected against electrostatic discharge. 1 2008-11-26 Marking GND 1 NC 2 NC 3 HU 4 HV 5 HW 6 LU 7 LV 8 LW 9 RS 10 DIAG 11 NC 12 VREG 13 NC 14 VCC 15 GND 16 19 IS1 TPD4123K TPD4124K Pin Assignment 26 IS3 25 W 24 BSW Part No. (or abbreviation code) 23 VBB 2 Lot Code. (Weekly code) 22 V 21 BSV 20 IS2 18 BSU 17 U TPD4124K 2008-11-26 TPD4124K Block Diagram VCC 15 18 BSU 21 BSV 24 BSW 23 VBB 7V Regulator Undervoltage Protection UnderUnderUndervoltage voltage voltage Protection Protection Protection VREG 13 High-side Level Shift Driver HU HV HW LU LV LW 4 5 6 7 8 9 Low-side Driver 26 IS3 20 IS2 19 IS1 Over-current protection 10 RS 1/16 GND Input Control Thermal Shutdown 17 U 22 V 25 W DIAG 11 3 2008-11-26 TPD4124K Pin Description Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 Symbol GND NC NC HU HV HW LU LV LW RS DIAG NC VREG NC VCC GND U BSU IS1 IS2 BSV V VBB BSW W IS3 Ground pin. Unused pin, which is not connected to the chip internally. Unused pin, which is not connected to the chip internally. The control terminal of IGBT by the high side of U. It turns off less than 1.5 V. It turns on more than 2.5 V. The control terminal of IGBT by the high side of V. It turns off less than 1.5 V. It turns on more than 2.5 V. The control terminal of IGBT by the high side of W. It turns off less than 1.5 V. It turns on more than 2.5 V. The control terminal of IGBT by the low side of U. It turns off less than 1.5 V. It turns on more than 2.5 V. The control terminal of IGBT by the low side of V. It turns off less than 1.5 V. It turns on more than 2.5 V. The control terminal of IGBT by the low side of W. It turns off less than 1.5 V. It turns on more than 2.5 V. Over current detection pin. With the diagnostic output terminal of open drain , a pull-up is carried out by resistance. It turns on at the time of unusual. Unused pin, which is not connected to the chip internally. 7 V regulator output pin. Unused pin, which is not connected to the chip internally. Control power supply pin. (15 V typ.) Ground pin. U-phase output pin. U-phase bootstrap capacitor connecting pin. U-phase IGBT emitter and FRD anode pin. V-phase IGBT emitter and FRD anode pin. V-phase bootstrap capacitor connecting pin. V-phase output pin. High-voltage power supply input pin. W-phase bootstrap capacitor connecting pin. W-phase output pin. W-phase IGBT emitter and FRD anode pin. Pin Description 4 2008-11-26 TPD4124K Equivalent Circuit of Input Pins Internal circuit diagram of HU, HV, HW, LU, LV, LW input pins 200 k HU/HV/HW LU/LV/LW 2 k 2 k 6.5 V 6.5 V 2 k 6.5 V 6.5 V To internal circuit Internal circuit diagram of RS pin VCC 4 k 19.5 V 442 k 5 pF RS To internal circuit Internal circuit diagram of DIAG pin DIAG To internal circuit 26 V 250 k 5 2008-11-26 TPD4124K Timing Chart HU HV HW Input Voltage LU LV LW VU Output voltage VV VW 6 2008-11-26 TPD4124K Truth Table Input Mode Normal HU H H L L L L Over-current H H L L L L Thermal shutdown H H L L L L VCC Under-voltage H H L L L L VBS Under-voltage H H L L L L HV L L H H L L L L H H L L L L H H L L L L H H L L L L H H L L HW L L L L H H L L L L H H L L L L H H L L L L H H L L L L H H LU L L L H H L L L L H H L L L L H H L L L L H H L L L L H H L LV H L L L L H H L L L L H H L L L L H H L L L L H H L L L L H LW L H H L L L L H H L L L L H H L L L L H H L L L L H H L L L ON ON OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF High side OFF OFF ON ON OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF ON ON OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF ON ON OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF ON ON OFF Low side ON OFF OFF OFF OFF ON OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF ON OFF OFF OFF OFF ON OFF ON ON OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF ON ON OFF OFF OFF OFF OFF OFF OFF OFF OFF ON ON ON ON ON ON ON ON ON ON ON ON ON ON ON ON ON ON OFF OFF OFF OFF OFF OFF U phase V phase W phase U phase V phase W phase DIAG 7 2008-11-26 TPD4124K Absolute Maximum Ratings (Ta = 25C) Characteristics Power supply voltage Output current (DC) Output current (pulse) Input voltage VREG current Power dissipation IGBT1 phase (Tc = 25C) ) Power dissipation FRD1 phase (Tc = 25C) ) Operating temperature Junction temperature Storage temperature Symbol VBB VCC IOUT IOUTp VIN IREG PC(IGBT Rating 500 18 2 3 -0.5 to 7 50 36 Unit V V A A V mA W PC(FRD) Tjopr Tj Tstg 22 -40 to 135 150 -55 to 150 W C C C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). 8 2008-11-26 TPD4124K Electrical Characteristics (Ta = 25C) Characteristics Operating power supply voltage Symbol VBB VCC IBB Current dissipation ICC IBS (ON) IBS (OFF) Input voltage VIH VIL IIH IIL VCEsatH VCEsatL VFH VFL VF (BSD) VREG VR Dt TSD TSD VCCUVD VCCUVR VBSUVD VBSUVR VDIAGsat ton toff tdead trr IDIAG = 5 mA VBB = 280 V, VCC = 15 V, IC = 1 A VBB = 280 V, VCC = 15 V, IC = 1 A VBB = 280 V, VCC = 15 V, IC = 1 A VBB = 280 V, VCC = 15 V, IC = 1 A VCC = 15 V VCC = 15 V VBB = 450 V VCC = 15 V VBS = 15 V, high side ON VBS = 15 V, high side OFF VIN = "H", VCC = 15 V VIN = "L" , VCC = 15 V VIN = 5 V VIN = 0 V VCC = 15 V, IC = 1 A, high side VCC = 15 V, IC = 1 A, low side IF = 1 A, high side IF = 1 A, low side IF = 500 A VCC = 15 V, IO = 30 mA Test Condition Min 50 13.5 2.5 6.5 0.46 2.3 135 10 10.5 8 8.5 1.4 Typ. 280 15 1.0 230 200 2.4 2.4 1.5 1.5 0.9 7 0.5 3.3 50 11 11.5 9 9.5 1.4 1.0 200 Max 450 16.5 0.5 5 410 370 1.5 150 100 3 3 2.0 2.0 1.2 7.5 0.54 4.4 185 12 12.5 9.5 10.5 0.5 3 3 Unit V mA A V Input current A Output saturation voltage V FRD forward voltage BSD forward voltage Regulator voltage Current limiting voltage Current limiting dead time Thermal shutdown temperature Thermal shutdown hysteresis VCC under voltage protection VCC under voltage protection recovery VBS under voltage protection VBS under voltage protection recovery DIAG saturation voltage Output on delay time Output off delay time Dead time FRD reverse recovery time V V V V s C C V V V V V s s s ns 9 2008-11-26 TPD4124K Application Circuit Example 15 V VCC 15 C4 + C5 18 21 24 13 7V Regulator UnderUnderUndervoltage voltage voltage Protection Protection Protection High-side Level Shift Driver Input Control Thermal Shutdown Low-side Driver 26 IS3 20 IS2 Over-current protection 19 10 IS1 R1 17 22 25 U V W 23 BSU BSV BSW VBB + C6 C7 VREG Undervoltage Protection HU Control IC or Microcomputer HV HW LU LV LW DIAG R2 4 5 6 7 8 9 11 C1 C2 C3 C M RS 1/16 GND 10 2008-11-26 TPD4124K External Parts Typical external parts are shown in the following table. Part C1, C2, C3 R1 C4 C5 C6 C7 R2 Typical 25 V/2.2 F 0.35 1 % (1 W) 25 V/10 F 25 V /0.1 F 25 V/1 F 25 V/1000 pF 5.1 k Purpose Bootstrap capacitor Current detection VCC power supply stability VCC for surge absorber VREG power supply stability VREG for surge absorber DIAG pull-up resistor Remarks (Note 1) (Note 2) (Note 3) (Note 3) (Note 3) (Note 3) (Note 4) Note 1: The required bootstrap capacitance value varies according to the motor drive conditions. The capacitor is biased by VCC and must be sufficiently derated for it. Note 2: The following formula shows the detection current: IO = VR / R1 (For VR = 0.5 V) Do not exceed a detection current of 2 A when using this product. (Please go from the outside in the over current protection.) Note 3: When using this product, adjustment is required in accordance with the use environment. When mounting, place as close to the base of this product leads as possible to improve the ripple and noise elimination. Note 4: The DIAG pin is open drain. If not using the DIAG pin, connect to the GND. Handling precautions (1) Please control the input signal in the state to which the VCC voltage is steady. Both of the order of the VBB power supply and the VCC power supply are not cared about either. Note that if the power supply is switched off as described above, this product may be destroyed if the current regeneration route to the VBB power supply is blocked when the VBB line is disconnected by a relay or similar while the motor is still running. (2) The RS pin connecting the current detection resistor is connected to a comparator in the IC and also functions as a sensor pin for detecting over current. As a result, over voltage caused by a surge voltage, for example, may destroy the circuit. Accordingly, be careful of handling the IC or of surge voltage in its application environment. 11 2008-11-26 TPD4124K Description of Protection Function (1) Over-current protection This product incorporates a over-current protection circuit to protect itself against over-current at startup or when a motor is locked. This protection function detects voltage generated in the current detection resistor connected to the RS pin. When this voltage exceeds VR (=0.5 V typ.), the IGBT output, which is on, temporarily shuts down after a dead time , preventing any additional current from flowing to this product. The next all "L" signal releases the shutdown state. (2) Under voltage protection This product incorporates under voltage protection circuits to prevent the IGBT from operating in unsaturated mode when the VCC voltage or the VBS voltage drops. When the VCC power supply falls to this product internal setting VCCUVD (=11 V typ.), all IGBT outputs shut down regardless of the input. This protection function has hysteresis. When the VCC power supply reaches 0.5 V higher than the shutdown voltage (VCCUVR (=11.5 V typ.)), this product is automatically restored and the IGBT is turned on again by the input. DIAG output is reversed at the time of VCC under-voltage protection. When the VCC power supply is less than 7 V, DIAG output isn't sometimes reversed. When the VBS supply voltage drops VBSUVD (=9 V typ.), the high-side IGBT output shuts down. When the VBS supply voltage reaches 0.5 V higher than the shutdown voltage (VBSUVR (=9.5 V typ.)), the IGBT is turned on again by the input signal. (3) Thermal shutdown This product incorporates a thermal shutdown circuit to protect itself against the abnormal state when its temperature rises excessively. When the temperature of this chip rises to the internal setting TSD due to external causes or internal heat generation, all IGBT outputs shut down regardless of the input. This protection function has hysteresis TSD (=50C typ.). When the chip temperature falls to TSD - TSD, the chip is automatically restored and the IGBT is turned on again by the input. Because the chip contains just one temperature detection location, when the chip heats up due to the IGBT, for example, the differences in distance from the detection location in the IGBT (the source of the heat) cause differences in the time taken for shutdown to occur. Therefore, the temperature of the chip may rise higher than the thermal shutdown temperature when the circuit started to operate. Timing Chart of Under voltage protection LIN HIN VBS VCC LO HO DIAG Note: The above timing chart is considering the delay time ton toff ton toff Safe Operating Area Peak winding current (A) 2 1.9 0 400 450 0 Power supply voltage VBB (V) Figure 1 SOA at Tj = 135 C Note 1: The above safe operating areas are Tj = 135 C (Figure 1). 12 2008-11-26 TPD4124K VCEsatH - Tj (V) VCC = 15 V 3.0 IC = 1.6 A VCEsatL - Tj VCEsatL (V) 3.4 VCC = 15 V IC = 1.6 A 3.0 IC = 1.2 A 3.4 VCEsatH IGBT saturation voltage 2.2 IC = 0.8 A 1.8 IC = 0.4 A IGBT saturation voltage 2.6 IC = 1.2 A 2.6 2.2 IC = 0.8 A 1.8 IC = 0.4 A 1.4 -50 0 50 100 150 1.4 -50 0 50 100 150 Junction temperature Tj (C) Junction temperature Tj (C) VFH - Tj (V) VFL (V) 2.4 2.4 VFL - Tj VFH 2.0 IF = 1.6 A 2.0 IF = 1.6 A FRD forward voltage FRD forward voltage IF = 1.2 A 1.6 IF = 0.8 A 1.2 IF = 0.4 A IF = 1.2 A 1.6 IF = 0.8 A 1.2 IF = 0.4 A 0.8 -50 0 50 100 150 0.8 -50 0 50 100 150 Junction temperature Tj (C) Junction temperature Tj (C) ICC - VCC 2.0 Tj =-40C 8.0 Tj =25C Tj =135C 1.5 VREG - VCC Tj =-40C Tj =25C Tj =135C 7.5 IREG = 30 mA (mA) Current dissipation 1.0 Regulator voltage VREG 14 16 18 ICC (V) 7.0 0.5 6.5 0 12 6.0 12 14 16 18 Control power supply voltage VCC (V) Control power supply voltage VCC (V) 13 2008-11-26 TPD4124K ton - Tj 3.0 toff - Tj 3.0 (s) ton 2.0 toff High-side Low-side (s) VBB = 280 V VCC = 15 V IC = 1 A VBB = 280 V VCC = 15 V IC = 1 A High-side Low-side 2.0 Output-on delay time Output-off delay time 1.0 1.0 0 -50 0 50 100 150 0 -50 0 50 100 150 Junction temperature Tj (C) Junction temperature Tj (C) VCCUV - Tj 12.5 10.5 VCCUVD VCCUVR 12.0 VBSUV - Tj Under-voltage protection operating voltage VBSUV (V) VBSUVD VBSUVR 10.0 Under-voltage protection operating voltage VCCUV (V) 11.5 9.5 11.0 9.0 10.5 8.5 10.0 -50 0 50 100 150 8.0 -50 0 50 100 150 Junction temperature Tj (C) Junction temperature Tj (C) VR - Tj 1.0 6.0 Dt- Tj (s) VCC = 15 V Current control operating voltage VR (V) VCC = 15 V 0.8 Dt 0.6 0.4 Current limiting dead time 0 50 100 150 4.0 2.0 0.2 0 -50 0 -50 0 50 100 150 Junction temperature Tj (C) Junction temperature Tj (C) 14 2008-11-26 TPD4124K IBS (ON) - VBS 500 500 Tj =25C Tj =135C 400 IBS (OFF) - VBS (A) Tj =-40C Tj =25C 400 Tj =135C (A) Tj =-40C Current dissipation 200 Current dissipation 300 IBS (OFF) IBS (ON) 300 200 100 12 14 16 18 100 12 14 16 18 Control power supply voltage VBS (V) Control power supply voltage VBS (V) Wton - Tj 500 100 Wtoff - Tj (J) 400 IC = 1.6 A 300 IC = 1.2 A (J) 80 IC = 1.6 A IC = 1.2 A Wton Wtoff 60 Turn-on loss Turn-off loss 200 40 IC = 0.8 A IC = 0.8 A 100 IC = 0.4 A 20 IC = 0.4 A 0 -50 0 50 100 150 0 -50 0 50 100 150 Junction temperature Tj (C) Junction temperature Tj (C) 15 2008-11-26 1 GND 26 IS3 26 IS3 2 NC 3 NC 25 W 24 BSW 4 HU 5 HV 6 HW 23 VBB 7 LU 8 LV 9 LW 10 RS 11 DIAG 20 IS2 19 IS1 12 NC 13 VREG 14 NC 15 VCC 16 GND 18 BSU 17 U 20 IS2 19 IS1 21 BSV 1 GND Test Circuits 2 NC 25 W 24 BSW 3 NC 4 HU 5 HV 23 VBB 6 HW 7 LU 8 LV 22 V 21 BSV 22 V FRD Forward Voltage (U-phase low side) IGBT Saturation Voltage (U-phase low side) 9 LW 10 RS 16 VM 18 BSU 17 U 11 DIAG 12 NC 13 VREG 14 NC VM 15 VCC 16 GND 1.0A HU = 0V HV = 0V HW = 0V LU = 5V LV = 0V LW = 0V VCC = 15V 1.0A TPD4124K 2008-11-26 1 GND 26 IS3 2 NC 3 NC 25 W 24 BSW 4 HU 5 HV 6 HW 7 LU 8 LV 9 LW 21 BSV 10 RS 11 DIAG 20 IS2 19 IS1 12 NC 13 VREG 14 NC 18 BSU 17 U 15 VCC 16 GND 18 BSU 20 IS2 19 IS1 21 BSV 26 IS3 1 GND Regulator Voltage 2 NC 25 W 24 BSW 3 NC VCC Current Dissipation 4 HU 5 HV 23 VBB 23 VBB 6 HW 7 LU 8 LV 22 V 22 V 9 LW 10 RS 17 IM 11 DIAG VM 12 NC 13 VREG 30mA VCC = 15V 14 NC 15 VCC 16 GND 17 U VCC = 15V TPD4124K 2008-11-26 TPD4124K Output ON/OFF Delay Time (U-phase low side) IM U = 280V 2.2F 280 24 BSW 11 DIAG 13 VREG 1 GND 18 BSU 21 BSV 23 VBB 26 IS3 20 IS2 19 IS1 25 W 10 RS 16 GND 15 VCC 6 HW 2 NC 3 NC 4 HU 12 NC 14 NC 9 LW 5 HV 7 LU 8 LV 17 U 22 V HU = 0V HV = 0V HW = 0V LU = PG LV = 0V LW = 0V VCC = 15V 90% LU = PG 10% 90% IM 10% ton toff 18 2008-11-26 TPD4124K VCC Under-voltage Protection Operating/Recovery Voltage (U-phase low side) U = 18V 2k 24 BSW 11 DIAG 13 VREG 1 GND 18 BSU 21 BSV 23 VBB 26 IS3 20 IS2 19 IS1 25 W 16 GND 15 VCC 6 HW 2 NC 3 NC 4 HU 12 NC 14 NC 9 LW 5 HV 7 LU 8 LV 10 RS 17 U 22 V VM HU = 0V HV = 0V HW = 0V LU = 5V LV = 0V LW = 0V VCC = 15V 6V 6V 15V *Note: Sweeps the VCC pin voltage from 15 V and monitors the U pin voltage. The VCC pin voltage when output is off defines the under-voltage protection operating voltage. Also sweeps from 6 V to increase. The VCC pin voltage when output is on defines the under voltage protection recovery voltage. VBS Under-voltage Protection Operating/Recovery Voltage (U-phase high side) VBB = 18V 2k VM BSU = 15V 6V 6V 15V 24 BSW 11 DIAG 13 VREG 1 GND 18 BSU 21 BSV 23 VBB 26 IS3 20 IS2 19 IS1 25 W 16 GND 15 VCC 6 HW 2 NC 3 NC 4 HU 12 NC 14 NC 9 LW 5 HV 10 RS 7 LU 8 LV 17 U 22 V HU = 5V HV = 0V HW = 0V LU = 0V LV = 0V LW = 0V VCC = 15V *Note: Sweeps the BSU pin voltage from 15 V to decrease and monitors the VBB pin voltage. The BSU pin voltage when output is off defines the under voltage protection operating voltage. Also sweeps the BSU pin voltage from 6V to increase and change the HU pin voltage at 5 V0 V5 V each time. It repeats similarly output is on. When the BSU pin voltage when output is on defines the under voltage protection recovery voltage. 19 2008-11-26 TPD4124K Current Control Operating Voltage (U-phase high side) VBB = 18V 15V 2k 24 BSW 11 DIAG 13 VREG 1 GND 18 BSU 21 BSV 23 VBB 26 IS3 20 IS2 19 IS1 25 W 16 GND 15 VCC 6 HW 2 NC 3 NC 4 HU 12 NC 14 NC 9 LW 5 HV 10 RS 7 LU 8 LV 17 U 22 V VM HU = 5V HV = 0V HW = 0V LU = 0V LV = 0V LW = 0V VCC = 15V IS/RS = 0V 0.6V *Note: Sweeps the IS/RS pin voltage and monitors the U pin voltage. The IS/RS pin voltage when output is off defines the current control operating voltage. VBS Current Dissipation (U-phase high side) IM BSU = 15V 24 BSW 11 DIAG 13 VREG 1 GND 18 BSU 21 BSV 23 VBB 26 IS3 20 IS2 19 IS1 25 W 16 GND 15 VCC 6 HW 2 NC 3 NC 4 HU 12 NC 14 NC 9 LW 5 HV 10 RS 7 LU 8 LV 17 U 22 V HU = 0V/5V HV = 0V HW = 0V LU = 0V LV = 0V LW = 0V VCC = 15V 20 2008-11-26 TPD4124K Turn-ON/OFF Loss (low side IGBT + high side FRD) IM VBB/U = 280V 5mH L 2.2F VM 24 BSW 11 DIAG 13 VREG 1 GND 18 BSU 21 BSV 23 VBB 26 IS3 20 IS2 19 IS1 25 W 16 GND 15 VCC 6 HW 2 NC 3 NC 4 HU 12 NC 14 NC 9 LW 5 HV 10 RS 7 LU 8 LV 17 U 22 V HU = 0V HV = 0V HW = 0V LU = PG LV = 0V LW = 0V VCC = 15V Input (LU = PG) IGBT (C-E Voltage) (U-GND) Power Supply Current Wtoff Wton 21 2008-11-26 TPD4124K Package Dimensions HDIP26-P-1332-2.00 Unit: mm Weight: 3.8 g (typ.) 22 2008-11-26 TPD4124K RESTRICTIONS ON PRODUCT USE * Toshiba Corporation, and its subsidiaries and affiliates (collectively "TOSHIBA"), reserve the right to make changes to the information in this document, and related hardware, software and systems (collectively "Product") without notice. * This document and any information herein may not be reproduced without prior written permission from TOSHIBA. Even with TOSHIBA's written permission, reproduction is permissible only if reproduction is without alteration/omission. * Though TOSHIBA works continually to improve Product's quality and reliability, Product can malfunction or fail. Customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of Product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. Before creating and producing designs and using, customers must also refer to and comply with (a) the latest versions of all relevant TOSHIBA information, including without limitation, this document, the specifications, the data sheets and application notes for Product and the precautions and conditions set forth in the "TOSHIBA Semiconductor Reliability Handbook" and (b) the instructions for the application that Product will be used with or for. Customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this Product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. TOSHIBA ASSUMES NO LIABILITY FOR CUSTOMERS' PRODUCT DESIGN OR APPLICATIONS. * Product is intended for use in general electronics applications (e.g., computers, personal equipment, office equipment, measuring equipment, industrial robots and home electronics appliances) or for specific applications as expressly stated in this document. Product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality and/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or serious public impact ("Unintended Use"). Unintended Use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. Do not use Product for Unintended Use unless specifically permitted in this document. * Do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy Product, whether in whole or in part. * Product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. * The information contained herein is presented only as guidance for Product use. No responsibility is assumed by TOSHIBA for any infringement of patents or any other intellectual property rights of third parties that may result from the use of Product. No license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. * ABSENT A WRITTEN SIGNED AGREEMENT, EXCEPT AS PROVIDED IN THE RELEVANT TERMS AND CONDITIONS OF SALE FOR PRODUCT, AND TO THE MAXIMUM EXTENT ALLOWABLE BY LAW, TOSHIBA (1) ASSUMES NO LIABILITY WHATSOEVER, INCLUDING WITHOUT LIMITATION, INDIRECT, CONSEQUENTIAL, SPECIAL, OR INCIDENTAL DAMAGES OR LOSS, INCLUDING WITHOUT LIMITATION, LOSS OF PROFITS, LOSS OF OPPORTUNITIES, BUSINESS INTERRUPTION AND LOSS OF DATA, AND (2) DISCLAIMS ANY AND ALL EXPRESS OR IMPLIED WARRANTIES AND CONDITIONS RELATED TO SALE, USE OF PRODUCT, OR INFORMATION, INCLUDING WARRANTIES OR CONDITIONS OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, ACCURACY OF INFORMATION, OR NONINFRINGEMENT. * Do not use or otherwise make available Product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). Product and related software and technology may be controlled under the Japanese Foreign Exchange and Foreign Trade Law and the U.S. Export Administration Regulations. Export and re-export of Product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. * Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. Please use Product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the EU RoHS Directive. TOSHIBA assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations. 23 2008-11-26 |
Price & Availability of TPD4124K |