Part Number Hot Search : 
AD9779 R1000 E007796 N4448 MTX9509 LT3991 SDR998N T7300655
Product Description
Full Text Search
 

To Download TPCA8015-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPCA8015-H
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCA8015-H
High-Efficiency DCDC Converter Applications
0.50.1 8 1.27 0.40.1 5
Unit: mm
0.05 M A
6.00.3
* * * * * * *
Small footprint due to small and thin package High-speed switching Small gate charge: Qsw = 13 nC (typ.) Low drain-source ON-resistance: RDS (ON) = 4.4 m (typ.) High forward transfer admittance: |Yfs| = 60 S (typ.) Low leakage current: IDSS = 10 A (max) (VDS = 40 V) Enhancement mode: Vth = 1.1 to 2.3 V (VDS = 10 V, ID = 1 mA)
5.00.2
0.150.05
1 5.00.2 0.950.05
4
0.595 A 0.1660.05
S 1
0.05 S 4 1.10.2
0.60.1
4.250.2
Characteristic Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC (Note 1)
Symbol VDSS VDGR VGSS ID IDP PD PD PD EAS IAR
Rating 40 40 20 35 105 45 2.8
Unit V V V A W W
8 5
1,2,3SOURCE 5,6,7,8DRAIN
0.80.1
JEDEC JEITA TOSHIBA
2-5Q1A
Pulsed (Note 1)
Drain power dissipation (Tc = 25) Drain power dissipation (t = 10 s) (Note 2a) Drain power dissipation (t = 10 s) (Note 2b) Single-pulse avalanche energy (Note 3) Avalanche current Repetitive avalanche energy (Tc=25) (Note 4) Channel temperature Storage temperature range
Weight: 0.067 g (typ.)
1.6
W
Circuit Configuration
8 7 6 5
114 35 2.7 150 -55 to 150
mJ A mJ C C
EAR Tch Tstg
1
2
3
3.50.2
Maximum Ratings (Ta = 25C)
4GATE
4
Note: For Notes 1 to 5, refer to the next page. This transistor is an electrostatic-sensitive device. Handle with care.
1
2006-01-17
TPCA8015-H
Thermal Characteristics
Characteristic Thermal resistance, channel to case (Tc=25) Thermal resistance, channel to ambient (t = 10 s) (Note 2a) Symbol Rth (ch-c) Max 2.78 Unit C/W
Rth (ch-a)
44.6
C/W
Thermal resistance, channel to ambient (t = 10 s) (Note 2b)
Rth (ch-a)
78.1
C/W
Marking (Note 5)
TPCA 8015-H
Type Lot No.
Note 1: The channel temperature should not exceed 150C during use. Note 2: (a) Device mounted on a glass-epoxy board (a) (b) Device mounted on a glass-epoxy board (b)
FR-4 25.4 x 25.4 x 0.8 (Unit: mm)
FR-4 25.4 x 25.4 x 0.8 (Unit: mm)
(a)
(b)
Note 3: VDD = 24 V, Tch = 25C (initial), L = 0.1 mH, RG = 25 , IAR = 35 A Note 4: Repetitive rating: pulse width limited by max channel temperature Note 5: * Weekly code: (Three digits) Week of manufacture (01 for the first week of the year, continuing up to 52 or 53) Year of manufacture (The last digit of the calendar year)
2
2006-01-17
TPCA8015-H
Electrical Characteristics (Ta = 25C)
Characteristic Gate leakage current Drain cutoff current Drain-source breakdown voltage Gate threshold voltage Drain-source ON-resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Gate resistance Rise time Turn-on time Switching time Fall time Turn-off time Total gate charge (gate-source plus gate-drain) Gate-source charge 1 Gate-drain ("Miller") charge Gate switch charge tf toff Qg Qgs1 Qgd QSW VDD 32 V, VGS = 10 V, ID = 35 A - Symbol IGSS IDSS V (BR) DSS V (BR) DSX Vth RDS (ON) |Yfs| Ciss Crss Coss Rg tr ton VGS 10 V 0V 4.7 ID = 17.5A VOUT RL =1.11 VDS = 10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 16 V, VDS = 0 V VDS = 40 V, VGS = 0 V ID = 10 mA, VGS = 0 V ID = 10 mA, VGS = -20 V VDS = 10 V, ID = 1 mA VGS = 10 V, ID = 17.5 A VGS = 4.5 V, ID = 17.5 A VDS = 10 V, ID = 17.5 A Min 40 25 1.1 30 Typ. 4.4 6.1 60 2155 200 780 1.4 5 12 10 48 37 21 7 9 13 Max 10 10 2.3 5.4 7.9 ns nC pF Unit A A V V m S
VDD 20 V - Duty < 1%, tw = 10 s = VDD 32 V, VGS = 10 V, ID = 35 A - VDD 32 V, VGS = 5 V, ID = 35 A -
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristic Drain reverse current Forward voltage (diode) Pulse (Note 1) Symbol IDRP VDSF Test Condition IDR = 35 A, VGS = 0 V Min Typ. Max 105 -1.2 Unit A V
3
2006-01-17
TPCA8015-H
ID - VDS
50 8 40 6 10 4 4.5 3.6 3.5 3.4 80 100 10 6 4 4.5
ID - VDS
3.8 3.7 Common source Ta = 25C Pulse test 3.5 60 3.4
Drain current ID (A)
30 3.2 20
Common source Ta = 25C Pulse test
Drain current ID (A)
3
40
3.2
3 20 VGS = 2.8V
10
VGS = 2.8V
0 0
0.2
0.4
0.6
0.8
1
0 0
1
2
3
4
5
Drain-source voltage VDS
(V)
Drain-source voltage VDS
(V)
ID - VGS
100
VDS - VGS
1 Common source Ta = 25 Pulse test
80
Pulse test
Drain-source voltage VDS (V)
Common source VDS = 10 V
0.8
Drain current ID (A)
60
0.6
40 Ta = -55C 20 100 25
0.4
0.2
ID = 35 A 18 9
0 0
1
2
3
4
5
6
0 0
2
4
6
8
10
Gate-source voltage
VGS (V)
Gate-source voltage
VGS (V)
Yfs - ID Forward transfer admittance |Yfs| (S)
1000 Common source 100 VDS = 10 V Pulse test 100 Ta = -55C 25 10 100 Common source Ta = 25C Pulse test
RDS (ON) - ID
Drain-source ON-resistance RDS (ON) (m)
10 4.5
1
VGS = 10 V
0.1 0.1
1
10
100
1 0.1
1
10
100
Drain current ID (A)
Drain current ID (A)
4
2006-01-17
TPCA8015-H
RDS (ON) - Ta
12 ID = 35A 18A 8 9A
IDR - VDS
1000 Common source
Drain-source ON-resistance RDS (ON) (m)
10
(A)
Common source Pulse test
Ta = 25C Pulse test 10 4.5 3 100 1
Drain reverse current IDR
VGS = 0 V 10
6
VGS = 4.5 V ID = 9A,18A,35A
4
1
2
VGS = 10 V
0 -80
-40
0
40
80
120
160
0.1 0
-0.2
-0.4
-0.6
-0.8
-1
Ambient temperature
Ta
(C)
Drain-source voltage VDS
(V)
Capacitance - VDS
10000 2.5
Vth - Ta (V)
(pF)
2 Ciss 1000 Coss
Gate threshold voltage Vth
Capacitance C
1.5
1 Common source 0.5 V = 10 V DS ID = 1 mA Pulse test 0 -80 -40
100
Crss Common source VGS = 0 V f = 1 MHz Ta = 25C
10 0.1
1
10
100
0
40
80
120
160
Drain-source voltage VDS
(V)
Ambient temperature
Ta
(C)
Dynamic input/output characteristics
40
ID = 35 A 30 VDS Ta = 25C Pulse test 12
Drain-source voltage VDS
20
VDD = 32 V VGS
8
10
4
0
0
10
20
30
0 40
Total gate charge
Qg
(nC)
Gate-source voltage
VGS (V)
(V)
Common source
16
5
2006-01-17
TPCA8015-H
rth - tw rth (C/W)
1000
(1) Device mounted on a glass-epoxy board (a) (Note 2a) (2) Device mounted on a glass-epoxy board (b) (Note 2b) (3) Tc=25
(2)
100 (1)
Transient thermal impedance
10
(3) 1
Single - pulse 0.1 0.001 0.01 0.1 1 10 100 1000
Pulse width
tw (s)
PD - Ta
3
(1) Device mounted on a glass-epoxy board (a)
PD - Tc
50
(W)
2.5
(1)
(2) Device mounted on a glass-epoxy board (b) (Note 2b) t = 10s
Drain power dissipation PD (W)
160
(Note 2a)
Drain power dissipation PD
40
2 (2) 1.5
30
20
1
0.5
10
0 0
40
80
120
0
0
40
80
120
160
Ambient temperature
Ta
(C)
Case temperature
Tc
(C)
Safe operating area
1000
(A)
100
ID max (Pulsed) * t =1ms *
Drain current ID
ID max (Continuous) 10 DC Operation Tc = 25C 1 * Single - pulse Ta = 25C Curves must be derated linearly with increase in temperature. 0.1 0.1 1 VDSS max 10
10ms *
100
Drain-source voltage VDS
(V)
6
2006-01-17
TPCA8015-H
7
2006-01-17


▲Up To Search▲   

 
Price & Availability of TPCA8015-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X