Part Number Hot Search : 
TM6820 F1605 LA000 5C300DC V2412 24NM6 2100A M38023E5
Product Description
Full Text Search
 

To Download SSF2AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSF2AG THRU SSF2KG
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER
VOLTAGE: 50 TO 800V CURRENT: 2.0A CURRENT: .0A
FEATURE
Low power loss High surge capability Ultra-fast recovery time for high efficiency Glass passivated chip junction High temperature soldering guaranteed 250C/10sec/0.375"lead length at 5 lbs tension
DO-15\DO-201AC
MECHANICAL DATA
Terminal:Plated axial leads solderable per MIL-STD 202E, method 208C Case:Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity:color band denotes cathode Mounting position:any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
SSF2 AG 50 35 50
SSF2 BG 100 70 100
SSF2 DG 200 140 200 2.0
SSF2 GG 400 280 400
SSF2 JG 600 420 600
SSF2 KG 800 560 800
units V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at Forward current 2A Peak Maximum DC Reverse Current at rated DC blocking voltage Maximum Reverse Recovery Time Typical Junction Capacitance Ta =25C Ta =125C (Note 1) (Note 2)
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Trr Cj Tstg,Tj
60.0 0.95 1.25 10.0 100.0 30 30 65 -55 to +150 35 1.70
V A A nS pF C
Storage and Operating Junction Temperature
Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SSF2AG THRU SSF2KG
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SSF2AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X