Part Number Hot Search : 
KBJ410 SPLSI 1215E 4076E TMR4811 DL400 33742 ESDA5
Product Description
Full Text Search
 

To Download SPA101M04R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type SPA Solid Polymer Aluminum SMT Capacitors
* Ultra-Low ESR - 5 m to 9 m @ 100 kHz * High Ripple current - up to 4.0 Arms at 100 kHz * Long Life - No dry out failure related mechanism * Stable Impedance and ESR vs. Temperature * Great for bulk storage and ripple filtering * Ignition free
Applications Motherboard By-Pass Switching Supply Input/Output Filters Power Supply Decoupling High Frequency Noise Reduction Laptop LCD Displays Automotive Digital Equipment Portable Electronic Equipment
Specifications
Operating Temperature: Rated Voltage: Surge Voltage: Capacitance Range: Capacitance Tolerance: Dissipation Factor: DC Leakage Current: Load Life: -40 C to +105 C 2 Vdc to 6.3 Vdc 1.25 x Rated Voltage 56 F to 470 F 20% @120 Hz, +20 C 0.06 max (1.8/1.9); 0.10 max (2.8/4.2) (Case "H" mm; 120 Hz +20 C I 0.06 CV after 2 minutes 1000 h @ 105 C Capacitance: 10% of the initial measured value D.F. Initial specified value DCL Initial specified value
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type SPA Solid Polymer Aluminum SMT Capacitors
Outline Drawing
Markings
Capacitance ("R" = Decimal Point) Polarity Stripe (Anode) + W.V. Code
D = 2.0V E = 2.5V G = 4.0V J = 6.3V
Lot Code
Ordering Information
SPA 560 M 06 R Packaging Code
CDE Type
R = Tape & Reel see tables
Capacitance Code
560 = 56 F 820 = 82 F 101 = 100 F
Capacitance Tolerance
M = 20%
WVDC Code 02 = 2.0 Vdc 0E = 2.5 Vdc 04 = 4.0 Vdc 06 = 6.3 Vdc
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Ratings
Capacitance (F)
Type SPA Solid Polymer Aluminum SMT Capacitors
Maximum Catalog Part Number (Tape & Reel) E.S.R. () 2.0 Vdc
0.009 0.009 0.009 0.007 0.007 0.005 0.005
Maximum Ripple Current (Arms)
3.0 3.0 3.0 3.5 3.5 4.0 4.0 3.0 3.0 3.0 3.5 3.5 4.0 4.0 3.0 3.0 3.5 4.0 3.0 3.0 3.5 4.0
Case Height H (mm)
1.8 .1 1.8 .1 1.9 .2 2.8 .2 2.8 .2 4.2 .1 4.2 .1 1.8 .1 1.8 .1 1.9 .2 2.8 .2 2.8 .2 4.2 .1 4.2 .1 1.8 .1 1.9 .2 2.8 .2 4.2 .1 1.8 .1 1.9 .2 2.8 .2 4.2 .1 3500 3500 3500 2000 2000 2000 2000 3500 3500 3500 2000 2000 2000 2000 3500 3500 2000 2000 3500 3500 2000 2000
100 kHz/20 C 100 kHz/105 C
Qty/Reel
120 150 180 270 330 390 470 100 120 150 220 270 330 390 82 100 150 220 56 68 120 180
SPA121M02R SPA151M02R SPA181M02R SPA271M02R SPA331M02R SPA391M02R SPA471M02R SPA101M0ER SPA121M0ER SPA151M0ER SPA221M0ER SPA271M0ER SPA331M0ER SPA391M0ER SPA820M04R SPA101M04R SPA151M04R SPA221M04R SPA560M06R SPA680M06R SPA121M06R SPA181M06R
2.5 Vdc
0.009 0.009 0.009 0.007 0.007 0.005 0.005
4.0 Vdc
0.009 0.009 0.007 0.005
6.3 Vdc
0.009 0.009 0.007 0.005
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of SPA101M04R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X