|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPECIFICATION FOR APPROVAL REF : 20091116-C PROD. NAME ABC'S DWG NO. SN3010L- PAGE: 1 SMD POWER INDUCTOR ABC'S ITEM NO. CONFIGURATION & DIMENSIONS A A B C D E F : : : : : : 3.0 0.10 3.0 0.10 1.0 max. 2.7 typ. 0.9 0.20 1.2 0.20 m/m m/m m/m m/m m/m m/m C B 1.0 D 1.2 1.0 E F E ( PCB Pattern ) SCHEMATIC DIAGRAM a d MATERIALS aCoreFerrite core bWireEnamelled Copper Wire ( class H ) cTerminalNi/Cu/Ag alloy with Sn dCoatingMagnetic Epoxy resin eRemarkProducts comply with RoHS' requirements 250 Temperature ( ) 200 150 100 50 40~90sec max. c Peak Temp255 max. Max time above 217 90sec max. Temperature Rising Area +3.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 180sec Reflow Area +1.5 ~ 3.0 Forced Cooling Area 6.0 / sec max. Peak Temperature: 250 +5/-10 ,5sec max. 2.7 b 217 GENERAL SPECIFICATION aStorage Temp.-40 ----+85 bOperating Temp.-40----+125 cResistance To Solder Heat260.10 Secs. 0 50 100 150 Time ( seconds ) 200 250 AR-001A SPECIFICATION FOR APPROVAL REF : 20091116-C PROD. NAME ABC'S DWG NO. SN3010L- PAGE: 2 SMD POWER INDUCTOR ABC'S ITEM NO. ELECTRICAL CHARACTERISTICS Inductance @0.1V/1MHz ( H ) SN30101R0YL- SN30101R5YL- SN30102R2ML- SN30103R3ML- SN30104R7ML- SN30106R8ML- SN3010100ML- SN3010150ML- SN3010220ML- SN3010330ML- SN3010470ML- 1.0 30% 1.5 30% 2.2 20% 3.3 20% 4.7 20% 6.8 20% 10.0 20% 15.0 20% 22.0 20% 33.0 20% 47.0 20% typ. 0.065 0.080 0.095 0.160 0.190 0.300 0.450 0.740 0.980 1.550 2.000 RDC ( ) max. 0.078 0.096 0.114 0.192 0.228 0.360 0.540 0.888 1.176 1.860 2.400 SRF ( MHz ) min. 180 140 100 80 60 50 45 35 25 24 19 Irms (A) typ. 1.700 1.650 1.450 1.300 1.100 0.850 0.720 0.560 0.500 0.415 0.320 Isat (A) typ. 1.950 1.600 1.450 1.050 0.950 0.760 0.610 0.480 0.420 0.340 0.270 DWG No. 1). Packaging information ... ABulk 2). Irms base on Temp. rise 40 typ. 3). Isat base on L/L0A=30% typ. BTaping Reel AR-001A SPECIFICATION FOR APPROVAL REF : 20091116-C PROD. NAME PAGE: 3 SMD POWER INDUCTOR ABC'S DWG NO. ABC'S ITEM NO. SN3010L- PACKAGING INFORMATION ( 1 ) Configuration T Cover tape 2.00.5 A C C N B G D Embossed carrier Carrier tape width : D End P:4 m/m 4 m/m Start Leadr no component 280 m/m min. Components User direction of feed Trailer no component 400 m/m min. ( 2 ) Dimensions Style 07 - 08 A 178 B 210.8 C 13 D 8 G +0 10 N -0 50 Unit:m/m T 12.5 ( 3 ) Q'TY & G.W. Per package Inner : Reel Series SN3010 Q'TY (pcs) G.W. (gw) Style Q'TY (pcs) Outer : Carton G.W. (Kg) Size (cm) 2000 500 07 - 08 80,000 17.5 42 x 41 x 24 AR-001A SPECIFICATION FOR APPROVAL REF : 20091116-C PROD. NAME ABC'S DWG NO. SN3010L- PAGE: 4 SMD POWER INDUCTOR ABC'S ITEM NO. DWGING NUMBER EXPRESSION S N 3 0 1 0 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code Appendix code 1Product Classification LLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements Appendix code 2Package Information Code A B Inner Package T.B.D. T / R ( Reel package ) Inner Package Q'TY T.B.D. 2000 pcs Remark AR-001A SPECIFICATION FOR APPROVAL REF : 20091116-C PROD. NAME ABC'S DWG NO. PAGE: 5 SN3010L- SMD POWER INDUCTOR ABC'S ITEM NO. RELIABILITY TEST Test item Specification Test condition Preheat : 15025 for 60 seconds. Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 41 seconds Solderability More than 90% of the terminal electrode Shall be covered With fresh solder. Thermal shock test ( Temp. cycle ) Electrical oharacteristics shall not change more than 20% Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles -40 30 minutes +125 30 minutes Humidity test Temperature : 402 Humidity : 90~95% Applied current : Per spec. Time : 500 hours High temp. Resistance test Temperature : 1252 Applied current : Per spec. Time : 500 hours AR-001A SPECIFICATION FOR APPROVAL REF : 20091116-C PROD. NAME ABC'S DWG NO. PAGE: 6 SN3010L- SMD POWER INDUCTOR ABC'S ITEM NO. UL CARD OBMW2 Magnet Wire-Comporent October 06, 2005 E143312 ELEKTRISOLA (MALAYSLA) SDN BHD JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG DARUL MAKMUR MALAYSIA Coating Type Mtl Dsg Estersol 180 Amldester 200 Polysol-N 155 Polysol 155 Polysol 155g Polysol 155p Polysol 160 Polysol 180 Polysol 170 Polysol-N 180 Polysol P155p Mark Dsg E180 A200 PN155 P155, G155 Pg155 Pp155,Gp155 P160 P180,G180 P170 or G170 PN180 P155p BC Polyesterimide (solderable) Polyesterimide Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane OC ____ ____ Nylon ____ ____ ____ ____ ____ ____ Nylon ____ ANSI Typ MW-77 MW-74 MW-80, MW-28 MW-79, MW-75 MW-75 MW-79 MW-79 MW-82 MW-79 MW-79 MW-83 MW-79 Temp Class 180 200 155, 130 155, 130 130 155 155 180 155 155 180 155 MarkingCompany name, material designation or marked designation and factory identification on package ok reel See General Information preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. AR-001A |
Price & Availability of SN3010220ML |