Part Number Hot Search : 
CTRL922 MAZ3027 P6KE2 AD834AQ SP13TR 0DDA6 3EZ15D5 3026B
Product Description
Full Text Search
 

To Download SMBJ18A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBJ18A Transient Voltage Suppressors
Pppm600W IFSM100A
SMB/DO-214AA
FEATURE
Low profile package Ideal for surface mount pick and place applications Excellent clamping capability Very fast response time Low incremental surge resistance Glass passivated chip junction High temperature soldering guaranteed 260/10sec/at terminals
MECHANICAL DATA
TerminalPlated axial leads solderable per MIL-STD 202E, method 208C CaseMolded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polaritycolor band denotes cathode end Mounting positionany Dimensions in inches and (millimeters) MAXIMUM RATINGS (TA = 25 unless otherwise noted) C
Parameter Peak pulse power dissipation with a 10/1000 s waveform (Fig. 1) Peak pulse current with a 10/1000 s waveform (1) Breakdown Voltage at IT=1mA Maximum Reverse Leakage at VWM=18V Maximum Clamping Voltage at IPPM Peak forward surge current 8.3 ms single half sine-wave unidirectional only(2) Maximum instantaneous forward voltage at 50A for unidirectional only Typical thermal resistance, junction-to-lead Typical thermal resistance, junction-to--ambient Operating junction and Storage temperature range
(1,2)
Symbol PPPM IPPM VBR IR VC IFSM VF Rth(jl) Rth(ja) Tj,Tstg
SMBJ18A 600 18.6 20.0min 24.4max 1.0 32.2 100 3.5 20 100 -55 to +150
units W A V A V A V C/W C/W
Note: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 per Fig. 2 C (2) Mounted on 0.2x0.2(5.0x5.0mm) copper pads to each terminal
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SMBJ18A
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SMBJ18A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X