Part Number Hot Search : 
D525613 CM2832S 45G20B1 153M000 2SA1106 HC4060Y HFF2N60 001000
Product Description
Full Text Search
 

To Download SBS5150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBS5150
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 150V CURRENT: 5.0A
FEATURE
High current capability, Low forward voltage drop Low power loss, high efficiency High surge capability
TO-220AC
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: as marked Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25 unless otherwise stated) C,
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8" lead length Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current Maximum DC Reverse Current Ta =25 at rated DC blocking voltage Ta =100 Typical Thermal Resistance (Note 1) Storage and Operating Junction Temperature
Note 1. Thermal Resistance From Junction To Case
SBS5150 150 105 150 5.0 150.0 0.95 0.1 10.0 2.5 -65 to +150
units V V V A A V mA C/W C
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Rth(jc) Tstg,Tj
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SBS5150
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SBS5150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X