Part Number Hot Search : 
EA401 74AUP1G 1761184 IT1336E MM5Z6V2 TT2127 CM7336 8610A
Product Description
Full Text Search
 

To Download SBL1060CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL1040CT THRU SBL1060CT
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 40 to 60 Volts Forward Current - 10 Amperes
TO-220AB
0.413(10.5) 0.374(9.5) 0.108(2.75) Max. 0.154(3.90) 0.146(3.70) 1 2 3 0.583(14.8) 0.531(13.5) 0.051(1.3) Max. 0.102(2.6) 0.091(2.3) 0.272(6.9) 0.228(5.8)
0.185(4.7) 0.150(3.8) 0.051(1.3) 0.047(1.2)
FEATURES
* Lead free product * Low forward voltage drop
0.610(15.5) 0.583(14.8)
* High current capacity * High reliability * High surge current capability * Epitaxial construction * Plastic Material-UL Recognition Flammability
0.157(4.0) Max.
0.043(1.1) 0.024(0.6)
0.126(3.2) Max. 0.022(0.56) 0.014(0.36)
Classification 94V-0
MECHANICAL DATA
Case : JEDEC TO-220AB molded plastic body Terminals : Plated Leads, solderable per
1
2
3
MIL-STD-750, Method 2026 Polarity : Molded on body
*Dimensions in inches and (millimeters)
Mounting Position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC = 75 C
o o
SYMBOLS VRRM VRMS VDC I (AV)
SBL1040CT
40 28 40
SBL1045CT
45 31.5 45
SBL1060CT
60 42 60
UNITS Volts Volts Volts Amps
10
Peak forward surge current 8.3ms single half sine-wave superimposed on rated load
IFSM
150
Amps
Maximum instantaneous forward voltage IF= @ 5 A Maximum DC reverse current at rated DC blocking voltage Typical junction capacitance (Note 1) Typical thermal resistance (Note 2) Operating junction and storage temperature range @TC=25 C @TC=125 C
o o
VF
0.55 0.2 50
0.70
Volts
IR CJ RcJC TJ,TSTG
mA pF J / W
o
250 3.2
-55 to +150
C
Note : 1. Measured at 1.0MHz and applied reverse voltage of 4.0V. 2. Thermal resistance junction to case.
REV. 2
Zowie Technology Corporation
RATINGS AND CHARACTERISTIC CURVES SBL1040CT THRU SBL1060CT
FIG.1 - FORWARD CURRENT DERATING CURVE 12 PEAK FORWARD SURGE CURRENT, AMPERES 175 150 125 100 75 50 25 0 0 25 50 75 100
o
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
10
8
6
4
2
0 125 150 CASE TEMPERATURE, C
1
10 NUMBER OF CYCLES AT 60Hz
100
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 50 IINSTANTANEOUS FORWARD CURRENT, AMPERES INSTANTANEOUS REVERSE LEAKAGE CURRENT, MILLIAMPERES 100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
SBL1040CT & SBL1045CT
10
10
TJ=125 C
o
1.0
TJ=75 C
o
SBL1060CT
1.0
0.1
o
0.01
TJ=25 C
TJ=25 C
o
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0.001
0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5 - TYPICAL JUNCTION CAPACITANCE 1000
JUNCTION CAPACITANCE, pF
100
10 0.1 1.0 10 100
REVERSE VOLTAGE, VOLTS
REV. 2
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of SBL1060CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X