Part Number Hot Search : 
SXX10DS2 BD786 HEF4067B DS1707 6KE12 M132507 TN3018 99000
Product Description
Full Text Search
 

To Download SB510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB510
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 100V CURRENT: 5.0A
FEATURE
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 For surface mounted applications Low profile package Built-in strain relief Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage high frequency inverters, free wheeling, and polarity protection applications Guard ring for over voltage protection High temperature soldering guaranteed: 250C /10 seconds at terminals
SMC/DO--214AB
MECHANICAL DATA
Case: JEDEC DO-214AB molded plastic body Terminals: Solder plated, solder able per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%) SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage atrated Forward current (Note 1) Maximum DC Reverse Current at rated DC blocking voltage Typical Thermal Resistance Ta =25 Ta =100 (Note 2) Vrrm Vrms Vdc If(av) Ifsm Vf Ir Rth(ja) Tstg,Tj SB510 100 70 100 5.0 100.0 0.85 0.6 20.0 50.0 -55 to +150 units V V V A A V mA /W
Storage and Operating Temperature Range
Note:
1. Pulse test: 300s pulse width, 1% duty cycle 2. P.C.B. mounted with 0.2 x 0.2inches (5.0 x 5.0mm) copper pad areas
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SB510
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SB510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X