Part Number Hot Search : 
2N1899 GEM30I LB1881V TA6250C GC1000 2000000 TIP35 TPC8401
Product Description
Full Text Search
 

To Download SB120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB120 THRU SB160
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 20 TO 60V CURRENT: 1.0A
FEATURE
High current capability, Low forward voltage drop Low power loss, high efficiency High surge capability High temperature soldering guaranteed 250 /10sec/0.375" lead length at 5 lbs tension C
DO-41
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated) SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8" lead length Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at 1.0A DC Vrrm Vrms Vdc If(av) Ifsm Vf 0.5 500 10.0 110.0 50.0 SB 120 20 14 20 SB 130 30 21 30 SB 140 40 28 40 1.0 40.0 0.7 SB 150 50 35 50 SB 160 60 42 60 units V V V A A V uA mA pF C /W C C
Maximum DC Reverse Current Ta =25C Ir at rated DC blocking voltage Ta =100 C Typical Junction Capacitance (Note 1) Cj Typical Thermal Resistance (Note 2) R(ja) Storage and Operating Junction Temperature Tj -65 to +125 -65 to +150 Storage Temperature Tstg -65 to +150 Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 2. Thermal Resistance from Junction to Ambient at 0.5" lead length, vertical P.C. Board Mounted 1
1
Rev.A6
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SB120 THRU SB160
2
2
Rev.A6
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SB120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X