Part Number Hot Search : 
24C04W APTGT ES211 NJM2534L SNA31 1N957 11AA020 01005
Product Description
Full Text Search
 

To Download SB1100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB180 THRU SB1100
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 80 TO 100V CURRENT: 1.0A
FEATURE
High current capability, Low forward voltage drop Low power loss, high efficiency High surge capability High temperature soldering guaranteed 250 /10sec/0.375" lead length at 5 lbs tension C
DO-41\DO-204AL
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated) SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8" lead length Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at 1.0A DC Vrrm Vrms Vdc If(av) Ifsm Vf SB 180 80 56 80 SB 190 90 63 90 1.0 40.0 0.84 500 10.0 110.0 50.0 -55 to +125 -55 to +150 SB 1100 100 70 100 units V V V A A V uA mA pF C /W C C
Maximum DC Reverse Current Ta =25C Ir at rated DC blocking voltage Ta =125 C Typical Junction Capacitance (Note 1) Cj Typical Thermal Resistance (Note 2) R(jc) Storage and Operating Junction Temperature Tj Storage Temperature Tstg Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 2. Thermal Resistance from Junction to Ambient at 0.5" lead length, vertical P.C. Board Mounted 1
1
Rev.A5
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SB180 THRU SB1100
2
2
Rev.A5
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SB1100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X