Part Number Hot Search : 
RCM2030R 2SC3138 AMC102 EDC15 56160 2405D SMW02 MSZ522
Product Description
Full Text Search
 

To Download SB1020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB1020 THRU SB1060
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 20 TO 60V CURRENT: 10.0A
FEATURE
High current capability, Low forward voltage drop Low power loss, high efficiency High surge capability
TO-220AC
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: AS MARKED Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25 unless otherwise stated) C,
SYMBOL SB1020 20 14 20 SB 1030 30 21 30 SB 1040 40 28 40 10.0 150.0 0.65 1.0 30.0 2.5 -65 to +125 -65 to +150 0.80 SB 1050 50 35 50 SB 1060 60 42 60 units V V V A A V mA mA
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current (See.Fig 1) Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at 10.0A DC Maximum DC Reverse Current Ta =25 at rated DC blocking voltage Ta =125 (Note 1) Typical Thermal Resistance (Note 2) Storage and Operating Junction Temperature
Vrrm Vrms Vdc If(av) Ifsm Vf Ir
R(jc) Tstg,Tj
C /W C
Note 1. Pules Test: 300Us Pulse Wiath ,1%Duty Cycle 2. Thermal Resistance From Junction To Case
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SB1020 THRU SB1060
1
1Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SB1020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X