Part Number Hot Search : 
11N50 FS511 1602B1 1N5401 7MBP30 ST25VF MC14560 SE9050
Product Description
Full Text Search
 

To Download RGPP30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RGPP30 SERIES
GLASS PASSIVATED FAST SWITCHING RECTIFIER
CHENG- YI
ELECTRONIC
VOLTAGE RANGE 50 TO 1000 Volts CURRENT 3.0 Amperes
DO-201AD
FEATURE
High voltage High current capability Low leakage current High surge capability Low cost
MECHANICAL DATA
Case:Mold plastic use UL 94V-0 recognized flame retardant epoxy Terminals:Axial leads, solderable per MIL-STD-202, method 208 Polarity:Color band denotes cathode Mounting Position:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Signle phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RGPP30A RGPP30B RGPP30D RGPP30G RGPP30J RGPP30K RGPP30M
UNITS
V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, .375", (9.5mm) Lead Length at TA =55 C
0
50 35 50
100 70 100
200 140 200
400 280 400 3.0 150
600 420 600
800 560 800
1000 700 1000
Peak Forward Surge Current 8.3 ms single half sine-wave Maximum Forward Voltage at 3.0A Peak Maximum Reverse Current, Rated DC Full Cycle Average, .375", (9.5mm) Lead Length T A =55 C
0
1.2 30 5.0 150 150 150 150 60 -65 to +175 250 500
1.3
V A A 500 nS pF
0
Maximum DC Reverse Current, at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range Notes : 1. Reverse Recovery Test Conditions : IF=.5A, IR=1A, Irr=.25A 2. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts
C
RGPP30 SERIES
GLASS PASSIVATED FAST SWITCHING RECTIFIER
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES RGPP30 SERIES
Fig. 1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 NONINDUCTIVE 10 NONINDUCTIVE
trr
+0.5A
( (+) 25 Vdc (approx.) () 1 NONINDUCTIVE D.U.T.
) 0 -0.25
PULSE GENERATOR (NOTE 2) OSCILLOSCOPE (NOTE 1) (+)
NOTES : 1. Rise Time=7ns max., Input Impedance= 1 megohm, 22pF . 2. Rise Time=10ns max., Source Impedance= 50 ohms.
-1.0A 1cm SET TIME BASE FOR 5 / 10ns/cm
Fig. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS Fig. 2 - FORWARD CURRENT DERATING CURVE
3.0
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
2.5
2.0
SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INOUCTIVE LOAD .375" LEAD LENGTH
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
1.0
1.5
TJ = 25 C
0
1.0 0.5
0.1
0 25 50 75 100 125 150
0
.01 175 .4 .6 .8 1.0 1.2 1.4 1.6
AMBIENT TEMPERATURE, C
INSTANTANEOUS FORWARD VOLT AGE, VOLTS
Fig. 4 - TYPICAL JUNCTION CAPACIT ANCE
FORWARD SURGE CURRENT, AMPERES, PK (HALF-SINE WAVE)
100
0 TJ=25C
Fig. 5 - PEAK FORWARD SURGE CURRENT
250
CAPACITANCE-pF
200
10
150
0 TJ=25C
100
50
1
1
10
100
0 1 10 100
REVERSE VOLTAGE. VOLTS
NUMBER OF CYCLES AT 60Hz


▲Up To Search▲   

 
Price & Availability of RGPP30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X