Part Number Hot Search : 
CF50603 B360B 2SD12 MHW1915 HEF4086B 5NF06 M27V512 FST20150
Product Description
Full Text Search
 

To Download RGPP15A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RGPP15A THRU RGPP15M
GLASS PASSIVATED FAST RECOVERY RECTIFIER
VOLTAGE:50 TO 1000V CURRENT: 1.5A
FEATURE
Molded case feature for auto insertion High current capability Low leakage current Fast switching capability High temperature soldering guaranteed 250 /10sec/0.375" lead length at 5 lbs tension C Glass Passivated chip
DO-15\DO-204AC
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL RGPP 15A RGPP 15B RGPP 15D RGPP 15G RGPP 15J RGPP 15K RGPP 15M units
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25C Maximum full load reverse current full cycle average at 55C Ambient Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =150C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Storage and Operating Junction Temperature
Vrrm Vrms Vdc If(av) Ifsm Vf Ir(av) Ir Trr Cj R(ja) Tstg, Tj
50 35 50
100 70 100
200 140 200
400 280 400 1.5 50.0 1.3 100.0 5.0 200
600 420 600
800 560 800
1000 700 1000
V V V A A V
A A A
250 500 nS pF
150 25.0 45.0 -50 to +150
C /W C
Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted Rev.1 www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES RGPP15A THRU RGPP15M
1
1
Rev.1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of RGPP15A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X