Part Number Hot Search : 
9926A SMD200 MCD452 M3062 2N7002 MBR30 100MR LM334
Product Description
Full Text Search
 

To Download RGP40M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RGP40M
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE: 1000V CURRENT: 4.0A
FEATURE
High temperature metallurgically bonded construction Sintered glass cavity free junction Capability of meeting environmental standard of MIL-S-19500 High temperature soldering guaranteed 350C /10sec/0.375"lead length at 5 lbs tension Operate at Ta =55C with no thermal run away Typical Ir<0.1A
DO-201AD
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at Forward Current 6.0A and 25C Maximum full load reverse current full cycle average at 55C Ambient Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Storage and Operating Junction Temperature
Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted
RGP40M 1000 700 1000 4.0 125 1.5 100 5.0 100 500 60 20 -65 to +175
units V V V A A V A A nS pF C /W C
Vrrm Vrms Vdc If(av) Ifsm Vf Ir(av) Ir Trr Cj Rth(ja) Tstg, Tj
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES RGP40M
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of RGP40M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X