Part Number Hot Search : 
856278 TLE426 SFH601 EZ140 CS843 167BZXC 1JTTP 1206H
Product Description
Full Text Search
 

To Download RGP25A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RGP25A THRU RGP25M
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE:50 TO 1000V CURRENT: 3.0A
FEATURE
High temperature metallurgically bonded construction Sintered glass cavity free junction Capability of meeting environmental standard of MIL-S-19500 High temperature soldering guaranteed 350C /10sec/0.375"lead length at 5 lbs tension Operate at Ta =55C with no thermal run away Typical Ir<0.1A
DO-201AD
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL RGP 25A RGP 25B RGP 25D RGP 25G RGP 25J RGP 25K RGP 25M units
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25C Maximum full load reverse current full cycle average at 55C Ambient Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Storage and Operating Junction Temperature
Vrrm Vrms Vdc If(av) Ifsm Vf Ir(av) Ir Trr Cj R(ja) Tstg, Tj
50 35 50
100 70 100
200 140 200
400 280 400 2.5 100 1.3 100 5.0 200
600 420 600
800 560 800
1000 700 1000
V V V A A V
A A A
250 500 nS pF
150 60 20 -65 to +175
C /W C
Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted Rev.A4 www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES RGP25A THRU RGP25M
1
1
Rev.A4
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of RGP25A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X