Part Number Hot Search : 
20TG6N UCC28051 SKIIP ATC14 TLC52 K070600E 0103NA BFC41
Product Description
Full Text Search
 

To Download RG15J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RG1.5J
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER
VOLTAGE600V CURRENT: 1.5A
FEATURE
Glass passivated Hermetically sealed package Low reverse current Soft recovery characteristics
SOD-57
MECHANICAL DATA
Case: SOD-57 sintered glass case Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Polarity: color band denotes cathode end Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta=55 Peak Forward Surge Current 8.3ms single half sinewave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25
Maximum DC Reverse Current at VDC =600V and 25 Maximum DC Reverse Current at VDC =650V and 25 Maximum DC Reverse Current at VDC =700V and 25 Maximum DC Reverse Current at VDC =600V and 150
RG1.5J 600 420 600 1.5 50 1.3 5.0 5.0 25.0 200 250 25.0 45.0 -65 to +175
units V V V A A V A A A A nS pF /W
VRRM VRMS VDC IFAV IFSM VF IR IR IR IR Trr Cj Rth(ja) Tstg, Tj
Maximum Reverse Recovery Time Typical Junction Capacitance Typical Thermal Resistance
(Note 1) (Note 2) (Note 3)
Storage and Operating Junction Temperature
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES RG1.5J
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of RG15J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X