Part Number Hot Search : 
MP2127DQ C2026 001444 FH2164 EG01Z BCM8040 2508A 1N5232B
Product Description
Full Text Search
 

To Download RG10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RG10
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER
VOLTAGE400V CURRENT 1.5A
FEATURE
Low power loss High surge capability Glass passivated chip junction Ultra-fast recovery time for high efficiency High temperature soldering guaranteed 250/10sec/0.375lead length at 5 lbs tension
DO-15/DO-204AC
MECHANICAL DATA
TerminalPlated axial leads solderable per MIL-STD 202E, method 208C CaseMolded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polaritycolor band denotes cathode Mounting positionany
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8lead length at Ta =50 Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at Forward current Maximum DC Reverse Current at rated DC blocking voltage Maximum Reverse Recovery Time Typical Junction Capacitance Typical Thermal Resistance Storage and Operating Junction Temperature Note 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8lead length, P.C. Board Mounted Ta =25 Ta =125 (Note 1) (Note 2) (Note 3) Vrrm Vrms Vdc If(av) Ifsm Vf Ir Trr Cj Rth(ja) Tstg,Tj RG10 400 280 400 1.5 50.0 1.1 5.0 200.0 50 15 45 -55 to +150 units V V V A A V A nS pF /W
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES RG10
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of RG10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X