Part Number Hot Search : 
12DRW MAX1484 N2809A M62220L 2SD2599 12DRW 95100 74ALS102
Product Description
Full Text Search
 

To Download PT8921 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary PT8921 Smart Audio Combo-Station with USB Mini-Host & SD/MMC Host Interface Controller
DESCRIPTION
The PT8921 is a cost-efficient single chip for audio mini-combo play-station application. The chip integrated the USB2.0 FS host controller, SD/MMC host controller, Sigma-Delta Audio-DAC and WAV/MP3/WMA/AAC Audio-Decoder in one chip. Only few external components needed in application circuits makes it suite for the audio play-station system with USB2.0 FS host, SD/MMC host and i-Pod audio control interfaces. The I/O interfaces are totally following the USB2.0 FS host class interface specification and SD/MMC card specification. The stand alone audio play-station and no special driver software need to install on this system by user in the recent market. The PT8921 is a truly plug and play audio play-station controller with USB2.0 FS host and SD/MMC host interfaces. There are some extended functions for the different audio sources and applications. The embedded 8-GPIO pins provide the player function key and other adjustment feature.
FEATURES
* * * * * * * * * * * * * * * * Built-in USB 2.0 FS Mini-Host interface. Compliant with USB Mass-storage class specification. Built-in SD/MMC Host interface. Compliant with SD/SDIO Card specification Version 2.0. Compliant with MMC Card specification Version 4.2. Support FAT12, FAT16 and FAT32 file system. Built-in 8051 base MCU with 8K ROM. Support ISP (In-System-Programmable) Interface for external program Flash-ROM. Built-in WAV/MP3 WMA/AAC Format Audio-Decoder. Support MPEG1/2/2.5 layer III audio decoding. Built-In Flat/Pop/Jazz/Classic/Rock processing function. Built-In Digital Volume control function Built-in SNR=85dB (A-Weighted) Sigma-Delta DAC, PWM Output. Built-in I2C Master/Slave Control Interface. Built-in UART Interface to communicate with i-Pod. Built-in external I2S input for optional audio input sources, and support one I2S output connecting an external advanced audio controller or stand-alone sigma-delta DAC controller. Packages: 100 Pins LQFP
APPLICATIONS
* Portable Audio Play-Station * Car Audio Combo-Station * Home Audio Play-Station
*
BLOCK DIAGRAM
I2S_INPUT I2S_INPUT DP DM
USB 2.0 FS-PHY
Host SIE DMA Data FIFO
PWM_LP/LN Delta Sigma DAC PWM_RP/RN I2S Stream PCM-Data (WAV) PWM_OUT
I2C UART
I2C Master & Slave
MCU 8051
Power
SFR
Audio MP3/WMA/AAC PCM-Data Buffer Decoder
I2S_OUT
VCC
Regulator
System Clks
RAM
ROM GPIO Parallel Flash I/F SD/MMC Host I/F
Reset
POR
Reset
Master Clks
PLL
PLL
12 MHz
GPIO
External Program Flash-Memory
SD/MMC Card
Tel: 886-66296288Fax: 886-29174598 http://www.princeton.com.tw2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
PT8921
SYSTEM APPLICATION DIAGRAM
PRE1.0
2
October 2009
PT8921
ORDER INFORMATION
Valid Part Number PT8921-LQ Package Type 100-PIN LQFP Top Code PT8921-LQ
PIN CONFIGURATION
PRE1.0
3
October 2009
PT8921 IMPORTANT NOTICE
Princeton Technology Corporation (PTC) reserves the right to make corrections, modifications, enhancements, improvements, and other changes to its products and to discontinue any product without notice at any time. PTC cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a PTC product. No circuit patent licenses are implied. Princeton Technology Corp. 2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan Tel: 886-2-66296288 Fax: 886-2-29174598 http://www.princeton.com.tw
PRE1.0
4
October 2009


▲Up To Search▲   

 
Price & Availability of PT8921

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X