Part Number Hot Search : 
P2503 HN1D03F CMHZ5265 MCF5485 S822T TB733W AD9238 MA46461
Product Description
Full Text Search
 

To Download PSKD100E-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fast Recovery Epitaxial Diode (FRED) Module
Preliminary Data Sheet VRSM V 800 1000 1200 VRRM V 800 1000 1200 Type PSKD 100E/08 PSKD 100E/10 PSKD 100E/12
PSKD 100E
IFAV VRRM
= 104 A = 800-1200V
Symbol
IFAV IFSM
Test Conditions
TC = 70C TVJ = 45C VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
Maximum Ratings
104 1500 1650 1350 1480 11250 11300 9110 9090 -40 ... + 150 150 -40 ... + 125 A A A A A A2 s A2 s A2 s A2 s C C C V V Nm Nm g
i2 dt
TVJ = 45C VR = 0 TVJ = TVJM VR = 0
Features * Package with screw terminals * Isolation voltage 3000 V * Planar glasspassivated chips * Short recovery time * Low forward voltage drop * Short recovery behaviour * UL registered, E 148688 Applications * Inductive heating and melting * Free wheeling diode in converters
and motor control circuits
TVJ TVJM Tstg VISOL Md Weight
* Uninterruptible power supplies
(UPS)
50/60 HZ, RMS IISOL 1 mA
t = 1 min t=1s (M6) (M6)
2500 3000 5 5 270
* Ultrasonic cleaners and welders Advantages * High reliability circuit operation * Low voltage peaks for reduced
protection circuits
Mounting torque Terminal connection torque typ.
* Low noise switching * Low losses
Symbol
IR VF trr IRM VTO rT RthJH RthJC dS dA a
Test Conditions
VR = VRRM TVJ = 25C VR = VRRM TVJ = TVJM IF = 100 A TVJ = 25C TVJ = 25C; IF=1A; -diF/dt=400A/s VR= 30V IF=100A; -diF/dt=200A/s; VR=100V L 0,05 mH; TVJ = 100C For power-loss calculations only TVJ = TVJM per diode; DC current per diode; DC current Creeping distance on surface Creeping distance in air Max. allowable acceleration
Characteristic Value
250 2.5 1.55 typ. 100 typ. 48 0.7 1.8 0.84 0.65 10 9.4 50 A mA V ns A V m K/W K/W mm mm m/s2
Package, style and outline
Dimensions in mm (1mm = 0.0394")
POWERSEM GmbH, Walpersdorfer Str. 53 91126 D- Schwabach Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
2003 POWERSEM reserves the right to change limits, test conditions and dimensions


▲Up To Search▲   

 
Price & Availability of PSKD100E-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X