Part Number Hot Search : 
MA40270 A224M X16245 5KP75A LM411 MPX200 M29LV 50032
Product Description
Full Text Search
 

To Download PM200RSA06002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI INTELLIGENT POWER MODULES
PM200RSA060
FLAT-BASE TYPE INSULATED PACKAGE
A B AA - DIA. (4 TYP.) H Y AC W W W RY AC Y Z V
12 3 4 5678 9 11 13 15 17 19
T Q Q
10 12
14 16 18
AE (15 TYP.) F EC
B
J
AB - THD (6 TYP.)
1. V UPC 2. UFO 3. U P 4. V UPI 5. V VPC 6. VFO 7. V P 8. V VPI 9. V WPC 10. WFO
11. W P 12. V WPI 13. V NC 14. V NI 15. NC 16. U N 17. V N 18. W N 19. FO
P N
W
U
V
W
AH AH Z
G
M D
M
S Z
Z Y
2.54 MM DIA. (2 TYP.) 0.5 MM SQ. PIN (19 TYP.) AF AG X P AD U N L K
FO Br 19 15
Rfo
VNCWN 13 18
VN1 14
VN 17
UN 16
WP VWP1 VP VVP1 UP VUP1 VWPC WFO VVPC VFO VUPC UFO 9 11 10 12 5 7 6 8 1 3 2 4
Description: Mitsubishi Intelligent Power Modules are isolated base modules designed for power switching applications operating at frequencies to 20kHz. Built-in control circuits provide optimum gate drive and protection for the IGBT and free-wheel diode power devices. Features: Complete Output Power Circuit Gate Drive Circuit Protection Logic - Short Circuit - Over Current - Over Temperature - Under Voltage
Millimeters 17.5 16.5 13.2 11.0 10.0 8.0 7.25 6.0 Dia. 5.5 M5 3.22 2.6 2.0 1.8 1.6 0.5 Mar.2002 Type PM Current Rating Amperes 200 VCES Volts (x 10) 60
GND In FO VCC
GND In FO VCC GND In FO VCC TEMP
GND In FO VCC
GND FO In VCC
GND FO In VCC
GND FO In VCC
GND Si
Out
GND Si
Out
GND Si
Out
GND Si Th
Out
GND Si OUT
GND Si OUT
GND Si OUT
B
N
W
V
U
P
Outline Drawing and Circuit Diagram Dimensions A B C D E F G H J K L M N P Q R Inches 5.310.04 4.740.02 4.330.04 4.27 3.760.02 3.29 2.01 1.602 1.54 1.37 1.33 1.02 Millimeters 135.01.0 120.50.5 110.01.0 10.5 95.50.5 83.5 51.0 40.68 39.0 34.7 33.7 26.0 Dimensions S T U V W X Y Z AA AD AC AD AE AF AG AH Inches 0.69 0.65 0.52 0.43 0.39 0.31 0.285 0.24 0.22 Dia. Metric M5 0.128 0.10 0.08 0.07 0.06 0.02
Applications: Inverters UPS Motion/Servo Control Power Supplies Ordering Information: Example: Select the complete part number from the table below -i.e. PM200RSA060 is a 600V, 200 Ampere Intelligent Power Module.
0.95 +0.06/-0.0 24.1 +1.5/-0.0 0.84 0.79 0.780 21.3 20.0 19.82
MITSUBISHI INTELLIGENT POWER MODULES
PM200RSA060
FLAT-BASE TYPE INSULATED PACKAGE Absolute Maximum Ratings, Tj = 25C unless otherwise specified
Symbol Power Device Junction Temperature Storage Temperature Case Operating Temperature Mounting Torque, M5 Mounting Screws Mounting Torque, M5 Main Terminal Screw Module Weight (Typical) Tj Tstg TC -- -- -- Ratings -20 to 150 -40 to 125 -20 to 100 1.47 ~ 1.96 1.47 ~ 1.96 920 400 2500 Units C C C N*m N*m Grams Volts Vrms
Supply Voltage Protected by OC and SC (VD = 13.5 - 16.5V, Inverter Part, Tj = 125C) VCC(prot.) Isolation Voltage (Main Terminal to Baseplate, AC 1 min.) Viso
Control Sector
Supply Voltage (Applied between VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC) Fault Output Supply Voltage (Applied between UFO-VUPC, VFO-VVPC, WFO-VWPC, FO-VNC) Fault Output Current (Sink Current of UFO, VFO, WFO and FO Terminal) VD VFO IFO 20 20 20 20 Volts Volts Volts mA Input Voltage (Applied between UP-VUPC, VP-VVPC, WP-VWPC, UN * VN * WN * Br-VNC) VCIN
IGBT Inverter Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V) Collector Current, Peak Collector Current, Supply Voltage (Applied between P - N) Supply Voltage, Surge (Applied between P - N) Collector Dissipation VCES IC ICP VCC VCC(surge) PC 600 200 400 450 500 595 Volts Amperes Amperes Volts Volts Watts
Brake Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V) Collector Current, (TC = 25C) Peak Collector Current, (TC = 25C) Supply Voltage (Applied between P - N) Supply Voltage, Surge (Applied between P - N) Collector Dissipation Diode Forward Current Diode DC Reverse Voltage VCES IC ICP VCC VCC(surge) PC IF VR(DC) 600 75 150 450 500 370 75 600 Volts Amperes Amperes Volts Volts Watts Amperes Volts
Mar.2002
MITSUBISHI INTELLIGENT POWER MODULES
PM200RSA060
FLAT-BASE TYPE INSULATED PACKAGE Electrical and Mechanical Characteristics, Tj = 25C unless otherwise specified
Characteristics Symbol Test Conditions Min. Typ. Max. Units
Control Sector
Over Current Trip Level Inverter Part Over Current Trip Level Brake Part Short Circuit Trip Level Inverter Part Short Circuit Trip Level Brake Part Over Current Delay Time Over Temperature Protection toff(OC) OT OTr Supply Circuit Under Voltage Protection UV UVr Supply Voltage VD ID Vth(on) Vth(off) fPWM IFO(H) IFO(L) Minimum Fault Output Pulse Width tFO VD = 15V Trip Level Reset Level Trip Level Reset Level Applied between VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC Circuit Current VD = 15V, VCIN = 15V, VN1-VNC VD = 15V, VCIN = 15V, VXP1-VXPC Input ON Threshold Voltage Input OFF Threshold Voltage Applied between UP-VUPC, VP-VVPC, WP-VWPC, UN * VN * WN * Br-VNC PWM Input Frequency Fault Output Current 3- Sinusoidal VD = 15V, VFO = 15V VD = 15V, VFO = 15V VD = 15V -- -- -- 1.0 15 -- 10 1.8 20 0.01 15 -- kHz mA mA ms -- -- 1.2 1.7 52 13 1.5 2.0 72 18 1.8 2.3 mA mA Volts Volts SC -20C T 125C, VD = 15V OC -20C T 125C, VD = 15V 310 115 -- -- -- 111 -- 11.5 -- 13.5 400 161 560 241 10 118 100 12.0 12.5 15 -- -- -- -- -- 125 -- 12.5 -- 16.5 Amperes Amperes Amperes Amperes s C C Volts Volts Volts
Mar.2002
MITSUBISHI INTELLIGENT POWER MODULES
PM200RSA060
FLAT-BASE TYPE INSULATED PACKAGE Electrical and Mechanical Characteristics, Tj = 25C unless otherwise specified
Characteristics Symbol Test Conditions Min. Typ. Max. Units
IGBT Inverter Sector
Collector Cutoff Current ICES VEC VCE(sat) VCE = VCES, Tj = 25C VCE = VCES, Tj = 125C Diode Forward Voltage Collector-Emitter Saturation Voltage -IC = 200A, VD = 15V, VCIN = 5V VD = 15V, ICIN = 0V, IC = 200A VD = 15V, VCIN = 0V, IC = 200A, Tj = 125C Inductive Load Switching Times ton trr tC(on) toff tC(off) VD = 15V, VCIN = 0 15V VCC = 300V, IC = 200A Tj = 125C 0.4 -- -- -- -- 0.8 0.15 0.4 2.0 0.6 2.0 0.3 1.0 2.9 1.2 s s s s s -- -- -- -- -- -- -- 1.9 1.8 1.75 1.0 10 2.8 2.7 2.63 mA mA Volts Volts Volts
Brake Sector
Collector-Emitter Saturation Voltage VCE(sat) VD = 15V, VCIN = 0V, IC = 75A, Tj = 25C VD = 15V, VCIN = 0V, IC = 75A, Tj = 125C Diode Forward Voltage Collector Cutoff Current VFM ICES IF = 75A, VD = 15V, VCIN = 5V VCE = VCES, Tj = 25C VCE = VCES, Tj = 125C -- -- -- 1.7 -- -- 2.5 1 10 Volts mA mA -- 1.85 2.78 Volts -- 1.8 2.7 Volts
Thermal Characteristics
Characteristic Junction to Case Thermal Resistance Symbol Rth(j-c)Q Rth(j-c)F Rth(j-c)Q Rth(j-c)F Contact Thermal Resistance Rth(c-f) Condition Each Inverter IGBT Each Inverter FWDi Brake IGBT Brake FWDi Case to Fin Per Module, Thermal Grease Applied Min. -- -- -- -- -- Typ. -- -- -- -- -- Max. 0.21 0.35 0.33 0.80 0.018 Units C/Watt C/Watt C/Watt C/Watt C/Watt
Recommended Conditions for Use
Characteristic Supply Voltage Symbol VCC VD Input ON Voltage Input OFF Voltage VCIN(on) VCIN(off) fPWM tDEAD Condition Applied across P-N Terminals Applied between VUP1-VUPC, VN1-VNC, VVP1-VVPC, VWP1-VWPC Applied between UP-VUPC, VP-VVPC, WP-VWPC, UN * VN * WN * Br-VNC PWM Input Frequency Minimum Dead Time Using Application Circuit Input Signal 5 ~ 20 2.5 kHz s 0 ~ 0.8 4.0 ~ VD Volts Volts Value 0 ~ 400 15 1.5 Units Volts Volts
Mar.2002
MITSUBISHI INTELLIGENT POWER MODULES
PM200RSA060
FLAT-BASE TYPE INSULATED PACKAGE
Inverter Part
SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
OUTPUT CHARACTERISTICS (TYPICAL)
3
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat), (VOLTS) SATURATION VOLTAGE VCE(sat), (VOLTS)
3
COLLECTOR CURRENT, IC, (AMPERES)
300
Tj = 25oC VCIN = 0V 15 13 VD = 17V
VD = 15V VCIN = 0V Tj = 25oC Tj = 125oC
2
2
200
1
1
IC = 200A VCIN = 0V Tj = 25oC Tj = 125oC
100
0 0 100 200 300
COLLECTOR CURRENT, IC, (AMPERES)
0 0 12 14 16 18 20 22
SUPPLY VOLTAGE, VD, (VOLTS)
0 0 1 2 3
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
SWITCHING TIME VS. COLLECTOR CURRENT (TYPICAL)
SWITCHING TIME VS. COLLECTOR CURRENT (TYPICAL)
REVERSE RECOVERY CURRENT VS. COLLECTOR CURRENT (TYPICAL)
101
VCC = 300V VD = 15V Inductive Load Tj = 25oC Tj = 125oC toff
101
VCC = 300V VD = 15V Inductive Load Tj = 25oC Tj = 125oC
100
Irr
102
REVERSE RECOVERY CURRENT, Irr, (AMPERES)
REVERSE RECOVERY TIME, trr, (s)
SWITCHING TIMES, tc(on), tc(off), (s)
SWITCHING TIMES, ton, toff, (s)
trr
100
ton
100
tc(off) tc(on)
10-1
101
VCC = 300V VD = 15V Inductive Load Tj = 25oC Tj = 125oC
10-1 101
102
COLLECTOR CURRENT, IC, (AMPERES)
103
10-1 101
102
COLLECTOR CURRENT, IC, (AMPERES)
103
10-2 101
102
100 103
COLLECTOR REVERSE CURRENT, -IC, (AMPERES)
DIODE FORWARD CHARACTERISTICS
COLLECTOR REVERSE CURRENT, -IC, (AMPERES)
OVER CURRENT TRIP LEVEL VS. SUPPLY VOLTAGE (TYPICAL)
OVER CURRENT TRIP LEVEL TEMPERATURE DEPENDENCY (TYPICAL)
103
OVER CURRENT TRIP LEVEL % (NORMALIZED)
120
OVER CURRENT TRIP LEVEL % (NORMALIZED)
120
Tj = 25oC VD = 15V
VD = 15V VCIN = 15V Tj = 25oC Tj = 125oC
100 80 60 40 20 10 0
100
80
102
60
40
101 0.4
0.8
1.2
1.6
2.0
2.4
0
12
14
16
18
20
0
-50
0
50
100
150
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
SUPPLY VOLTAGE, VD, (VOLTS)
JUNCTION TEMPERATURE, Tj, (oC)
Mar.2002
MITSUBISHI INTELLIGENT POWER MODULES
PM200RSA060
FLAT-BASE TYPE INSULATED PACKAGE
Inverter Part
CONTROL SUPPLY VOLTAGE TRIP-RESET LEVEL TEMPERATURE DEPENDENCY (TYPICAL) TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (Each IGBT)
TRANSIENT IMPEDANCE, Zth(j-c), (NORMALIZED VALUE)
FAULT OUTPUT PULSE WIDTH VS. TEMPERATURE (TYPICAL)
120
FAULT OUTPUT PULSE WIDTH % (NORMALIZED)
15
VD = 15V UVt UVr
101
100
UV TRIP-RESET LEVEL, UVt, UVr, (VOLTS)
14
100
80
13
10-1
60
12
40
11
10-2
SINGLE PULSE STANDARD VALUE = Rth(j-c)Q = 0.21oC/W
0 -50 0 50 100 150
JUNCTION TEMPERATURE, Tj, (oC)
0 -50 0 50 100 150
JUNCTION TEMPERATURE, Tj, (oC)
10-3 10-3
10-2
10-1
TIME, (s)
100
101
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (Each FWDi)
TRANSIENT IMPEDANCE, Zth(j-c), (NORMALIZED VALUE)
101
100
10-1
10-2
SINGLE PULSE STANDARD VALUE = Rth(j-c)F = 0.35oC/W
10-3 10-3
10-2
10-1
TIME, (s)
100
101
Mar.2002
MITSUBISHI INTELLIGENT POWER MODULES
PM200RSA060
FLAT-BASE TYPE INSULATED PACKAGE
Brake Part
SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
OUTPUT CHARACTERISTICS (TYPICAL)
3.0
SATURATION VOLTAGE VCE(sat), (VOLTS)
3.0
VD = 15V VCIN = 0V Tj = 25oC Tj = 125oC
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat), (VOLTS)
100
COLLECTOR CURRENT, IC, (AMPERES)
2.5 2.0 1.5 1.0 0.5 0 0
2.5 2.0 1.5 1.0 0.5 0
Tj = 25oC VCIN = 0V
Tj = 25oC VCIN = 0V
15
80
VD = 17V 13
60
40
20
0 0 12 14 16 18 20 0 1 2 3 4
SUPPLY VOLTAGE, VD, (VOLTS) COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
20
40
60
80
100
COLLECTOR CURRENT, IC, (AMPERES)
DIODE FORWARD CHARACTERISTICS
TRANSIENT IMPEDANCE, Zth(j-c), (NORMALIZED VALUE)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (IGBT)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (FWDi)
TRANSIENT IMPEDANCE, Zth(j-c), (NORMALIZED VALUE)
102
DIODE FORWARD CURRENT, IF, (AMPERES)
101
101
VD = 15V Tj = 25oC Tj = 125oC
100
100
101
10-1
10-1
10-2
SINGLE PULSE STANDARD VALUE = Rth(j-c)Q = 0.33oC/W
10-2
SINGLE PULSE STANDARD VALUE = Rth(j-c)F = 0.8oC/W
100 0 0.4 0.8 1.2 1.6 2.0
DIODE FORWARD VOLTAGE, VF, (VOLTS)
10-3 10-3
10-2
10-1
TIME, (s)
100
101
10-3 10-3
10-2
10-1
TIME, (s)
100
101
Mar.2002


▲Up To Search▲   

 
Price & Availability of PM200RSA06002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X