Part Number Hot Search : 
TOP103YA MC14000 BA7725S SC538 ES51971 BZX84C10 R1C102 TSJ100N
Product Description
Full Text Search
 

To Download PIM300AZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet April 2, 2008
PIM300X Series; ATCA Board Power Input Modules -38 to -75 Vdc; 300W Input RoHS Compliant
Features
300W / -48V telecom input power distribution 8W (3.3Vdc or 5.0Vdc) of isolated Management Power for IPM or other housekeeping functions OR'ing functionality for the A/B & RTN power feeds as well as Enable A/B signals Inrush protection / hot swap capability Integral EMI filter designed for the ATCA board to meet CISPR Class B Independent 72Vdc output for charging the external holdup capacitors resulting in significant board real estate savings and bleed resistor power dissipation A/B Feed Loss or open fuse alarm (opto-isolated) Protection: Reverse polarity, under voltage, input transient over voltage, over current & over temperature High efficiency : 98% @ -48V / 300W (@25C) -5 to 85C ambient temperature operation Compact design : 70.6 mm x 36.8 mm x 12.7 mm (2.78 in x 1.45 in x 0.5 in) MTBF : 1,362,480 hours per TELCORDIA ISO** 9001 & ISO 14001 certified manufacturing facilities Compliant to RoHS EU Directive 2002/95/EC UL* 60950-1 Recognized, CSA C22.2 No. 609501-03 Certified, EN 60950-1 (VDE 0805: 2001-12) Licensed , CE Designed and tested for Basic Insulation (1500Vdc)
Applications
ATCA Front Board / Blade Central Office Telecom equipment High availability server and storage applications
Options
Choice of System Management Power: 3.3Vdc (PIM300F) 5.0Vdc (PIM300A) Choice of short pin lengths
Description
The PIM300X-series is the higher power version of its highly successful predecessor, the PIM200X series. Besides providing higher power over extended temperature range, the module is pin compatible and retains the same form factor as the PIM200X series for ease of upgrading to higher power or thermally challenging ATCA board designs. The PIM200X/300X series are a new class of power modules designed to greatly simplify the task of implementing dual redundant, hot swap -48Vdc power distribution with EMI filtering on an ATCA or other telecom boards. The PIM300X, when used with a variety of Lineage Power's dc-dc converters/POLs provides for a quick, simple and elegant power architecture solution to a wide variety of complex power requirements. While providing high reliability, innovative features and compact design at a low cost, the module significantly reduces the valuable telecom board real estate compared to conventional discrete designs. Besides processing the main -48V bus, the module greatly simplifies the task of powering the IPM (for ATCA applications), system management or other housekeeping functions by providing a completely isolated auxiliary 3.3V or 5.0V power bus.
* UL is a registered trademark of Underwriters Laboratories, Inc.

CSA is a registered trademark of Canadian Standards Association. VDE is a trademark of Verband Deutscher Elektrotechniker e.V. ** ISO is a registered trademark of the International Organization of Standards
Document No: DS06-134 ver. 1.0 PDF name: pim300_series_ds.pdf
Data Sheet
April 2, 2008
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
300W ATCA Board Typical Application
F5 Short Pin (32) ENABLE_A F6 Short Pin (27) ENABLE_B F1 (28) VRTN_A F2 (29) ATCA Backplane ATCA (25) Zone 1 Connector (Optional) Long Pin (30) EARLY_A F3 (33) -48V_A F4 (34) -48V_B (Optional) Long Pin (31) (26) EARLY_B (11) LOGIC_GND R2 -48V_BF (2) (12) 3K3 22uF -48V_ALARM -48V_AF (1) (9) (10) VRTN_B VRTN_BF (4) (13) VRTN_OUT C_FLTR U2 Vin(+) U1 (Bus Converter) ON/OFF -48V_OUT Vin(-) MGMT_PWR Vcc IPMC (System Controller) Enab le Payload Power C_EMI Vo(-) LOGIC_GND Vo(+) VRTN_AF (3) +12V_BUS ENABLE_BF (6) R_Bleed C_HLDP C_EMI ENABLE_AF (5) (8) 72V_CAP
SHELF_GND R1
(7)
PIM300X
C _ HLDP ( F ) [ Pout (W ) {Tholdup (ms ) + 1.7}] / 1.9 R _ Bleed () 5.485 / C _ HLDP ( F )
Suggested Bill of Materials
(Note: Customer is ultimately responsible for the selection and verification of the suggested parts).
Qty 2 2 2 2 4 OR 1 1 2 1 1 2 C_HLDP Ref Des F1, F2 F3, F4 F5, F6 C_FLTR Description (Values) Fuse, SMT, 12 Amp Fuse, SMT, 10 Amp Fuse, SMT, 1/16th Amp Capacitors, Al Electrolytic 100uF/100V Capacitors, Al Electrolytic 470uF/80V OR Capacitors, Al Electrolytic 1800uF/80V SM, 2.9Kohms, 1W SM, 4700pF, >/=1500V 300W/12V Bus Converter Opto-coupler (1500V) High Surge Power, 15 Ohms MFR / PN (or equivalent) Bel Fuse: SSQ Series Littelfuse 451/ 453 Series (Voltage rating >/=75V) Nippon/Chemicon; KZE Series Panasonic: FK Series (SMT) Nichicon: UJ Series Nippon/Chemicon; KZE Series Panasonic: FK Series (SMT) OR Panasonic / ECEC1KP182DL 30mm(OD) X 20mm(L) Novacap, Murata or Syfer Lineage Power: QBW025A0B1 Fairchild: HMHA2801 KOA: SG73 (Size >/=1206) Safety approved *Optional; See "Design Consideration" Section Comments VRTN_A, VRTN_B -48V_A, -48V_B ENABLE_A, ENABLE_B C_FLTR(Max,Total) = 330 uF C_HLDP(calculated)=1737 uF (for 300W &Tholdup=9.3msecs) Snap-In Radial For C_HLDP=1800uF Size: >/=1210
R_Bleed C_EMI U1 U2 R1*, R2*
LINEAGE POWER
2
Data Sheet
April 2, 2008 Absolute Maximum Ratings:
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc ; 300W Input
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability.
Parameter Device Symbol Min Typ Max Unit
Input Voltage (Absolute values)
Continuous Transient (Pulse duration above -75V = 1ms) All All VI Vtr 0 -75 -48 -75 -100 Vdc Vdc
Temperature
Normal Operating Ambient Temperature (See Thermal Considerations section) Storage Temperature All All TA Tstg -5 -55 85 125
o
C C
o
Power
Input Power, Maximum Allowable Input to Output Voltage Differential o @ -48Vin & Pin,max, TA=25 C Efficiency o VIN=-48V, Pin,max, TA=25 C (MGMT_PWR=0W) Power Dissipation (Internal Module Dissipation @ Pin, max (with MGMT_PWR = 8W) Output Power, Maximum Deliverable (Management Power + Payload Power) Management Power, Maximum Deliverable (MGMT_PWR) Module Standby Power (@-48Vin & MGMT_PWR=0W, Pout=0W) All All All All All All All Pin, max Vdelta Pdiss Pout PMGMT_PWR PStdby 2.0 0.8V 98 12 288 8 300 W V % W W W W
Isolation
Input to MGMT_PWR Output Voltage Input to SHELF_GND Voltage Input to LOGIC_GND Voltage LOGIC_GND to SHELF_GND Insulation Resistance with 100Vdc Test Voltage All All All All 9 1500 1500 1500 Vdc Vdc Vdc MOhms
CAUTION: This power module is not internally fused. Both A & B feeds and their corresponding returns must be individually fused.
To preserve maximum flexibility, internal fusing is not included. However, to achieve maximum safety and system protection, the safety agencies require a fast-acting fuse with a maximum rating of 15 Amps and Voltage Rating >/= 75Vdc for the -48AF, -48BF VRTN_AF & VRTN_BF feeds. Consult Fusing and fault protection (Section 4.1.4) of PICMG 3.0 ATCA specifications for additional information. Based on the information provided in this data sheet on inrush current and maximum dc input current, the same type of fuse with a lower rating can be used. Refer to the fuse manufacturer's data sheet for further information.
LINEAGE POWER
3
Data Sheet
April 2, 2008 Electrical Specifications:
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.
Parameter Device Symbol Min Typ Max Unit
Main Input (-48_AF,-48_BF,VRTN_AF,VRTN_BF); (Absolute values)
Operating Input Voltage (Module will operate down to -36V depending on the output power and thermal environment but may not support holdup time requirements) Input Voltage Turn-on Threshold (Module On) Under Voltage Lockout Threshold (Module Off) Maximum current drain if input voltage falls below VUVLO for > 2 seconds. Maximum Input Current (VI=0V to -75Vdc, Pin=Pin, max) Inrush Transient (@ -48 VI and with C_FLTR = 200F) Duration: 0.1 to 0.9msecs (Per PICMG 3.0 specs.) Duration: 0.9 to 3 ms (Per PICMG 3.0 specs.) (Logarithmically declining) Duration: 3 to 100ms (Per PICMG 3.0 specs.) All VI -38 -48 -75 Vdc
All All All All All
VUVHI VUVLO Istdby II, max Ipk Ipk Ipk Ipk
-34.3 -32.4
-35.3 -33.7
-36.0 -34.1 10 9.0
Vdc Vdc mA Adc Adc
20 (<50s) 44 44 to 18 6.25 8.8
Adc Adc Adc
ENABLE A/B Signal Inputs (ENABLE_A, ENABLE_B)
Enable A / B Signals current drain (Vin = -75Vdc) All 700 Adc
Main Output (-48V_OUT, VRTN_OUT)
External Output Filter Capacitance (C_FLTR) All
C_FLTR
200*
330
F
72V Holdup Capacitor Output (72V_CAP)
72V_CAP Output Voltage Tolerance 72V_CAP ON (OR'd) Input Voltage Threshold All 68.4 -36.2 72.0 -37.7 74.2 -39.2 Vdc Vdc
A/B Feed Loss / Fuse Alarm Output (-48V_ALARM)
-48V_ALARM is an Opto-isolated open collector output with the emitter internally referenced to LOGIC_GND. Alarm Characteristics: Power Good / Fuse Good = LO (Opto conducting) A or B Feed Loss / Fuse (open) = HI (Opto off) Alarm ON Input Voltage Threshold Opto Transistor Collector to Emitter Voltage Opto Transistor Collector to Emitter Dark Current (Opto Diode current, Id = 0A) Opto Transistor Collector Current Opto Transistor Collector Saturation Voltage All Vceo Iceo Ic VCE(sat) -36.1 -37.2 -38.2 40 100 5 0.3 Vdc Vdc nA mA Vdc
Note: * See "Design Considerations" section for further information.
LINEAGE POWER
4
Data Sheet
April 2, 2008
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
Electrical Specifications (continued):
Parameter Output Voltage
3.3V/5.0V 3.3V/5.0V 3.3V/5.0V
Symbol
Min
Typ
Max
Unit
Management Power Output (MGMT_PWR)
Operating Input Voltage Output Voltage Set-point (VI = -48Vdc, IO=IO, max, TA=25C) Output Voltage (Over all operating input voltage, resistive Load and temperature conditions until end of life) Output Regulation Line (VI= VI,min to VI,max) Load (IO=IO, min to IO, max) Temperature (TA = TA, min to TA, max) Output Ripple and Noise Measured across 22F Tantalum/ceramic capacitor o VI = VI,nom TA = 25 C, Io = Io,max RMS (5Hz to 20 MHz bandwidth) Peak-to-peak (5Hz to 20MHz bandwidth) External Load Capacitance Output Current Output Current-Limit Inception Output Short-circuit Current (RMS) Dynamic Response (di/dt =0.1A/s, VIin= VIn,nom, TA=25C) Load change from IO = 50% to 75% of IO, max, Peak Deviation Settling Time (VO<10% of peak deviation) Turn-On Delay and Rise Times (Io = 80% of Io,max, TA=25C) Output voltage overshoot (Io = 80% of Io,max, VI = 48Vdc TA=25C) Output Over Voltage Protection 3.3V/5.0V 3.3V 5.0V 3.3V 5.0V 3.3V 5.0V CO,max Io Io Io,lim Io,lim Io,sc Io,sc 3.3V/5.0V 3.3V/5.0V 0.05 0.05 0.2 0.2 1.00 %, VO, set %, VO, set %, VO, set VI VO, set VO -36 -2.0 -3.0 -48 -75 +2.0 +3.0 Vdc % VO, set % VO, set
0 0 0
3 2.5 8 6
25 75 1000 2.4 1.6
mVrms mVp-p F Adc Adc Adc Adc Arms Arms
3.3V/5.0V
Vpk ts Tdelay
3 800 20
5
%, VO, set s msec %, VO, set
3.3V/5.0V 3.3V/5.0V 3.3V 5.0V
50 3%
Vo, limit
3.7 5.6
5.4 7.0
V
General Specifications
Parameter Calculated MTBF (Pin=80% of Pin, max, TA=40C, Vin=-48Vdc) (Per Telcordia SR-332 Issue 1:Method 1 Case 3) Weight Min Typ 1,362,480 34 (1.2) Max Unit Hours g (oz.)
LINEAGE POWER
5
Data Sheet
April 2, 2008 PIM300X Internal Block Diagram
ENABLE_AF ENABLE_BF (5) (6)
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
(8) Normally=OFF Power Loss=ON VRTN_OR
72V_CAP
VRTN_AF
(3)
VRTN_BF
(4) EMI FILTER
+48OUT
(13) (10)
VRTN_OUT MGMT_PWR
SHELF_GND (7)
INRUSH PROTECTION
DC/DC CONVERTER (9) -48OUT -48V_OUT
-48_AF
(1)
-48_BF
(2)
-48_OR (12) Alarms & Monitoring -48V_ALARM
LOGIC_GND
(11)
PIN FUNCTIONS
PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 PIN NAME -48_AF -48_BF VRTN_AF VRTN_BF ENABLE_AF ENABLE_BF SHELF_GND 72V_CAP -48V_OUT MGMT_PWR LOGIC_GND -48V_ALARM VRTN_OUT I/O I I I I I I I/O O O O I/O O O DESCRIPTION -48V_A Feed (Externally Fused) -48V_B Feed (Externally Fused) VRTN_A Feed (Externally Fused) VRTN_B Feed (Externally Fused) ENABLE_A Feed (Externally Fused) (Short Pin, connected to VRTN_A on the back plane) ENABLE_B Feed (Externally Fused) (Short Pin, connected to VRTN_B on the back plane) Shelf / Chassis / Safety Ground Holdup/Bulk capacitor output voltage OR'd and Inrush Protected -48V Output Bus 3.3V / 5.0V Isolated Management Power Output ( w.r.t LOGIC_GND) Logic / Secondary / Isolated Ground Opto-isolated -48V A/B Feed Loss or Open Fuse Alarm (w.r.t LOGIC_GND) OR'd and Inrush Protected VRTN Output Bus
LINEAGE POWER
6
Data Sheet
April 2, 2008 Characteristic Curves
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
The following figures provide typical characteristics for the PIM300X modules at 25C.
Figure 1. Inrush Current CH1: -48_AF, CH2: -48V_OUT, CH4: Iin(-48_AF) Test Conditions: -48_AF=-48Vdc, -48V_BF=0Vdc PIM300F @ Max Load (Pin=300W) C_FLTR=200F, C_HLDP=4X470F
Figure 2. Inrush Current (Expanded view of the first surge current) CH1: -48_AF, CH2: -48V_OUT, CH4: Iin(-48_AF) Test Conditions: -48_AF=-48Vdc, -48V_BF=0Vdc PIM300F @ Max Load (Pin=300W) C_FLTR=200F, C_HLDP=4X470F
Figure 3. Power Up into Shorted Output CH1: -48_AF, CH3: -48V_OUT, CH2: Iin(-48_AF)
Figure 4. OR'ing Functionality when Feed B is shorted CH1: -48V_OUT(AC), CH2: Iin(-48_AF) CH3: Iin(-48_BF), CH4: 3.3V Output Test Conditions: -48_AF=-48Vdc, -48V_BF=-50Vdc I(-48V_OUT) = 1A C_FLTR=200F, C_HLDP=4X470F
Test Conditions: -48_AF=-48Vdc, -48V_BF=0Vdc PIM300F @ No Load C_FLTR=200F, C_HLDP=4X470F
LINEAGE POWER
7
Data Sheet
April 2, 2008 Characteristic Curves (continued)
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
The following figures provide typical characteristics for the PIM300X modules at 25C.
Figure 5. Input Voltage Turn-On Threshold CH1: -48_AF, CH2: -48V_OUT, CH4: Iin(-48_AF) Test Conditions: -48_AF=-48Vdc, -48V_BF=0Vdc I(-48V_OUT)=1A, I(MGMT_PWR)=0A C_FLTR=200F, C_HLDP=0F
Figure 6. Input Voltage Turn-Off Threshold CH1: -48_AF, CH2: -48V_OUT, CH4: Iin(-48_AF) Test Conditions: -48_AF=-48Vdc, -48V_BF=0Vdc I(-48V_OUT)=1A, I(MGMT_PWR)=0A C_FLTR=200F, C_HLDP=0F
Figure 7. Loss of Feed A; Switchover to Feed B CH1: MGMT_PWR, CH2: -48V_OUT, CH3: Iin(-48_AF), CH4: Iin(-48V_BF) Test Conditions: 1. Feed A (-48V_AF=60V) > Feed B (-48V_BF=48V) 2. Fast Loss of Feed A; Switchover to Feed B 3. PIM300F @ Max Load (Pin=300W) 4. C_FLTR=200F, C_HLDP=4X470F
Figure 8. Holdup Performance; Loss of Feed A (with Feed B=0Vdc); Load=QBW CH1: Iin(-48V_AF), CH2: 48_AF, CH3: 48V_OUT, CH4: 12Vout Test Conditions: 1. 48_AF= 43Vdc; 48V_BF=0 Vdc 2. Pin=300W; 12Vout=22.5A; 3.3V=2.42A 3. C_FLTR=200F, C_HLDP=Qty4 X 470F
LINEAGE POWER
8
Data Sheet
April 2, 2008 Characteristic Curves (continued)
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
The following figures provide typical characteristics for the PIM300X modules at 25C (unless specified otherwise).
Figure 9. Typical Start-Up of MGMT_PWR(3.3Vdc) with application of -48Vin. CH1: -48_AF CH2: MGMT_PWR (3.3Vdc) Output Test Conditions: 1. -48_AF=-48Vdc; 2. PIM300F @ Max Load (Pin=300W) 3. C_FLTR=200F, C_HLDP=4X470F
Figure 10. -48V_ALARM with Loss of Feed CH1: -48V_AF CH2: -48_ALARM Test Conditions: 1. -48_AF=-48_BF= -48Vdc ; 2. PIM300F @ Max Load (Pin=300W) 3. C_FLTR=200F, C_HLDP=4X470F
Figure 11. Input Transient Over voltage Protection for 100V/1ms transient CH1: -48_AF, CH3: -48V_OUT, CH4: +12V Out CH2: MGMT_PWR (3.3Vdc) Output Test Conditions: 1. -48_AF=-48Vdc to -100V for 1msec 2. -48V_OUT Load: QBW025A0B1 Bus Converter 3. MGMT_PWR Load = 3.3V @ 2.5 Ohms
Figure 12. Feeds Switchover Test from -48V_Feed A to -75V_Feed B via Knife Switch CH1: -48_BF, CH2: -48V_OUT, CH3: +12V Out CH4: MGMT_PWR (3.3Vdc) Output Test Conditions: 1. -48_AF=-48Vdc 2. -48_BF= 0 to -75Vdc via Knife Switch 3. -48V_OUT Load: QBW025A0B1 Bus Converter
LINEAGE POWER
9
Data Sheet
April 2, 2008 Thermal Derating Curves
OUTPUT CURRENT, Io (A)
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
AMBIENT TEMPERATURE, TA C
O
OUTPUT CURRENT, Io (A)
AMBIENT TEMPERATURE, TA C
O
Figure 13-1. PIM300F Derating Output Current versus Local Ambient Temperature and Airflow (Vin = -48Vdc; MGMT_PWR, 3.3V = 0W)
Figure 13-2. PIM300F Derating Output Current versus Local Ambient Temperature and Airflow (Vin = -48Vdc; MGMT_PWR, 3.3V=4W)
OUTPUT CURRENT, Io (A)
AMBIENT TEMPERATURE, TA C
O
OUTPUT CURRENT, Io (A)
AMBIENT TEMPERATURE, TA C
O
Figure 13-3. PIM300F Derating Output Current versus Local Ambient Temperature and Airflow (Vin = -48Vdc; MGMT_PWR, 3.3V=6W)
Figure 13-4. PIM300F Derating Output Current versus Local Ambient Temperature and Airflow (Vin = -48Vdc; MGMT_PWR, 3.3V = 8W)
OUTPUT CURRENT, Io (A)
AMBIENT TEMPERATURE, TA C
O
OUTPUT CURRENT, Io (A)
AMBIENT TEMPERATURE, TA C
O
Figure 14-1. PIM300A Derating Output Current versus Local Ambient Temperature and Airflow (Vin = -48Vdc; MGMT_PWR, 5.0V=0W)
Figure 14-2. PIM300A Derating Output Current versus Local Ambient Temperature and Airflow (Vin = -48Vdc; MGMT_PWR, 5.0V=4W)
LINEAGE POWER
10
Data Sheet
April 2, 2008
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
Thermal Derating Curves (continued), Hot Spot & OTP Component Locations
OUTPUT CURRENT, Io (A) OUTPUT CURRENT, Io (A)
O
AMBIENT TEMPERATURE, TA C
AMBIENT TEMPERATURE, TA C
O
Figure 14-3. PIM300A Derating Output Current versus Local Ambient Temperature and Airflow (Vin = -48Vdc; MGMT_PWR, 5.0V = 6W)
Figure 14-4. PIM300A Derating Output Current versus Local Ambient Temperature and Airflow (Vin = -48Vdc; MGMT_PWR, 5.0V=8W)
Tref1 o Tmax=125 C
Tref2 Tmax=110oC
Tref3 Tmax=120oC Bottom View
Top View Figure 15. Thermal Reference Point,Tref locations
Top View
Bottom View
Figure 16. Location of Over Temperature Protection thermal sensors, TOTP (Trip Point = 125oC +/- 5oC)
LINEAGE POWER
11
Data Sheet
April 2, 2008 Design Considerations
Introduction
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
& ENABLE_B. The ATCA backplane connects the ENABLE_A to VRTN_A, ENABLE_B to VRTN_B, EARLY_A to -48V_A and EARLY_B to -48V_B. Optional EARLY_A & EARLY_B Connections: During hot insertion of the ATCA board, the Inrush Control circuit limits the surge current to the C_FLTR capacitor. However, due to the presence of internal EMI filter capacitance (located before the Inrush Control circuit), there is a possibility of a surge current that results in a voltage sag for 5 to 10 microseconds. In most cases this should not be of concern because all the ATCA Boards and FRU's on the -48V bus should be able to ride thru a 5msec/0Volt transient event per the PICMG 3.0 specifications. In case this is undesirable, it is recommended that Precharge resistors, R1 & R2 (15 Ohms, with high surge capability) should be connected as shown in the Typical Application circuit.
The PIM300X module is designed to support the Advanced Telecommunications Computing Architecture (ATCA) power entry distribution requirements for the Front Board / Blade per the PICMG 3.0 specifications. The PICMG 3.0 specification defines the Mechanical, Shelf Management Interface, Power Distribution, Thermal, Data I/O and Regulatory requirements for the next generation of modular telecom architecture platform for use in Central Office telecom environments.
Input Pin Connections
The ATCA board is specified to accept up to a maximum of 300W of input power via dual, redundant -48Vdc Feeds through the Zone 1 (Power and Management) connector, designated P10. The power connector provides board to backplane engagement via pins of varying lengths. Please consult the PICMG 3.0 specifications for details. The following are the design considerations of the input pin connections of the PIM300X to the ATCA power connector.
From ATCA (P10 Connector) Pin # 33 34 28 29 30 31 32 27 26 25 Pin Designation -48V_A -48V_B VRTN_A VRTN_B EARLY_A* EARLY_B* ENABLE_A ENABLE_B LOGIC_GND SHELF_GND Via Fuse(F3) Via Fuse(F4) Via Fuse(F1) Via Fuse(F2) Via Resistor(R1) Via Resistor(R2) Via Fuse(F5) Via Fuse(F6) Direct Direct Connection Requirement Pin # 1 2 3 4 1 2 5 6 11 7
Output Pin Connections
The out pin connections of the PIM300X to the system board is described below:
From PIM200X Pin # 9 Pin Designation -48V_OUT VRTN_OUT 72V_CAP MGMT_PWR -48V_ALARM Terminal Vin(-) Vin(+) +ve Vcc To Board Component DC/DC Converter DC/DC Converter C_HLDP IPM/ System Controller (1) (1) (2) (3) (4) Notes
To PIM300X Pin Designation -48V_AF -48V_BF VRTN_AF VRTN_BF -48V_AF -48V_BF ENABLE_AF ENABLE_BF LOGIC_GND SHELF_GND 13 8 10 12
* Optional The first pins to mate in the ATCA power connector are the EARLY_A, EARLY_B, the two grounds (LOGIC_GND, SHELF_GND) and the two returns (VRTN_A, VRTN_B); followed by staggered connections of -48V_A and -48V_B power Feeds. The last pins to engage are the two short pins, ENABLE_A
Notes: (1) -48V Main Output Bus: (Signal Names: -48V_OUT & VRTN_OUT) This is the main -48V output bus that provides the payload power to the downstream (one or more) DC/DC converters. The PIM300X module does not regulate or provide isolation from the input -48V A/B feeds. The main functionality of the module is to provide 48V A/B Feeds OR'ing, inrush protection for hot swap capability and EMI filtering to attenuate the noise generated by the downstream DC/DC converters. * The -48V_OUT pin connects to the Vin(-) pin and the VRTN_OUT pin connects to the Vin(+) pin of the DC/DC converter(s).
LINEAGE POWER
12
Data Sheet
April 2, 2008
* The -48V_OUT bus may require a fuse depending on the power and fusing requirements of the DC/DC converter.
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
For 300W and 9.3 ms holdup requirements, this results in a 2.9 Kohm resistor with 1W rating. Worst case power dissipation of R_Bleed (=2.9Kohms) @ -36V is 0.45W. * The R_Bleed is connected across the 72V_CAP and VRTN_OUT pins of the PIM300X.
*
Input filtering of the DC/DC converter is provided by C_FLTR close to the input pins of the DC/DC converter(s); additional high frequency decoupling ceramic capacitors (0.01 to 0.1F are recommended for improved EMI performance. The maximum C_FLTR capacitance across all the downstream DC/DC converters should not exceed 330F. The recommended capacitor voltage rating should be >/= 100Vdc. The minimum C_FLTR capacitance (200F) recommendation is based on meeting the EMI requirements. Based on end systems test, the capacitance may be lowered if real estate is an issue. As a minimum, 50 F to 100 F is strongly recommended to stabilize the line impedance for proper startup of the DC/DC converter. Refer to the DC/DC converter's data sheet for the recommended capacitor.
*
*
(3) Management Power (MGMT_PWR) The MGMT_PWR output is an isolated secondary voltage (3.3V for PIM300F or 5.0V for PIM300A) referenced to LOGIC_GND that provides 8W(maximum) power to the IPM Controller for the ATCA board or to the power up system controller for other applications. * Per PICMG 3.0 Specs, the ATCA board shall not consume more than 10W of input power; this includes the standby power of PIM300X (typically 1.7W) as well as all the on board DC/DC power converters. It is the responsibility of the board designer to insure that this requirement is met prior to power-up rights have been negotiated with the Shelf Manager. The management power is available even when the input voltage is down to -36Vdc. No additional output capacitors are required, but a 22F tantalum/ceramic and a 0.01 to 0.1F ceramic capacitors are highly recommended to contain the switching ripple and noise.
(2) Holdup / Bulk Capacitor Output (72V_CAP) This output provides the high voltage (nominal 72Vdc) to charge the C_BULK capacitor(s) to allow the ATCA board to meet the 5ms, 0Volts transient requirements. * The 72V_CAP connects to the +ve terminals of the C_HLDP capacitors while the -ve terminals of the C_HLDP connects to the 48V_OUT bus. Since the 72V_CAP output is regulated to 72Vdc (+3%/-5%) and the capacitors are off line during normal operation, the capacitors may be selected with voltage rating of >/= 80V to minimize the real estate on the board. The C_HLDP capacitance is dependent on the system power and the holdup time requirements based on the following formula Bleed Resistor (R_Bleed) : The PICMG 3.0 specifications requires a discharge mechanism (e.g. bleed resistor) to discharge the holdup/bulk capacitance to less than 60Vdc and less than 20 joules within one second of disconnection from the backplane. This requirement is fulfilled by installing R_Bleed resistor that is selected based on the C_HLDP selected in the previous step. The formula for selecting the resistor is :
* *
*
*
C _ HLDP( F ) [ Pout (W ) {Tholdup(ms) + 1.7}] / 1.9
*
Higher output capacitance may be required in case of large input line or output load transient conditions. (4) -48V Feed Loss or Open Fuse Alarm (-48V_ALARM) The -48V_ALARM output is an opto-isolated signal internally referenced to the LOGIC_GND. The signal is an open collector output that requires an external pull up resistor. A 3.3K pull up resistor to 3.3V, MGMT_PWR (for PIM300F) should suffice. During normal operation, the signal is LO (opto conducting). During fault condition, the opto shall stop conducting and the alarm signal shall assume a HI state.
*
Safety Considerations
For the system safety agency approval the power module must be installed in compliance with the spacing and separation requirements of the end-use safety agency standards, i.e., UL 60950-1, CSA C22.2 No. 60950-1-03, and VDE 0850:2001-12 (EN60950-1) Licensed.
R _ Bleed () 5.485 / C _ HLDP ( F )
LINEAGE POWER
13
Data Sheet
April 2, 2008
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
The power input to these units is to be provided with a maximum of 15 Amps fuses with a voltage rating of at least 75Vdc. Refer to "Thermal Consideration" section for additional safety considerations.
Feature Description
A/B Feed OR'ing
The module provides dedicated OR'ing functionality to both Feeds A & B and their corresponding returns. The following pairs of signals are OR'd within the module: -48V_AF / -48_BF, VRTN_AF / VRTN_BF, and ENABLE_AF/ ENABLE_B. The -48V A/B feeds and their corresponding returns are OR'd via N-channel MOSFET power devices resulting in a highly efficient system compared to conventional diode OR'ing scheme.
Figure 17. Typical Class B EMC signature of PIM300F with QBW025A0B1 module. For Safety and noise considerations, copper traces must not be routed directly beneath the power module (PWB top layer). C_EMI capacitors must make direct connections (preferably without vias) to the DC/DC module pins with as much copper width as possible. In case vias are necessary, allow for multiple connections to the inner plane with vias placed outside the footprint of the module. For additional layout guide-lines, refer to Lineage Power's FLT007A0 Input Filter Module data sheet.
EMI Filtering
The module incorporates an EMI filter that is designed for the ATCA board to help meet the conducted emissions requirements of CISPR 22 Class B when used in conjunction with Lineage Power DC/DC converters approved for ATCA applications. The following insertion loss table is provided as filter performance guidelines. Parameter Common-Mode Insertion Loss 50 Ohms circuit, 200kHz 50 Ohms circuit, 500kHz 50 Ohms circuit, 1MHz Differential-mode Insertion Loss 50 Ohms circuit, 200kHz 50 Ohms circuit, 500kHz 50 Ohms circuit, 1MHz 75 66 61 dB dB dB 24 32 39 dB dB dB Typical Unit
Inrush Current Control / Hot Plug Functionality
The module provides inrush current control / hot plug capability. The peak value of the inrush current and the duration complies with the PICMG 3.0's Inrush Transient specifications. The specifications shall be met with the external C_HLDP and C_FLTR capacitances as specified in the previous sections. The unique design of the module where the large energy storage capacitors are segregated from the input filter capacitors allows the module to meet the stringent PICMG's inrush transient specifications. In conventional designs where the energy storage capacitors and the filter capacitors are in parallel, it is extremely difficult to meet the inrush transient specifications without over sizing the inrush control power FET.
The following Figure 17 depicts the Class B EMI performance of PIM300F when tested with QBW025A0B1 on a stand alone basis (ATCA form factor load board with resistive loads and only power, return and chassis connections to the backplane). The external filtering components are identified in the Typical Application circuit.
A/B Feed / Fuse Alarm (-48V_ALARM)
The module monitors the A & B feeds as well as the status of the A&B feed fuses and provides an optoisolated signal in case of loss of a feed or the opening of any of the fuses. The response time of the fault condition is < 100 sec. The alarm signal indicates normal operation when the opto coupler transistor is conducting and a fault condition by an off state.
LINEAGE POWER
14
Data Sheet
April 2, 2008
Holdup Capacitor Charging Current (72V_CAP)
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
internal current-limiting circuitry. The unit can endure current overload conditions continuously or shutdown due to thermal protection depending on operating ambient temperature conditions. The unit will restart automatically once the overload condition is removed.
The module employs a unique feature to charge and recharge the external energy storage holdup/bulk capacitors (C_HLDP) within seconds from the application of power to a nominal voltage of 72Vdc (+3%/-5%) resulting in significant reduction in the real estate on the board in order to comply with the PICMG 3.0's 0 volt/5msec transient requirements. Since the 72V_CAP is also regulated, there is further reduction in real estate board because now 80V capacitors with higher capacitance can be used instead of the >/= 100Vdc caps required in conventional designs. The maximum rate of input voltage change (dv/dt) shall not exceed 5V/ms when the -72V_CAP output is switched on the 48V_OUT/VRTN_OUT bus. The holdup capacitors are switched on automatically when there is a loss of power on both feeds A & B or both feeds have dropped below -38V (typical). Upon restoration of normal power on either or both feeds, the holdup capacitors automatically go off line and are recharged for the next power loss event. Note 1: The holdup capacitors and the bleed resistor are installed external to the module. Note 2: The PICMG 3.0's requirements for the 0 Vdc transient for 5ms is normally interpreted as the holdup time requirement by many. In actuality, when one considers the additional specification of 50V/ms fall time and 12.5 V/ms rise time to and from the 0Vdc condition, this leads to a 9.3ms of total hold up time requirement when power is interrupted at -43Vdc. The 72V_CAP output provided by the module to charge the bulk capacitors provides a tremendous advantage over conventional designs in terms of real estate requirements on the board with the added benefit of the usage of 80V capacitor rating vs >/=100V. The holdup time, Tholdup, is defined for power loss at 43Vdc input and the C_HLDP maintaining -48V_OUT bus to at least -36Vdc (which is the minimum operating voltage of the downstream DC/DC bus converter). Note 3: Bleed Resistor (R_Bleed): Normally, the bleed resistor is not required as there is sufficient standby current drain within the module to bleed the holdup capacitors from 75V to 60V in 1 second as specified in the PICMG 3.0. Again, due to the PIM300X's unique design, the placement of the bleed resistor results in significantly less power dissipation compared with conventional designs where the bleed resistor is sized for -75Vdc continuous maximum voltage and -100V transients.
Input Under Voltage Lockout
At input voltages below the input under voltage lockout threshold limit (VUVLO), the module operation is disabled. The module will begin to operate at an input voltage above the under voltage lockout turn-on threshold(VUVHI). Please see the Electrical Specifications Table for the specified trip points.
Transient Over Voltage Protection
The module incorporates a Transient Voltage Suppressor. This feature helps protect the module and the downstream DC/DC converters from input voltage transients exceeding -75Vdc. The TVS is rated for 1500W of Peak Pulse Power with the Breakdown Voltage (VBR) of 77.8V to 86.0V.
Input Reverse Polarity Protection
The module shall not be damaged from reverse polarity connection in the event of miswiring of either input feeds at the shelf input terminals.
Over Temperature Protection
To provide over temperature protection in a fault condition, the unit will shutdown if any thermal sensor reference point TOTP (identified in Figure 16), exceeds o o the trip point of 125 C (+/- 5 C). The thermal shutdown is not intended as a guarantee that the unit will survive temperatures beyond its rating. The module will automatically restart after it cools down. During thermal design verification, it is recommended that these temperatures be monitored by IR Thermal imaging camera. In case thermocouples are used, the thermocouple contacts should be attached as close as possible to the thermal sensors (thermistors) on the PWB but not directly on the thermistors themselves. Attaching the contacts directly to the thermocouple is not recommended as this will result in false temperature measurements due to the heat sink effect of the thermocouple wires.
Management Power (MGMT_PWR) * * *
The module provides up to 8W of 3.3V (PIM300F) or 5.0V (PIM300A) of isolated output power referred to LOGIC_GND. The management power is available automatically as soon as the input voltage levels are within -36Vdc to -75Vdc. The output is short circuit and over voltage protected with low ripple and noise.
Over Current Protection (- 48V_OUT Bus)
To provide protection in a fault (output overload or short circuit) condition, the unit is equipped with
LINEAGE POWER
15
Data Sheet
April 2, 2008 Thermal Considerations
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
showing the maximum output current that can be delivered by the module versus local ambient temperature (TA) are shown in the Thermal derating curves, Figs 13-1 to 13-4 for PIM300F and Figs 14-1 to 14-4 for PIM300A.
Power modules operate in a variety of thermal environments; however, sufficient cooling should be provided to help ensure reliable operation. Considerations include ambient temperature, airflow, module power dissipation, and the need for increased reliability. A reduction in the operating temperature of the module will result in an increase in reliability. The thermal data presented here is based on physical measurements taken in a wind tunnel. The test setup is shown below in Figure 18.
2 5 .4 _ ( 1 .0 )
Manufacturing Considerations
Through-Hole Lead Free Soldering Information
The RoHS-compliant through-hole products use the SAC (Sn/Ag/Cu) Pb-free solder and RoHS-compliant components. They are designed to be processed through single or dual wave soldering machines. The pins have an RoHS-compliant finish that is compatible with both Pb and Pb-free wave soldering processes. A maximum preheat rate of 3C/s is suggested. The wave preheat process should be such that the temperature of the power module board is kept below 210C. For Pb solder, the recommended pot temperature is 260C, while the Pb-free solder pot is 270C max. If additional information is needed, please consult with your Lineage Power representative for more details.
W in d Tu n n e l PW Bs
Po w e r M o d u le
7 6 .2 _ ( 3 .0 )
x
5 .9 7 _ ( 0 .2 3 5 )
Pro b e Lo c a t io n f o r m e a su rin g a irf lo w a n d a m b ie n t t e m p e ra t u re
Post Solder Cleaning and Drying Considerations
Post solder cleaning is usually the final circuit-board assembly process prior to electrical board testing. The result of inadequate cleaning and drying can affect both the reliability of a power module and the testability of the finished circuit-board assembly. For guidance on appropriate soldering, cleaning and drying procedures, refer to Lineage Power's Electronics Board Mounted Power Modules: Soldering and Cleaning Application Note (AP01-056EPS)
A ir f lo w
Figure 18. Thermal Test Set-up
The thermal derating curves were generated with the airflow parallel to the long axis of the module (input to output). The thermal reference points, Tref 1 to Tref 3 are identified in Figure 15. For reliable operation and to comply with the module's safety requirements, these temperatures should not exceed the limits specified in the figure. Exceeding these temperatures may or may not trigger the over temperature shutdown. The output power of the module should not exceed the rated input power of the module i.e. 300W. Please refer to the Application Note "Thermal Characterization Process For Open-Frame BoardMounted Power Modules" for a detailed discussion of thermal aspects including maximum device temperatures.
Heat Transfer via Convection
Increased airflow over the module enhances the heat transfer via convection. Thermal derating curves
LINEAGE POWER
16
Data Sheet
April 2, 2008 Mechanical Outline
Dimensions are in millimeters and (inches).
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
Tolerances: x.x mm 0.5 mm (x.xx in. 0.02 in.) [unless otherwise indicated] x.xx mm 0.25 mm (x.xxx in 0.010 in.)
TOP VIEW
SIDE VIEW
BOTTOM VIEW
LINEAGE POWER
17
Data Sheet
April 2, 2008 Recommended Pad Layout
Dimensions are in millimeters and (inches).
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
Tolerances: x.x mm 0.5 mm (x.xx in. 0.02 in.) [unless otherwise indicated] x.xx mm 0.25 mm (x.xxx in 0.010 in.)
NOTES: 1. For the pins, use 1.27(mm) / 0.050(in) diameter Plated Trough Hole
LINEAGE POWER
18
Data Sheet
April 2, 2008 Ordering Information
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
Please contact your Lineage Power's Sales Representative for pricing, availability and optional features. Table 1. Device Code Input Voltage -38 to -75 Vdc -38 to -75 Vdc Power Rating 300W 300W Auxiliary Output Voltage 3.3Vdc 5.0Vdc Auxiliary Output Current 2.4A 1.6A Connector Type & Options Thru Hole/RoHS Thru Hole/RoHS Product codes PIM300FZ PIM300AZ Comcodes CC109113858 CC109122322
Table 2. Device Options Option Short pins: 3.68mm 0.25mm (0.145 in. 0.010 in.) Short pins: 2.79mm 0.25mm (0.110 in. 0.010 in.) Device Code Suffix -6
-8
Table 3. Related Products Description PIM Evaluation Board 300W Bus converter; 36-75Vdc Input,12Vdc / 25A Output 300W Bus converter; 36-75Vdc Input,12Vdc / 25A Output (With Heat Plate & RoHS compliant) 300W Bus converter; 36-75Vdc Input,12Vdc / 25A Output (With Basic Insulation & RoHS compliant) 200W Bus converter; 36-75Vdc Input,12Vdc / 18A Output 200W Bus converter; 36-75Vdc Input,12Vdc / 18A Output (RoHS compliant) 200W Bus converter; 36-75Vdc Input,12Vdc / 18A Output (RoHS compliant; specifically designed for high capacitance loads e.g. VRMs) QBW018A0B1-TZ CC109101846 QBW018A0B1 QBW018A0B1Z 108989356 TBD QBW025A0B1-BZ TBD Product Code N/A QBW025A0B1 QBW025A0B1-HZ Comcode 848755868 CC109102464 CC109113643
LINEAGE POWER
19
Data Sheet
April 2, 2008
PIM300X Series; ATCA Board Power Input Modules -38 to -75Vdc; 300W Input
Asia-Pacific Headquarters Tel: +65 6416 4283 Europe, Middle-East and Africa Headquarters Tel: +49 89 6089 286 India Headquarters Tel: +91 80 28411633
World Wide Headquarters Lineage Power Corporation 3000 Skyline Drive, Mesquite, TX 75149, USA +1-800-526-7819 (Outside U.S.A.: +1-972-284-2626) www.lineagepower.com e-mail: techsupport1@lineagepower.com
Lineage Power reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. (c) 2008 Lineage Power Corporation, (Mesquite, Texas) All International Rights Reserved.


▲Up To Search▲   

 
Price & Availability of PIM300AZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X