Part Number Hot Search : 
AN181 11004 W11NK90Z KN4F3R BFT29X 11004 11004 C1005CH1
Product Description
Full Text Search
 

To Download PHE13003A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHE13003A
Silicon diffused power transistor
Rev. 01 -- 13 August 2009 Product data sheet
1. Product profile
1.1 General description
High voltage, high speed, planar passivated NPN power switching transistor in a SOT54 (TO-92) 3 leads plastic package.
1.2 Features and benefits
Fast switching High voltage capability of 700 V
1.3 Applications
Compact fluorescent lamps (CFL) Electronic lighting ballasts Inverters Off-line self-oscillating power supplies
1.4 Quick reference data
Table 1. IC Ptot VCESM Quick reference Conditions DC; see Figure 1 Tlead 25 C; see Figure 2 VBE = 0 V Min Typ Max 1 2.1 700 Unit A W V collector current total power dissipation collector-emitter peak voltage DC current gain Symbol Parameter
Static characteristics hFE IC = 0.8 A; VCE = 5 V; Tlead = 25 C; see Figure 8 and 9 5 7.5 20
NXP Semiconductors
PHE13003A
Silicon diffused power transistor
2. Pinning information
Table 2. Pin 1 2 3 B C E Pinning information Symbol Description base collector emitter
B E 321
sym123
Simplified outline
Graphic symbol
C
SOT54 (TO-92)
3. Ordering information
Table 3. Ordering information Package Name PHE13003A TO-92 Description plastic single-ended leaded (through hole) package; 3 leads Version SOT54 Type number
4. Limiting values
Table 4. Symbol VCESM VCBO VCEO IC ICM IB IBM Ptot Tstg Tj VEBO Limiting values Parameter collector-emitter peak voltage collector-base voltage collector-emitter voltage collector current peak collector current base current peak base current total power dissipation storage temperature junction temperature emitter-base voltage IC = 0 A; I(Emitter) = 10 mA Tlead 25 C; see Figure 2 Conditions VBE = 0 V IE = 0 A IB = 0 A DC; see Figure 1 Min -65 Max 700 700 400 1 2 0.5 1 2.1 150 150 9 Unit V V V A A A A W C C V
In accordance with the Absolute Maximum Rating System (IEC 60134).
PHE13003A_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 13 August 2009
2 of 11
NXP Semiconductors
PHE13003A
Silicon diffused power transistor
102 IC (A) 10
003aad545
IC(max) 1
10-1
10-2
(1)
DC 10-3 1 10 102 VCL(CE) (V) 103
Fig 1.
Forward bias safe operating area
120 Pder (%) 80
03aa13
40
0 0 50 100 150 Th (C) 200
Fig 2.
Normalized total power dissipation as a function of heatsink temperature
PHE13003A_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 13 August 2009
3 of 11
NXP Semiconductors
PHE13003A
Silicon diffused power transistor
5. Thermal characteristics
Table 5. Symbol Rth(j-lead) Rth(j-a) Thermal characteristics Parameter Conditions Min Typ 150 Max 60 Unit K/W K/W thermal resistance from see Figure 3 junction to lead thermal resistance from junction to ambient
102 Zth(j-lead) (K/W) 10
001aab451
1
P = tp T
10-1
tp T t
10-2 10-5
10-4
10-3
10-2
10-1
1 tp (s)
10
Fig 3.
Transient thermal impedance from junction to lead as a function of pulse width
PHE13003A_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 13 August 2009
4 of 11
NXP Semiconductors
PHE13003A
Silicon diffused power transistor
6. Characteristics
Table 6. Symbol ICES IEBO VCEOsus VCEsat Characteristics Parameter Conditions Min 400 12 10 5 Typ 0.2 0.3 0.4 7.5 Max 1 5 1 0.5 1 1.5 1 1.2 30 20 Unit mA mA mA V V V V V V
Static characteristics collector-emitter cut-off VBE = 0 V; VCE = 700 V; Tj = 25 C current VBE = 0 V; VCE = 700 V; Tj = 125 C emitter-base cut-off current collector-emitter sustaining voltage collector-emitter saturation voltage VEB = 9 V; IC = 0 A; Tlead = 25 C IB = 0 A; IC = 1 mA; LC = 25 mH; Tlead = 25 C; see Figure 4 and 5 IC = 0.25 A; IB = 50 mA; Tlead = 25 C; see Figure 6 IC = 0.5 A; IB = 125 mA; Tlead = 25 C; see Figure 6 IC = 0.75 A; IB = 250 mA; Tlead = 25 C; see Figure 6 VBEsat base-emitter saturation IC = 0.25 A; IB = 50 mA; Tlead = 25 C; voltage see Figure 7 IC = 0.5 A; IB = 125 mA; Tlead = 25 C; see Figure 7 hFE DC current gain IC = 0.5 mA; VCE = 2 V; Tlead = 25 C; see Figure 8 and 9 IC = 0.4 A; VCE = 5 V; Tlead = 25 C; see Figure 8 and 9 IC = 0.8 A; VCE = 5 V; Tlead = 25 C; see Figure 8 and 9 Dynamic characteristics tf fall time IC = 1 A; IBon = 200 mA; VBB = -5 V; LB = 1 H; Tlead = 25 C; inductive load; see Figure 10 and 11 80 ns
50 V 100 to 200 horizontal oscilloscope vertical 6V 300 30 Hz to 60 Hz
001aab987
IC (mA)
250
1
100
Fig 4.
Test circuit for collector-emitter sustaining voltage
10 0
min VCE (V) VCEOsus
001aab988
Fig 5.
Oscilloscope display for collector-emitter sustaining voltage test waveform
(c) NXP B.V. 2009. All rights reserved.
PHE13003A_1
Product data sheet
Rev. 01 -- 13 August 2009
5 of 11
NXP Semiconductors
PHE13003A
Silicon diffused power transistor
2.0 VCEsat (V) 1.6
003aad548
Tj = 125 C
1.6 VBEsat (V) 1.4 1.2 1.0 Tj = 25 C Tj = -35 C
003aad549
Tj = 25 C 1.2 Tj = -35 C 0.8
0.8 0.6 0.4 Tj = 125 C
0.4 0.2 0 10-2 10-1 0 10-2
1 IC (A)
10
10-1
1
IC (A)
10
Fig 6.
Collector-emitter saturation voltage as a function of collector current; typical values
003aad546
Fig 7.
Base-emitter saturation voltage as a function of collector current; typical values
003aad547
102 Tj = 125 C hFE
102 Tj = 125 C hFE
Tj = 25 C Tj = -35 C 10 10
Tj = 25 C Tj = -35 C
VCE = 3 V
(1) (2) (3)
VCE = 5 V
(1) (2) (3)
1 10-3
10-2
10-1
1 IC (A)
10
1 10-3
10-2
10-1
1 IC (A)
10
Fig 8.
DC current gain as a function of collector current; typical values
Fig 9.
DC current gain as a function of collector current; typical values
PHE13003A_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 13 August 2009
6 of 11
NXP Semiconductors
PHE13003A
Silicon diffused power transistor
VCC
IC ICon 90 %
LC LB DUT
IBon VBB
001aab991
10 % tf t
Fig 10. Test circuit for inductive load switching
IB
ts toff IBon t
-IBoff
001aab992
Fig 11. Switching times waveforms for inductive load
PHE13003A_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 13 August 2009
7 of 11
NXP Semiconductors
PHE13003A
Silicon diffused power transistor
7. Package outline
Plastic single-ended leaded (through hole) package; 3 leads SOT54
c
E d A L b
1
D
2
e1 e
3
b1
L1
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 5.2 5.0 b 0.48 0.40 b1 0.66 0.55 c 0.45 0.38 D 4.8 4.4 d 1.7 1.4 E 4.2 3.6 e 2.54 e1 1.27 L 14.5 12.7 L1(1)
max.
2.5
Note 1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. OUTLINE VERSION SOT54 REFERENCES IEC JEDEC TO-92 JEITA SC-43A EUROPEAN PROJECTION ISSUE DATE 04-06-28 04-11-16
Fig 12. Package outline SOT54 (TO-92)
PHE13003A_1 (c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 13 August 2009
8 of 11
NXP Semiconductors
PHE13003A
Silicon diffused power transistor
8. Revision history
Table 7. Revision history Release date 20090813 Data sheet status Product data sheet Change notice Supersedes Document ID PHE13003A_1
PHE13003A_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 13 August 2009
9 of 11
NXP Semiconductors
PHE13003A
Silicon diffused power transistor
9. Legal information
9.1 Data sheet status
Product status[3] Development Qualification Production Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Document status [1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Please consult the most recently issued document before initiating or completing a design. The term 'short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
9.2
Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities.
9.3
Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk.
9.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
10. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
PHE13003A_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 13 August 2009
10 of 11
NXP Semiconductors
PHE13003A
Silicon diffused power transistor
11. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 9.1 9.2 9.3 9.4 10 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . .1 General description . . . . . . . . . . . . . . . . . . . . . .1 Features and benefits . . . . . . . . . . . . . . . . . . . . .1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . .1 Quick reference data . . . . . . . . . . . . . . . . . . . . .1 Pinning information . . . . . . . . . . . . . . . . . . . . . . .2 Ordering information . . . . . . . . . . . . . . . . . . . . . .2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . .2 Thermal characteristics . . . . . . . . . . . . . . . . . . .4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . .8 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . .9 Legal information. . . . . . . . . . . . . . . . . . . . . . . .10 Data sheet status . . . . . . . . . . . . . . . . . . . . . . .10 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . .10 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . .10 Contact information. . . . . . . . . . . . . . . . . . . . . .10
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 13 August 2009 Document identifier: PHE13003A_1


▲Up To Search▲   

 
Price & Availability of PHE13003A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X