Part Number Hot Search : 
00727 PC2516W EL2245CS D1MSP SI9200EY DTC143XK BAT85S12 ST13091
Product Description
Full Text Search
 

To Download PCA9535HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03 -- 4 October 2007 Product data sheet
1. General description
The PCA9535 and PCA9535C are 24-pin CMOS devices that provide 16 bits of General Purpose parallel Input/Output (GPIO) expansion for I2C-bus/SMBus applications and was developed to enhance the NXP Semiconductors family of I2C-bus I/O expanders. The improvements include higher drive capability, 5 V I/O tolerance, lower supply current, individual I/O configuration, and smaller packaging. I/O expanders provide a simple solution when additional I/O is needed for ACPI power switches, sensors, push buttons, LEDs, fans, etc. The PCA9535 and PCA9535C consist of two 8-bit Configuration (Input or Output selection), Input, Output and Polarity Inversion (active HIGH or active LOW operation) registers. The system master can enable the I/Os as either inputs or outputs by writing to the I/O configuration bits. The data for each input or output is kept in the corresponding Input or Output register. The polarity of the read register can be inverted with the Polarity Inversion register. All registers can be read by the system master. Although pin-to-pin and I2C-bus address compatible with the PCF8575, software changes are required due to the enhancements and are discussed in Application Note AN469. The PCA9535 is identical to the PCA9555 except for the removal of the internal I/O pull-up resistor which greatly reduces power consumption when the I/Os are held LOW. The PCA9535C is identical to the PCA9535 except that all the I/O pins are high-impedance open-drain outputs. The PCA9535 and PCA9535C open-drain interrupt output is activated when any input state differs from its corresponding Input Port register state and is used to indicate to the system master that an input state has changed. The power-on reset sets the registers to their default values and initializes the device state machine. Three hardware pins (A0, A1, A2) vary the fixed I2C-bus address and allow up to eight devices to share the same I2C-bus/SMBus. The fixed I2C-bus address of the PCA9535 and PCA9535C are the same as the PCA9555 allowing up to eight of these devices in any combination to share the same I2C-bus/SMBus.
2. Features
I I I I I I Operating power supply voltage range of 2.3 V to 5.5 V 5 V tolerant I/Os Polarity Inversion register Active LOW interrupt output Low standby current Noise filter on SCL/SDA inputs
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
I I I I I
No glitch on power-up Internal power-on reset 16 I/O pins which default to 16 inputs 0 Hz to 400 kHz clock frequency ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101 I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA I Offered in four different packages: SO24, TSSOP24, HVQFN24 and HWQFN24
3. Ordering information
Table 1. Ordering information Package Name PCA9535D PCA9535PW PCA9535BS PCA9535HF PCA9535CD SO24 TSSOP24 HVQFN24 Description plastic small outline package; 24 leads; body width 7.5 mm Version SOT137-1 Type number
plastic thin shrink small outline package; 24 leads; body SOT355-1 width 4.4 mm plastic thermal enhanced very thin quad flat package; no leads; 24 terminals; body 4 x 4 x 0.85 mm SOT616-1
HWQFN24 plastic thermal enhanced very very thin quad flat SOT994-1 package; no leads; 24 terminals; body 4 x 4 x 0.75 mm SO24 plastic small outline package; 24 leads; body width 7.5 mm SOT137-1
PCA9535CPW TSSOP24 PCA9535CHF
plastic thin shrink small outline package; 24 leads; body SOT355-1 width 4.4 mm
HWQFN24 plastic thermal enhanced very very thin quad flat SOT994-1 package; no leads; 24 terminals; body 4 x 4 x 0.75 mm
3.1 Ordering options
Table 2. PCA9535D PCA9535PW PCA9535BS PCA9535HF PCA9535CD PCA9535CPW PCA9535CHF Ordering options Topside mark PCA9535D PCA9535PW 9535 P35H PCA9535CD PCA9535C P35C Temperature range Tamb = -40 C to +85 C Tamb = -40 C to +85 C Tamb = -40 C to +85 C Tamb = -40 C to +85 C Tamb = -40 C to +85 C Tamb = -40 C to +85 C Tamb = -40 C to +85 C Type number
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
2 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
4. Block diagram
PCA9535 PCA9535C
A0 A1 A2 write pulse read pulse I2C-BUS/SMBus CONTROL SCL SDA INPUT FILTER 8-bit INPUT/ OUTPUT PORTS 8-bit INPUT/ OUTPUT PORTS
IO1_0 IO1_1 IO1_2 IO1_3 IO1_4 IO1_5 IO1_6 IO1_7
IO0_0 IO0_1 IO0_2 IO0_3 IO0_4 IO0_5 IO0_6 IO0_7 VDD
write pulse read pulse POWER-ON RESET
VDD VSS
INT
002aac217
Remark: All I/Os are set to inputs at reset.
Fig 1. Block diagram of PCA9535; PCA9535C
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
3 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
5. Pinning information
5.1 Pinning
INT A1 A2 IO0_0 IO0_1 IO0_2 IO0_3 IO0_4 IO0_5
1 2 3 4 5 6 7 8 9
24 VDD 23 SDA 22 SCL 21 A0 20 IO1_7 19 IO1_6 18 IO1_5 17 IO1_4 16 IO1_3 15 IO1_2 14 IO1_1 13 IO1_0
002aac214
INT A1 A2 IO0_0 IO0_1 IO0_2 IO0_3 IO0_4 IO0_5
1 2 3 4 5 6 7 8 9
24 VDD 23 SDA 22 SCL 21 A0 20 IO1_7 19 IO1_6 18 IO1_5 17 IO1_4 16 IO1_3 15 IO1_2 14 IO1_1 13 IO1_0
002aac215
PCA9535D PCA9535CD
PCA9535PW PCA9535CPW
IO0_6 10 IO0_7 11 VSS 12
IO0_6 10 IO0_7 11 VSS 12
Fig 2. Pin configuration for SO24
Fig 3. Pin configuration for TSSOP24
PCA9535HF PCA9535CHF
21 VDD 20 SDA
PCA9535BS
20 SDA 19 SCL 21 VDD 24 A2 24 A2 23 A1 terminal 1 index area IO0_0 IO0_1 IO0_2 IO0_3 IO0_4 IO0_5 1 2 3 4 5 6 IO1_0 10 IO1_1 11 IO1_2 12 7 8 9 22 INT terminal 1 index area IO0_0 IO0_1 IO0_2 IO0_3 IO0_4 IO0_5 1 2 3 4 5 6
19 SCL 18 A0 17 IO1_7 16 IO1_6 15 IO1_5 14 IO1_4 13 IO1_3 IO1_2 12
002aac880
18 A0 17 IO1_7 16 IO1_6 15 IO1_5 14 IO1_4 13 IO1_3
22 INT VSS 9
23 A1
IO1_0 10
IO0_6
IO0_7
002aac216
Transparent top view
Transparent top view
Fig 4. Pin configuration for HVQFN24
Fig 5. Pin configuration for HWQFN24
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
IO1_1 11
7 IO0_6
IO0_7
VSS
8
4 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
5.2 Pin description
Table 3. Symbol Pin description Pin SO24, TSSOP24 INT A1 A2 IO0_0 IO0_1 IO0_2 IO0_3 IO0_4 IO0_5 IO0_6 IO0_7 VSS IO1_0 IO1_1 IO1_2 IO1_3 IO1_4 IO1_5 IO1_6 IO1_7 A0 SCL SDA VDD
[1] [2]
Description HVQFN24, HWQFN24 22 23 24 1 2 3 4 5 6 7 8 9[2] 10 11 12 13 14 15 16 17 18 19 20 21 address input 0 serial clock line serial data line supply voltage supply ground port 1 input/output interrupt output (open-drain) address input 1 address input 2 port 0 input/output[1]
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
On the PCA9535 the I/Os are configurable as totem-pole or open-drain, whereas the I/Os on PCA9535C are open-drain only. HVQFN and HWQFN package die supply ground is connected to both the VSS pin and the exposed center pad. The VSS pin must be connected to supply ground for proper device operation. For enhanced thermal, electrical, and board-level performance, the exposed pad needs to be soldered to the board using a corresponding thermal pad on the board, and for proper heat conduction through the board thermal vias need to be incorporated in the PCB in the thermal pad region.
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
5 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
6. Functional description
Refer to Figure 1 "Block diagram of PCA9535; PCA9535C".
6.1 Device address
slave address 0 1 0 0 A2 A1 A0 R/W
fixed
programmable
002aac219
Fig 6. PCA9535; PCA9535C device address
6.2 Registers
6.2.1 Command byte
The command byte is the first byte to follow the address byte during a write transmission. It is used as a pointer to determine which of the following registers will be written or read.
Table 4. Command 0 1 2 3 4 5 6 7 Command byte Register Input port 0 Input port 1 Output port 0 Output port 1 Polarity Inversion port 0 Polarity Inversion port 1 Configuration port 0 Configuration port 1
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
6 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
6.2.2 Registers 0 and 1: Input port registers
This register is an input-only port. It reflects the incoming logic levels of the pins, regardless of whether the pin is defined as an input or an output by Register 3. Writes to this register have no effect. The default value `X' is determined by the externally applied logic level.
Table 5. Bit Symbol Default Table 6. Bit Symbol Default Input port 0 Register 7 I0.7 X 6 I0.6 X 5 I0.5 X 4 I0.4 X 3 I0.3 X 2 I0.2 X 1 I0.1 X 0 I0.0 X
Input port 1 register 7 I1.7 X 6 I1.6 X 5 I1.5 X 4 I1.4 X 3 I1.3 X 2 I1.2 X 1 I1.1 X 0 I1.0 X
6.2.3 Registers 2 and 3: Output port registers
This register is an output-only port. It reflects the outgoing logic levels of the pins defined as outputs by Registers 6 and 7. Bit values in this register have no effect on pins defined as inputs. In turn, reads from this register reflect the value that is in the flip-flop controlling the output selection, not the actual pin value.
Table 7. Bit Symbol Default Table 8. Bit Symbol Default Output port 0 register 7 O0.7 1 6 O0.6 1 5 O0.5 1 4 O0.4 1 3 O0.3 1 2 O0.2 1 1 O0.1 1 0 O0.0 1
Output port 1 register 7 O1.7 1 6 O1.6 1 5 O1.5 1 4 O1.4 1 3 O1.3 1 2 O1.2 1 1 O1.1 1 0 O1.0 1
6.2.4 Registers 4 and 5: Polarity Inversion registers
This register allows the user to invert the polarity of the Input port register data. If a bit in this register is set (written with `1'), the Input port data polarity is inverted. If a bit in this register is cleared (written with a `0'), the Input port data polarity is retained.
Table 9. Bit Symbol Default Table 10. Bit Symbol Default
PCA9535_PCA9535C_3
Polarity Inversion port 0 register 7 N0.7 0 6 N0.6 0 5 N0.5 0 4 N0.4 0 3 N0.3 0 2 N0.2 0 1 N0.1 0 0 N0.0 0
Polarity Inversion port 1 register 7 N1.7 0 6 N1.6 0 5 N1.5 0 4 N1.4 0 3 N1.3 0 2 N1.2 0 1 N1.1 0 0 N1.0 0
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
7 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
6.2.5 Registers 6 and 7: Configuration registers
This register configures the directions of the I/O pins. If a bit in this register is set (written with `1'), the corresponding port pin is enabled as an input with high-impedance output driver. If a bit in this register is cleared (written with `0'), the corresponding port pin is enabled as an output. At reset, the device's ports are inputs.
Table 11. Bit Symbol Default Table 12. Bit Symbol Default Configuration port 0 register 7 C0.7 1 6 C0.6 1 5 C0.5 1 4 C0.4 1 3 C0.3 1 2 C0.2 1 1 C0.1 1 0 C0.0 1
Configuration port 1 register 7 C1.7 1 6 C1.6 1 5 C1.5 1 4 C1.4 1 3 C1.3 1 2 C1.2 1 1 C1.1 1 0 C1.0 1
6.3 Power-on reset
When power is applied to VDD, an internal power-on reset holds the PCA9535/PCA9535C in a reset condition until VDD has reached VPOR. At that point, the reset condition is released and the PCA9535/PCA9535C registers and SMBus state machine will initialize to their default states. Thereafter, VDD must be lowered below 0.2 V to reset the device. For a power reset cycle, VDD must be lowered below 0.2 V and then restored to the operating voltage.
6.4 I/O port
When an I/O is configured as an input on PCA9535, FETs Q1 and Q2 are off, creating a high impedance input. The input voltage may be raised above VDD to a maximum of 5.5 V. In the case of PCA9535C, FET Q1 has been removed and the open-drain FET Q2 will function the same as PCA9535. If the I/O is configured as an output, then on PCA9535 either Q1 or Q2 is on, depending on the state of the Output Port register. Care should be exercised if an external voltage is applied to an I/O configured as an output because of the low-impedance path that exists between the pin and either VDD or VSS.
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
8 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
data from shift register configuration register data from shift register write configuration pulse write pulse D FF CK Q D FF CK output port register input port register D FF read pulse CK Q
Q2 (1)
output port register data VDD
Q1
Q
Q I/O pin VSS
input port register data
to INT polarity inversion register data from shift register write polarity pulse D FF CK
002aac218
Q
polarity inversion register data
At power-on reset, all registers return to default values. (1) PCA9535C I/Os are open-drain only. The portion of the PCA9535 schematic marked inside the dotted line box is not in PCA9535C.
Fig 7. Simplified schematic of I/Os
6.5 Bus transactions
6.5.1 Writing to the port registers
Data is transmitted to the PCA9535/PCA9535C by sending the device address and setting the least significant bit to a logic 0 (see Figure 6 "PCA9535; PCA9535C device address"). The command byte is sent after the address and determines which register will receive the data following the command byte. The eight registers within the PCA9535/PCA9535C are configured to operate as four register pairs. The four pairs are Input Ports, Output Ports, Polarity Inversion Ports, and Configuration Ports. After sending data to one register, the next data byte will be sent to the other register in the pair (see Figure 8 and Figure 9). For example, if the first byte is sent to Output Port 1 (register 3), then the next byte will be stored in Output Port 0 (register 2). There is no limitation on the number of data bytes sent in one write transmission. In this way, each 8-bit register may be updated independently of the other registers.
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
9 of 32
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Product data sheet Rev. 03 -- 4 October 2007
(c) NXP B.V. 2007. All rights reserved. PCA9535_PCA9535C_3
NXP Semiconductors
SCL
1
2
3
4
5
6
7
8
9 command byte A 0 0 0 0 0 0 1 0 A 0.7 acknowledge from slave data to port 0 DATA 0 0.0 A 1.7 acknowledge from slave data to port 1 DATA 1 1.0 A P
slave address SDA S 0 1 0 0 A2 A1 A0 0 R/W
START condition
acknowledge from slave
STOP condition
write to port tv(Q) data out from port 0 tv(Q) data out from port 1 DATA VALID
002aac220
Fig 8. Write to Output Port registers
16-bit I2C-bus and SMBus, low power I/O port with interrupt
SCL
1
2
3
4
5
6
7
8
9 data to register data to register LSB DATA 0 A acknowledge from slave MSB DATA 1 LSB A P command byte A 0 0 0 0 0 1 1 0 A acknowledge from slave
slave address SDA S 0 1 0 0 A2 A1 A0 0 R/W
MSB
PCA9535; PCA9535C
START condition
acknowledge from slave
STOP condition
002aac221
Fig 9. Write to Configuration registers
10 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
6.5.2 Reading the port registers
In order to read data from the PCA9535/PCA9535C, the bus master must first send the PCA9535/PCA9535C address with the least significant bit set to a logic 0 (see Figure 6 "PCA9535; PCA9535C device address"). The command byte is sent after the address and determines which register will be accessed. After a restart, the device address is sent again, but this time the least significant bit is set to a logic 1. Data from the register defined by the command byte will then be sent by the PCA9535/PCA9535C (see Figure 10, Figure 11 and Figure 12). Data is clocked into the register on the falling edge of the acknowledge clock pulse. After the first byte is read, additional bytes may be read but the data will now reflect the information in the other register in the pair. For example, if you read Input Port 1, then the next byte read would be Input Port 0. There is no limitation on the number of data bytes received in one read transmission but the final byte received, the bus master must not acknowledge the data.
slave address SDA S 0 1 0 0 A2 A1 A0 0 R/W acknowledge from slave slave address (cont.) S 0 1 0 0 A2 A1 A0 1 R/W acknowledge from slave A A COMMAND BYTE A (cont.)
START condition
acknowledge from slave data from lower or upper byte of register MSB DATA (first byte) LSB A acknowledge from master MSB DATA (last byte) data from upper or lower byte of register LSB NA P STOP condition
(repeated) START condition
no acknowledge from master
at this moment master-transmitter becomes master-receiver and slave-receiver becomes slave-transmitter
002aac222
Remark: Transfer can be stopped at any time by a STOP condition.
Fig 10. Read from register
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
11 of 32
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Product data sheet Rev. 03 -- 4 October 2007
(c) NXP B.V. 2007. All rights reserved. PCA9535_PCA9535C_3
NXP Semiconductors
SCL
1
2
3
4
5
6
7
8
9 I0.x A 7 6 5 4 3 2 1 0 A 7 6 5 I1.x 4 3 2 1 0 A 7 6 5 I0.x 4 3 2 1 0 A 7 6 5 I1.x 4 3 2 STOP condition 1 0 1 P
slave address SDA S 0 1 0 0 A2 A1 A0 1 R/W acknowledge from slave read from port 0
START condition
acknowledge from master
acknowledge from master
acknowledge from master
non acknowledge from master
data into port 0
read from port 1
data into port 1
16-bit I2C-bus and SMBus, low power I/O port with interrupt
INT tv(INT_N) trst(INT_N)
002aac223
Remark: Transfer of data can be stopped at any moment by a STOP condition. When this occurs, data present at the latest acknowledge phase is valid (output mode). It is assumed that the command byte has previously been set to `00' (read Input Port register).
Fig 11. Read Input Port register, scenario 1
PCA9535; PCA9535C
12 of 32
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Product data sheet Rev. 03 -- 4 October 2007
(c) NXP B.V. 2007. All rights reserved. PCA9535_PCA9535C_3
NXP Semiconductors
SCL
1
2
3
4
5
6
7
8 R/W
9 I0.x A DATA 00 A acknowledge from master th(D) I1.x DATA 10 A acknowledge from master tsu(D) I0.x DATA 03 A acknowledge from master I1.x DATA 12 STOP condition 1 P
slave address SDA S 0 1 0
0 A2 A1 A0 1
START condition
acknowledge from slave
non acknowledge from master
read from port 0
data into port 0
DATA 00
DATA 01 th(D)
DATA 02
DATA 03 tsu(D)
read from port 1
data into port 1
DATA 10
DATA 11
DATA 12
16-bit I2C-bus and SMBus, low power I/O port with interrupt
INT tv(INT_N) trst(INT_N)
002aac224
Remark: Transfer of data can be stopped at any moment by a STOP condition. When this occurs, data present at the latest acknowledge phase is valid (output mode). It is assumed that the command byte has previously been set to `00' (read Input Port register).
Fig 12. Read Input Port register, scenario 2
PCA9535; PCA9535C
13 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
6.5.3 Interrupt output
The open-drain interrupt output is activated when one of the port pins change state and the pin is configured as an input. The interrupt is deactivated when the input returns to its previous state or the Input Port register is read (see Figure 11). A pin configured as an output cannot cause an interrupt. Since each 8-bit port is read independently, the interrupt caused by Port 0 will not be cleared by a read of Port 1 or the other way around. Remark: Changing an I/O from an output to an input may cause a false interrupt to occur if the state of the pin does not match the contents of the Input Port register.
7. Characteristics of the I2C-bus
The I2C-bus is for 2-way, 2-line communication between different ICs or modules. The two lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be connected to a positive supply via a pull-up resistor when connected to the output stages of a device. Data transfer may be initiated only when the bus is not busy.
7.1 Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH period of the clock pulse as changes in the data line at this time will be interpreted as control signals (see Figure 13).
SDA
SCL data line stable; data valid change of data allowed
mba607
Fig 13. Bit transfer
7.1.1 START and STOP conditions
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line while the clock is HIGH is defined as the START condition (S). A LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the STOP condition (P) (see Figure 14.)
SDA
SDA
SCL S START condition P STOP condition
SCL
mba608
Fig 14. Definition of START and STOP conditions
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
14 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
7.2 System configuration
A device generating a message is a `transmitter'; a device receiving is the `receiver'. The device that controls the message is the `master' and the devices which are controlled by the master are the `slaves' (see Figure 15).
SDA SCL MASTER TRANSMITTER/ RECEIVER SLAVE RECEIVER SLAVE TRANSMITTER/ RECEIVER MASTER TRANSMITTER MASTER TRANSMITTER/ RECEIVER I2C-BUS MULTIPLEXER
SLAVE
002aaa966
Fig 15. System configuration
7.3 Acknowledge
The number of data bytes transferred between the START and the STOP conditions from transmitter to receiver is not limited. Each byte of eight bits is followed by one acknowledge bit. The acknowledge bit is a HIGH level put on the bus by the transmitter, whereas the master generates an extra acknowledge related clock pulse. A slave receiver which is addressed must generate an acknowledge after the reception of each byte. Also a master must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The device that acknowledges has to pull down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse; set-up time and hold time must be taken into account. A master receiver must signal an end of data to the transmitter by not generating an acknowledge on the last byte that has been clocked out of the slave. In this event, the transmitter must leave the data line HIGH to enable the master to generate a STOP condition.
data output by transmitter not acknowledge data output by receiver acknowledge SCL from master S START condition 1 2 8 clock pulse for acknowledgement
002aaa987
9
Fig 16. Acknowledgement on the I2C-bus
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
15 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
8. Application design-in information
VDD (5 V) VDD MASTER CONTROLLER SCL SDA
10 k
10 k
10 k
2 k
VDD
100 k (x3)
SUB-SYSTEM 1 (e.g., temp sensor) INT
PCA9535
SCL SDA IO0_0 IO0_1 IO0_2 IO0_3 SUB-SYSTEM 2 (e.g., counter) RESET A ENABLE controlled switch (e.g., CBT device) B IO0_6 IO0_7 IO1_0 IO1_1 IO1_2 IO1_3 IO1_4 IO1_5 IO1_6 IO1_7 VSS SUB-SYSTEM 3 (e.g., alarm system) 10 DIGIT NUMERIC KEYPAD ALARM
INT GND
INT
IO0_4 IO0_5
A2 A1 A0
VDD
002aac225
Device address configured as 1110 100xb for this example. IO0_0, IO0_2, IO0_3 configured as outputs. IO0_1, IO0_4, IO0_5 configured as inputs. IO0_6, IO0_7, and IO1_0 to IO1_7 configured as inputs.
Fig 17. Typical application
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
16 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
8.1 Minimizing IDD when the I/Os are used to control LEDs
When the PCA9535 I/Os are used to control LEDs, they are normally connected to VDD through a resistor as shown in Figure 17. Since the LED acts as a diode, when the LED is off the I/O VI is about 1.2 V less than VDD. The supply current, IDD, increases as VI becomes lower than VDD. Designs needing to minimize current consumption, such as battery power applications, should consider maintaining the I/O pins greater than or equal to VDD when the LED is off. Figure 18 shows a high value resistor in parallel with the LED. Figure 19 shows VDD less than the LED supply voltage by at least 1.2 V. Both of these methods maintain the I/O VI at or above VDD and prevents additional supply current consumption when the LED is off. This concern does not occur in the case of PCA9535C because the I/O pins are open-drain.
VDD
3.3 V
5V
VDD
LED
100 k
VDD
LED
LEDn
LEDn
002aac189
002aac190
Fig 18. High value resistor in parallel with the LED
Fig 19. Device supplied by a lower voltage
9. Limiting values
Table 13. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VDD VI/O IO II IDD ISS Ptot Tstg Tamb Parameter supply voltage voltage on an input/output pin output current input current supply current ground supply current total power dissipation storage temperature ambient temperature operating on an I/O pin Conditions Min -0.5 VSS - 0.5 -65 -40 Max +6.0 6 50 20 160 200 200 +150 +85 Unit V V mA mA mA mA mW C C
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
17 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
10. Static characteristics
Table 14. Static characteristics VDD = 2.3 V to 5.5 V; VSS = 0 V; Tamb = -40 C to +85 C; unless otherwise specified. Symbol Parameter Supplies VDD IDD Istb supply voltage supply current standby current Operating mode; VDD = 5.5 V; no load; fSCL = 100 kHz; I/O = inputs Standby mode; VDD = 5.5 V; no load; VI = VSS; fSCL = 0 kHz; I/O = inputs Standby mode; VDD = 5.5 V; no load; VI = VDD; fSCL = 0 kHz; I/O = inputs VPOR VIL VIH IOL IL Ci I/Os VIL VIH IOL VOH LOW-level input voltage HIGH-level input voltage LOW-level output current HIGH-level output voltage VDD = 2.3 V to 5.5 V; VOL = 0.5 V VDD = 2.3 V to 5.5 V; VOL = 0.7 V PCA9535 only IOH = -8 mA; VDD = 2.3 V IOH = -10 mA; VDD = 2.3 V IOH = -8 mA; VDD = 3.0 V IOH = -10 mA; VDD = 3.0 V IOH = -8 mA; VDD = 4.75 V IOH = -10 mA; VDD = 4.75 V ILIH ILIL Ci Co IOL VIL VIH ILI
[1]
[3] [3] [3] [3] [3] [3] [2] [2]
Conditions
Min 2.3 -0.5 0.7VDD
Typ 135 0.25 0.25 1.5 6 10 14 3.7 3.7 -
Max 5.5 200 1 1 1.65
Unit V A A A V
power-on reset voltage[1] LOW-level input voltage HIGH-level input voltage LOW-level output current leakage current input capacitance
no load; VI = VDD or VSS
Input SCL; input/output SDA +0.3VDD V 5.5 +1 10 V mA A pF
VOL = 0.4 V VI = VDD = VSS VI = VSS
3 -1 -0.5 0.7VDD 8 10 1.8 1.7 2.6 2.5 4.1 4.0 -
+0.3VDD V 5.5 1 -1 5 5 V mA mA V V V V V V A A pF pF mA
HIGH-level input leakage current VDD = 5.5 V; VI = VDD LOW-level input leakage current VDD = 5.5 V; VI = VSS input capacitance output capacitance LOW-level output current LOW-level input voltage HIGH-level input voltage input leakage current
VDD must be lowered to 0.2 V for at least 5 s in order to reset part.
Interrupt INT VOL = 0.4 V 3 -0.5 0.7VDD -1 Select inputs A0, A1, A2 +0.3VDD V 5.5 +1 V A
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
18 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
[2] [3]
Each I/O must be externally limited to a maximum of 25 mA and each octal (IO0_0 to IO0_7 and IO1_0 to IO1_7) must be limited to a maximum current of 100 mA for a device total of 200 mA. The total current sourced by all I/Os must be limited to 160 mA. PCA9535C does not source current and does not have the VOH specification.
11. Dynamic characteristics
Table 15. Symbol Dynamic characteristics Parameter Conditions Standard-mode I2C-bus Min fSCL tBUF tHD;STA tSU;STA tSU;STO tVD;ACK tHD;DAT tVD;DAT tSU;DAT tLOW tHIGH tf tr tSP SCL clock frequency bus free time between a STOP and START condition hold time (repeated) START condition set-up time for a repeated START condition set-up time for STOP condition data valid acknowledge time data hold time data valid time data set-up time LOW period of the SCL clock HIGH period of the SCL clock fall time of both SDA and SCL signals rise time of both SDA and SCL signals pulse width of spikes that must be suppressed by the input filter data output valid time data input set-up time data input hold time valid time on pin INT reset time on pin INT
[4] [2] [1]
Fast-mode I2C-bus Min 0 1.3 0.6 0.6 0.6 0.1 0 50 100 1.3 0.6 20 + 20 + 0.1Cb[3] 0.1Cb[3] Max 400 0.9 300 300 50
Unit
Max 100 3.45 300 1000 50
0 4.7 4.0 4.7 4.0 0.3 0 300 250 4.7 4.0 -
kHz s s s s s ns ns ns s s ns ns ns
Port timing tv(Q) tsu(D) th(D) tv(INT_N) trst(INT_N)
[1] [2] [3] [4]
150 1 -
200 4 4
150 1 -
200 4 4
ns ns s s s
Interrupt timing
tVD;ACK = time for acknowledgement signal from SCL LOW to SDA (out) LOW. tVD;DAT = minimum time for SDA data out to be valid following SCL LOW. Cb = total capacitance of one bus line in pF. tv(Q) measured from 0.7VDD on SCL to 50 % I/O output (PCA9535). For PCA9535C, use load circuit shown in Figure 24 and measure from 0.7VDD on SCL to 30 % I/O output.
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
19 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
SDA tBUF tLOW SCL tr tf tHD;STA tSP
tHD;STA P S tHD;DAT tHIGH tSU;DAT Sr
tSU;STA
tSU;STO P
002aaa986
Fig 20. Definition of timing on the I2C-bus
protocol
START condition (S) tSU;STA
bit 7 MSB (A7) tLOW tHIGH
bit 6 (A6)
bit 0 (R/W)
acknowledge (A)
STOP condition (P)
1/f
SCL
SCL tBUF tr tf
SDA
tHD;STA
tSU;DAT
tHD;DAT
tVD;DAT
tVD;ACK
tSU;STO
002aab175
Rise and fall times refer to VIL and VIH.
Fig 21. I2C-bus timing diagram
SCL tv(Q)
SCL tv(Q)
IOn
IOn
002aad327
Fig 22. tv(Q) timing
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
20 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
12. Test information
VDD open GND
VDD PULSE GENERATOR VI DUT
RT
VO
RL 500
CL 50 pF
002aab284
RL = load resistor. CL = load capacitance includes jig and probe capacitance. RT = termination resistance should be equal to the output impedance of Zo of the pulse generators.
Fig 23. Test circuitry for switching times
RL
S1
from output under test
CL 50 pF
500 RL 500
2VDD open GND
002aac226
Fig 24. Load circuit
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
21 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
13. Package outline
SO24: plastic small outline package; 24 leads; body width 7.5 mm SOT137-1
D
E
A X
c y HE vMA
Z 24 13
Q A2 A1 pin 1 index Lp L 1 e bp 12 wM detail X (A 3) A
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 2.65 0.1 A1 0.3 0.1 A2 2.45 2.25 A3 0.25 0.01 bp 0.49 0.36 c 0.32 0.23 D (1) 15.6 15.2 0.61 0.60 E (1) 7.6 7.4 0.30 0.29 e 1.27 0.05 HE 10.65 10.00 L 1.4 Lp 1.1 0.4 Q 1.1 1.0 0.043 0.039 v 0.25 0.01 w 0.25 0.01 y 0.1 Z
(1)
0.9 0.4
0.012 0.096 0.004 0.089
0.019 0.013 0.014 0.009
0.419 0.043 0.055 0.394 0.016
0.035 0.004 0.016
8 o 0
o
Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. OUTLINE VERSION SOT137-1 REFERENCES IEC 075E05 JEDEC MS-013 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
Fig 25. Package outline SOT137-1 (SO24)
PCA9535_PCA9535C_3 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
22 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
TSSOP24: plastic thin shrink small outline package; 24 leads; body width 4.4 mm
SOT355-1
D
E
A
X
c y HE vMA
Z
24
13
Q A2 pin 1 index A1 (A 3) A
Lp L
1
e bp
12
wM detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.30 0.19 c 0.2 0.1 D (1) 7.9 7.7 E (2) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1 Lp 0.75 0.50 Q 0.4 0.3 v 0.2 w 0.13 y 0.1 Z (1) 0.5 0.2 8o 0o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT355-1 REFERENCES IEC JEDEC MO-153 JEITA EUROPEAN PROJECTION ISSUE DATE 99-12-27 03-02-19
Fig 26. Package outline SOT355-1 (TSSOP24)
PCA9535_PCA9535C_3 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
23 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
HVQFN24: plastic thermal enhanced very thin quad flat package; no leads; 24 terminals; body 4 x 4 x 0.85 mm
SOT616-1
D
B
A
terminal 1 index area A A1 E c
detail X
e1
1/2 e
C b 12 vMCAB wMC 13 e y1 C y
e 7 L 6
Eh
1/2 e
e2
1
18
terminal 1 index area
24 Dh 0
19 X 2.5 scale 5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A(1) max. 1 A1 0.05 0.00 b 0.30 0.18 c 0.2 D (1) 4.1 3.9 Dh 2.25 1.95 E (1) 4.1 3.9 Eh 2.25 1.95 e 0.5 e1 2.5 e2 2.5 L 0.5 0.3 v 0.1 w 0.05 y 0.05 y1 0.1
Note 1. Plastic or metal protrusions of 0.075 mm maximum per side are not included. OUTLINE VERSION SOT616-1 REFERENCES IEC --JEDEC MO-220 JEITA --EUROPEAN PROJECTION ISSUE DATE 01-08-08 02-10-22
Fig 27. Package outline SOT616-1 (HVQFN24)
PCA9535_PCA9535C_3 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
24 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
HWQFN24: plastic thermal enhanced very very thin quad flat package; no leads; 24 terminals; body 4 x 4 x 0.75 mm
SOT994-1
D
B
A
terminal 1 index area E A A1 c
detail X
e1 1/2 e e
7
b
12
v w
M M
CAB C
C y1 C y
L
6 13
e
Eh 1/2 e
1
e2
18
terminal 1 index area
24
19
Dh
X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A(1) max 0.8 A1 0.05 0.00 b 0.30 0.18 c 0.2 D(1) 4.1 3.9 Dh 2.25 1.95 E (1) 4.1 3.9 Eh 2.25 1.95 e 0.5 e1 2.5 e2 2.5 L 0.5 0.3 v 0.1 w 0.05 y 0.05 y1 0.1
Note 1. Plastic or metal protrusions of 0.075 mm maximum per side are not included. OUTLINE VERSION SOT994-1 REFERENCES IEC --JEDEC MO-220 JEITA --EUROPEAN PROJECTION ISSUE DATE 07-02-07 07-03-03
Fig 28. Package outline SOT994-1 (HWQFN24)
PCA9535_PCA9535C_3 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
25 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
14. Handling information
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be completely safe you must take normal precautions appropriate to handling integrated circuits.
15. Soldering
This text provides a very brief insight into a complex technology. A more in-depth account of soldering ICs can be found in Application Note AN10365 "Surface mount reflow soldering description".
15.1 Introduction to soldering
Soldering is one of the most common methods through which packages are attached to Printed Circuit Boards (PCBs), to form electrical circuits. The soldered joint provides both the mechanical and the electrical connection. There is no single soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and Surface Mount Devices (SMDs) are mixed on one printed wiring board; however, it is not suitable for fine pitch SMDs. Reflow soldering is ideal for the small pitches and high densities that come with increased miniaturization.
15.2 Wave and reflow soldering
Wave soldering is a joining technology in which the joints are made by solder coming from a standing wave of liquid solder. The wave soldering process is suitable for the following:
* Through-hole components * Leaded or leadless SMDs, which are glued to the surface of the printed circuit board
Not all SMDs can be wave soldered. Packages with solder balls, and some leadless packages which have solder lands underneath the body, cannot be wave soldered. Also, leaded SMDs with leads having a pitch smaller than ~0.6 mm cannot be wave soldered, due to an increased probability of bridging. The reflow soldering process involves applying solder paste to a board, followed by component placement and exposure to a temperature profile. Leaded packages, packages with solder balls, and leadless packages are all reflow solderable. Key characteristics in both wave and reflow soldering are:
* * * * * *
Board specifications, including the board finish, solder masks and vias Package footprints, including solder thieves and orientation The moisture sensitivity level of the packages Package placement Inspection and repair Lead-free soldering versus PbSn soldering
15.3 Wave soldering
Key characteristics in wave soldering are:
PCA9535_PCA9535C_3 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
26 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
* Process issues, such as application of adhesive and flux, clinching of leads, board
transport, the solder wave parameters, and the time during which components are exposed to the wave
* Solder bath specifications, including temperature and impurities 15.4 Reflow soldering
Key characteristics in reflow soldering are:
* Lead-free versus SnPb soldering; note that a lead-free reflow process usually leads to
higher minimum peak temperatures (see Figure 29) than a PbSn process, thus reducing the process window
* Solder paste printing issues including smearing, release, and adjusting the process
window for a mix of large and small components on one board
* Reflow temperature profile; this profile includes preheat, reflow (in which the board is
heated to the peak temperature) and cooling down. It is imperative that the peak temperature is high enough for the solder to make reliable solder joints (a solder paste characteristic). In addition, the peak temperature must be low enough that the packages and/or boards are not damaged. The peak temperature of the package depends on package thickness and volume and is classified in accordance with Table 16 and 17
Table 16. SnPb eutectic process (from J-STD-020C) Package reflow temperature (C) Volume (mm3) < 350 < 2.5 2.5 Table 17. 235 220 Lead-free process (from J-STD-020C) Package reflow temperature (C) Volume (mm3) < 350 < 1.6 1.6 to 2.5 > 2.5 260 260 250 350 to 2000 260 250 245 > 2000 260 245 245 350 220 220
Package thickness (mm)
Package thickness (mm)
Moisture sensitivity precautions, as indicated on the packing, must be respected at all times. Studies have shown that small packages reach higher temperatures during reflow soldering, see Figure 29.
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
27 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
temperature
maximum peak temperature = MSL limit, damage level
minimum peak temperature = minimum soldering temperature
peak temperature
time
001aac844
MSL: Moisture Sensitivity Level
Fig 29. Temperature profiles for large and small components
For further information on temperature profiles, refer to Application Note AN10365 "Surface mount reflow soldering description".
16. Abbreviations
Table 18. Acronym ACPI CDM CMOS ESD FET GPIO HBM I2C-bus LED MM PCB SMBus Abbreviations Description Advanced Configuration and Power Interface Charged Device Model Complementary Metal Oxide Semiconductor ElectroStatic Discharge Field-Effect Transistor General Purpose Input/Output Human Body Model Inter IC bus Light Emitting Diode Machine Model Printed-Circuit Board System Management Bus
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
28 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
17. Revision history
Table 19. Revision history Release date 20071004 Data sheet status Product data sheet Change notice Supersedes PCA9535_2 Document ID PCA9535_PCA9535C_3 Modifications:
* * * * * *
The format of this data sheet has been redesigned to comply with the new identity guidelines of NXP Semiconductors. Legal texts have been adapted to the new company name where appropriate. Added device PCA9535C Added HWQFN24 (SOT994-1) package option for PCA9535 Figure 1 "Block diagram of PCA9535; PCA9535C": changed text above resistor from "VINT" to "VDD" Section 5 "Pinning information": - changed pin naming convention from "I/O0.n" to "IO0_n" (and "I/O1.n" to "IO1_n") for all input/output port pins - added separate pinning diagrams for SO24, TSSOP24, HVQFN24 and HWQFN24 - Table 3 "Pin description": added Table note 2 and its reference at HVQFN24/HWQFN24 pin 9 (VSS)
* * * * * *
Figure 10 "Read from register": corrected slave address which follows (re)START from "0010,A2,A1,A0" to "0100,A2,A1,A0" Section 6.4 "I/O port": first paragraph rewritten Figure 7 "Simplified schematic of I/Os": added dashed line area and Figure note 1 Figure 17 "Typical application": added pin A2 Section 8.1 "Minimizing IDD when the I/Os are used to control LEDs": rewritten to show difference between PCA9535 and PCA9535C Table 13 "Limiting values": - changed parameter description of VI/O from "DC input current on an I/O" to "voltage on an input/output pin" - changed symbol "II/O, DC output current on an I/O" to "IO, output current" (and added "on I/O pin" under Conditions) - changed parameter description of ISS from "supply current" to "ground supply current"
*
Table 14 "Static characteristics", subsection "I/Os": - symbol VOH: added condition that this test is for PCA9535 only - symbol IOL, condition VOL = 0.5 V: changed Typ value from "(8 to 20) mA" to "10 mA" - symbol IOL, condition VOL = 0.7 V: changed Typ value from "(10 to 24) mA" to "14 mA" - symbol "IIH, input leakage current" changed to "ILIH, HIGH-level input leakage current" - symbol "IIL, input leakage current" changed to "ILIL, LOW-level input leakage current" - Table note 1 modified: added "for at least 5 s" - Table note 3: added second sentence.
*
Table 15 "Dynamic characteristics": - changed symbol "tPV, Output data valid" to" tv(Q), data output valid" - changed symbol "tPS, Input data set-up time" to "tsu(D), data input set-up time" - changed symbol "tPH, Input data hold time" to "th(D), data input hold time" - changed symbol "tIV, Interrupt valid" to "tv(INT_N), valid time on pin INT" - changed symbol "tIR, Interrupt reset" to "trst(INT_N), reset time on pin INT" - (above symbols also updated in Figure 8, Figure 11, Figure 12) - Table note 4 modified (regarding PCA9535C)
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
29 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
Table 19.
Revision history ...continued Release date Data sheet status Change notice Supersedes
Document ID Modifications: (cont.)
* * * *
Added (new) Figure 22 Added Section 15 "Soldering" Section 13 "Package outline": added Figure 28 "Package outline SOT994-1 (HWQFN24)" Added Section 16 "Abbreviations" Product data sheet Product data 853-2430 30019 of 11 June 2003 PCA9535_1 -
PCA9535_2 (9397 750 12896) PCA9535_1 (9397 750 11681)
20040930 20030627
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
30 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
18. Legal information
18.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
18.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
18.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of a NXP Semiconductors product can reasonably be expected to
18.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners. I2C-bus -- logo is a trademark of NXP B.V.
19. Contact information
For additional information, please visit: http://www.nxp.com For sales office addresses, send an email to: salesaddresses@nxp.com
PCA9535_PCA9535C_3
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 -- 4 October 2007
31 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
20. Contents
1 2 3 3.1 4 5 5.1 5.2 6 6.1 6.2 6.2.1 6.2.2 6.2.3 6.2.4 6.2.5 6.3 6.4 6.5 6.5.1 6.5.2 6.5.3 7 7.1 7.1.1 7.2 7.3 8 8.1 9 10 11 12 13 14 15 15.1 15.2 15.3 15.4 16 17 18 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Ordering options . . . . . . . . . . . . . . . . . . . . . . . . 2 Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pinning information . . . . . . . . . . . . . . . . . . . . . . 4 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 5 Functional description . . . . . . . . . . . . . . . . . . . 6 Device address . . . . . . . . . . . . . . . . . . . . . . . . . 6 Registers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Command byte . . . . . . . . . . . . . . . . . . . . . . . . . 6 Registers 0 and 1: Input port registers . . . . . . . 7 Registers 2 and 3: Output port registers. . . . . . 7 Registers 4 and 5: Polarity Inversion registers . 7 Registers 6 and 7: Configuration registers . . . . 8 Power-on reset . . . . . . . . . . . . . . . . . . . . . . . . . 8 I/O port . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Bus transactions . . . . . . . . . . . . . . . . . . . . . . . . 9 Writing to the port registers . . . . . . . . . . . . . . . 9 Reading the port registers . . . . . . . . . . . . . . . 11 Interrupt output . . . . . . . . . . . . . . . . . . . . . . . . 14 Characteristics of the I2C-bus. . . . . . . . . . . . . 14 Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 START and STOP conditions . . . . . . . . . . . . . 14 System configuration . . . . . . . . . . . . . . . . . . . 15 Acknowledge . . . . . . . . . . . . . . . . . . . . . . . . . 15 Application design-in information . . . . . . . . . 16 Minimizing IDD when the I/Os are used to control LEDs . . . . . . . . . . . . . . . . . . . . . . . . 17 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . 17 Static characteristics. . . . . . . . . . . . . . . . . . . . 18 Dynamic characteristics . . . . . . . . . . . . . . . . . 19 Test information . . . . . . . . . . . . . . . . . . . . . . . . 21 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 22 Handling information. . . . . . . . . . . . . . . . . . . . 26 Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 Introduction to soldering . . . . . . . . . . . . . . . . . 26 Wave and reflow soldering . . . . . . . . . . . . . . . 26 Wave soldering . . . . . . . . . . . . . . . . . . . . . . . . 26 Reflow soldering . . . . . . . . . . . . . . . . . . . . . . . 27 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 28 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 29 Legal information. . . . . . . . . . . . . . . . . . . . . . . 31 18.1 18.2 18.3 18.4 19 20 Data sheet status . . . . . . . . . . . . . . . . . . . . . . Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . Disclaimers. . . . . . . . . . . . . . . . . . . . . . . . . . . Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . Contact information . . . . . . . . . . . . . . . . . . . . Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 31 31 31 31 32
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2007.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 4 October 2007 Document identifier: PCA9535_PCA9535C_3


▲Up To Search▲   

 
Price & Availability of PCA9535HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X