Part Number Hot Search : 
30KPA51A LMT393N LSZ51A HERA803G 00003 FZT751 HERA803G 10E15
Product Description
Full Text Search
 

To Download PBK2H-1212L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OPEN FRAME & ENCLOSED
PBK2H Series
70W MOBILE CONVERTERS
Features
* * * * * * * Input/output isolated Efficient, typically 80-85% Input/Output via screw/clamp terminal block Fully regulated output voltage Short circuit protection Reverse polarity protection Input voltage transient protection
Specifications
INPUT
Input voltage 12VDc (10-14-4) 24-48VDc (21-60) 72-110VDc (60-132)
ENVIRONMENTAL
Operating temperature Derating Storage temperature Humidity See table 10% or nominal 1% pk-pk <0.7%, 0%-100% load change <0.5% over input range Self resetting on overload Fuse protected Connections Cooling 0C to 40C at full load Derate 50% linearly to 50C -25C to 85C Up to 85% non condensing Convection cooled
OUTPUT
Output voltage Output voltage adjustment Ripple & noise Load regulation Line regulation Current limiting Short circuit protection
MECHANICAL
Dimensions Weight Mounting 180x76x35mm 600g Prepared holes, M5 164x66mm centres and threaded holes M3 164x46mm centres Terminal block screw clamp max. wire 4mm2
OPERATING
Efficiency Isolation 80%-85% Input - Output: 1000VDC; Input - Ground: 1000VDC; Output - Ground: 1000VDC
Selection Table
MODEL VOLTAGE VOLTAGE PRESET VOLTS ADJ CONT NUMBER NOMINAL RANGE VOLTS RANGE AMPS
PBK2H-1212L PBK2H-1224L PBK2H-1248L PBK2H-3612L PBK2H-3624L 12 12 12 24..48 24..48 24 72..110 72..110 72..110 10 - 14.4 10 - 14.4 10 - 14.4 21 - 60 21 - 60 21 - 60 60 - 132 60 - 132 60 - 132 13.8 24.0 48.0 13.8 24.0 48.0 13.8 24.0 48.0 11.8 - 14.0 23.5 - 28.0 47.0 - 56.0 11.8 - 14.0 23.5 - 28.0 47.0 - 56.0 11.8 - 14.0 23.5 - 28.0 47.0 - 56.0 5.0 3.0 1.5 5.0 3.0 1.5 5.0 3.0 1.5
STANDARDS AND APPROVALS
C-Tick EMI standards AS/NZS CISPR11 Group 1, Class A CISPR 22 compliant
PBK2H
PBK2H-2448L PBK2H-9012L PBK2H-9024L PBK2H-9048L
Your dependable power partner - www.powerbox.com.au
109


▲Up To Search▲   

 
Price & Availability of PBK2H-1212L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X